Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6608CB-T Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL6608CB-T
Description  Synchronous Rectified MOSFET Driver with Pre-Biased Load Startup Capability
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6608CB-T Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL6608CB-T Datasheet HTML 3Page - Intersil Corporation ISL6608CB-T Datasheet HTML 4Page - Intersil Corporation ISL6608CB-T Datasheet HTML 5Page - Intersil Corporation ISL6608CB-T Datasheet HTML 6Page - Intersil Corporation ISL6608CB-T Datasheet HTML 7Page - Intersil Corporation ISL6608CB-T Datasheet HTML 8Page - Intersil Corporation ISL6608CB-T Datasheet HTML 9Page - Intersil Corporation ISL6608CB-T Datasheet HTML 10Page - Intersil Corporation ISL6608CB-T Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
Diode Emulation
Diode emulation allows for higher converter efficiency under
light-load situations. With diode emulation active
(FCCM = LO), the ISL6608 will detect the zero current
crossing of the output inductor and turn off LGATE. This
ensures that discontinuous conduction mode (DCM) is
achieved. This prevents the low side MOSFET from sinking
current, and no negative spike at the output is generated
during pre-biased startup (See Figure 7 on page 7). The
LGATE has a minimum ON time of 400ns in DCM mode.
Diode emulation is asynchronous to the PWM signal.
Therefore, the ISL6608 responds to the FCCM input
immediately after it changes state. Refer to Figures 2 to 7 on
page 7 for details.
Intersil does not recommend Diode Emulation used with the
rDS(ON) of the freewheeling MOSFET current sensing
topology. The turn-OFF of the low side MOSFET forces the
forward current going through the body diode of the
MOSFET. If the current sampling circuit of the controller is
activated during the body diode conduction, a diode voltage
drop, instead of a much smaller MOSFET’s rDS(ON) voltage
drop, is sampled. This will falsely trigger the over current
protection function of the controller.
The ISL6608 works with DCR, upper MOSFET, or power
resistor current sensing topologies to start up from pre-
biased load with no problem.
Three-State PWM Input
A unique feature of the ISL6608 and other Intersil drivers is
the addition of a shutdown window to the PWM input. If the
PWM signal enters and remains within the shutdown window
for a set holdoff time (typically 160ns), the output drivers are
disabled and both MOSFET gates are pulled and held low.
The shutdown state is removed when the PWM signal
moves outside the shutdown window. Otherwise, the PWM
rising and falling thresholds outlined in the ELECTRICAL
SPECIFICATIONS determine when the lower and upper
gates are enabled.
Adaptive Shoot-Through Protection
Both drivers incorporate adaptive shoot-through protection
to prevent upper and lower MOSFETs from conducting
simultaneously and shorting the input supply. This is
accomplished by ensuring the falling gate has turned off one
MOSFET before the other is allowed to turn on.
During turn-off of the lower MOSFET, the LGATE voltage is
monitored until it reaches a 1V threshold, at which time the
UGATE is released to rise. Adaptive shoot-through circuitry
monitors the upper MOSFET gate-to-source voltage during
UGATE turn-off. Once the upper MOSFET gate-to-source
voltage has dropped below a threshold of 1V, the LGATE is
allowed to rise.
Internal Bootstrap Diode
This driver features an internal bootstrap Schottky diode.
Simply adding an external capacitor across the BOOT and
PHASE pins completes the bootstrap circuit. The bootstrap
capacitor must have a maximum voltage rating above VCC +
5V and its capacitance value can be chosen from the
following equation:
where QG1 is the amount of gate charge per upper MOSFET
at VGS1 gate-source voltage and NQ1 is the number of
control MOSFETs. The
∆VBOOT term is defined as the
allowable droop in the rail of the upper drive. The previous
relationship is illustrated in Figure 8.
As an example, suppose an upper MOSFET has a gate
charge, QGATE, of 65nC at 5V and also assume the droop in
the drive voltage over a PWM cycle is 200mV. One will find
that a bootstrap capacitance of at least 0.125
µF is required.
The next larger standard value capacitance is 0.15
µF. A
good quality ceramic capacitor is recommended.
CBOOT
QGATE
∆V
BOOT
------------------------
QGATE
QG1 VCC
VGS1
------------------------------- NQ1
=
FIGURE 8. BOOTSTRAP CAPACITANCE vs BOOT RIPPLE
VOLTAGE
20nC
∆VBOOT_CAP (V)
2.0
1.6
1.4
1.0
0.8
0.6
0.4
0.2
0.0
0.3
0.0
0.1
0.2
0.4
0.5
0.6
0.9
0.7
0.8
1.0
QGATE = 100nC
1.2
1.8
ISL6608


Similar Part No. - ISL6608CB-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6608CB-T INTERSIL-ISL6608CB-T Datasheet
332Kb / 11P
   Synchronous Rectified MOSFET Driver
logo
Renesas Technology Corp
ISL6608CB-T RENESAS-ISL6608CB-T Datasheet
611Kb / 11P
   Synchronous Rectified MOSFET Driver with Pre-Biased Load Startup Capability
More results

Similar Description - ISL6608CB-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6608 RENESAS-ISL6608 Datasheet
611Kb / 11P
   Synchronous Rectified MOSFET Driver with Pre-Biased Load Startup Capability
logo
Intersil Corporation
ISL6540A INTERSIL-ISL6540A Datasheet
448Kb / 22P
   Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability
ISL6540 INTERSIL-ISL6540_06 Datasheet
521Kb / 20P
   Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability
ISL6540 INTERSIL-ISL6540 Datasheet
438Kb / 20P
   Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability
logo
Renesas Technology Corp
ISL6540A RENESAS-ISL6540A Datasheet
1,001Kb / 22P
   Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability
ISL6540 RENESAS-ISL6540 Datasheet
438Kb / 20P
   Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability
July 23, 2008
logo
Intersil Corporation
ISL6609CBZ INTERSIL-ISL6609CBZ Datasheet
1Mb / 12P
   Synchronous Rectified MOSFET Driver
April 27, 2009
ISL6605CB INTERSIL-ISL6605CB Datasheet
266Kb / 9P
   Synchronous Rectified MOSFET Driver
May 9, 2006
ISL6605 INTERSIL-ISL6605_06 Datasheet
272Kb / 9P
   Synchronous Rectified MOSFET Driver
ISL6605 INTERSIL-ISL6605 Datasheet
302Kb / 9P
   Synchronous Rectified MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com