Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6608CRZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL6608CRZ
Description  Synchronous Rectified MOSFET Driver with Pre-Biased Load Startup Capability
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6608CRZ Datasheet(HTML) 4 Page - Intersil Corporation

  ISL6608CRZ Datasheet HTML 1Page - Intersil Corporation ISL6608CRZ Datasheet HTML 2Page - Intersil Corporation ISL6608CRZ Datasheet HTML 3Page - Intersil Corporation ISL6608CRZ Datasheet HTML 4Page - Intersil Corporation ISL6608CRZ Datasheet HTML 5Page - Intersil Corporation ISL6608CRZ Datasheet HTML 6Page - Intersil Corporation ISL6608CRZ Datasheet HTML 7Page - Intersil Corporation ISL6608CRZ Datasheet HTML 8Page - Intersil Corporation ISL6608CRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
tiAbsolute Maximum Ratings
Thermal Information
Supply Voltage (VCC) . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 7V
BOOT Voltage (VBOOT). . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 22V
Phase Voltage (VPHASE) (Note 1) . . . VBOOT - 7V to VBOOT + 0.3V
Input Voltage (VDE, VPWM) . . . . . . . . . . . . . . . -0.3V to VCC + 0.3V
UGATE. . . . . . . . . . . . . . . . . . . . . . VPHASE - 0.3V to VBOOT + 0.3V
LGATE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VCC + 0.3V
Ambient Temperature Range . . . . . . . . . . . . . . . . . . .-40°C to 125°C
Recommended Operating Conditions
Ambient Temperature Range . . . . . . . . . . . . . . . . . . . .-40°C to 85°C
Maximum Operating Junction Temperature. . . . . . . . . . . . . . 125
°C
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5V
±10%
Thermal Resistance (Typical, Notes 2, 3, 4)
θJA (°C/W) θJC (°C/W)
SOIC Package (Note 2) . . . . . . . . . . . .
110
n/a
QFN Package (Notes 3, 4). . . . . . . . . .
82
16
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300°C
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. The Phase Voltage is capable of withstanding -7V when the BOOT pin is at GND.
2.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
3.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
4. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
5. Guaranteed by design, not tested.
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Noted
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC SUPPLY CURRENT
Bias Supply Current
IVCC
PWM Pin Floating, VVCC = 5V
-
80
-
µA
POWER-ON RESET (POR)
VCC Rising
-
3.40
4.00
V
VCC Falling
TA = 0°C to 70°C
2.40
2.90
-
V
TA = -40°C to 85°C
2.175
2.90
-
V
Hysteresis
-
500
-
mV
BOOTSTRAP DIODE
Forward Voltage
VF
VVCC = 5V, IF = 2mA
0.40
0.52
0.62
V
PWM INPUT
Input Current
IPWM
VPWM = 5V
-
250
-
µA
VPWM = 0V
-
-250
-
µA
PWM Three-State Rising Threshold
VVCC = 5V
0.80
1.00
1.20
V
PWM Three-State Falling Threshold
VVCC = 5V, TA = 0°C to 70°C
3.40
3.65
3.90
V
VVCC = 5V, TA = -40°C to 85°C
3.05
3.65
4.10
V
VVCC = 5.5V
-
-
4.55
V
Three-State Shutdown Holdoff Time
tTSSHD
VVCC = 5V, TA = 0°C to 70°C
100
160
250
ns
VVCC = 5V, TA = -40°C to 85°C
80
160
250
ns
FORCED CONTINUOUS CONDUCTION MODE (FCCM) INPUT
FCCM LOW Threshold
0.50
-
-
V
FCCM HIGH Threshold
TA = 0°C to 70°C
-
-
2.00
V
TA = -40°C to 85°C
-
-
2.05
V
ISL6608


Similar Part No. - ISL6608CRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6608CRZ INTERSIL-ISL6608CRZ Datasheet
332Kb / 11P
   Synchronous Rectified MOSFET Driver
logo
Renesas Technology Corp
ISL6608CRZ RENESAS-ISL6608CRZ Datasheet
611Kb / 11P
   Synchronous Rectified MOSFET Driver with Pre-Biased Load Startup Capability
logo
Intersil Corporation
ISL6608CRZ-T INTERSIL-ISL6608CRZ-T Datasheet
332Kb / 11P
   Synchronous Rectified MOSFET Driver
logo
Renesas Technology Corp
ISL6608CRZ-T RENESAS-ISL6608CRZ-T Datasheet
611Kb / 11P
   Synchronous Rectified MOSFET Driver with Pre-Biased Load Startup Capability
More results

Similar Description - ISL6608CRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6608 RENESAS-ISL6608 Datasheet
611Kb / 11P
   Synchronous Rectified MOSFET Driver with Pre-Biased Load Startup Capability
logo
Intersil Corporation
ISL6540A INTERSIL-ISL6540A Datasheet
448Kb / 22P
   Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability
ISL6540 INTERSIL-ISL6540_06 Datasheet
521Kb / 20P
   Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability
ISL6540 INTERSIL-ISL6540 Datasheet
438Kb / 20P
   Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability
logo
Renesas Technology Corp
ISL6540A RENESAS-ISL6540A Datasheet
1,001Kb / 22P
   Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability
ISL6540 RENESAS-ISL6540 Datasheet
438Kb / 20P
   Single-Phase Buck PWM Controller with Integrated High Speed MOSFET Driver and Pre-Biased Load Capability
July 23, 2008
logo
Intersil Corporation
ISL6609CBZ INTERSIL-ISL6609CBZ Datasheet
1Mb / 12P
   Synchronous Rectified MOSFET Driver
April 27, 2009
ISL6605CB INTERSIL-ISL6605CB Datasheet
266Kb / 9P
   Synchronous Rectified MOSFET Driver
May 9, 2006
ISL6605 INTERSIL-ISL6605_06 Datasheet
272Kb / 9P
   Synchronous Rectified MOSFET Driver
ISL6605 INTERSIL-ISL6605 Datasheet
302Kb / 9P
   Synchronous Rectified MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com