Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6611ACRZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL6611ACRZ
Description  Phase Doubler with Integrated Drivers and Phase Shedding Function
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6611ACRZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL6611ACRZ Datasheet HTML 6Page - Intersil Corporation ISL6611ACRZ Datasheet HTML 7Page - Intersil Corporation ISL6611ACRZ Datasheet HTML 8Page - Intersil Corporation ISL6611ACRZ Datasheet HTML 9Page - Intersil Corporation ISL6611ACRZ Datasheet HTML 10Page - Intersil Corporation ISL6611ACRZ Datasheet HTML 11Page - Intersil Corporation ISL6611ACRZ Datasheet HTML 12Page - Intersil Corporation ISL6611ACRZ Datasheet HTML 13Page - Intersil Corporation ISL6611ACRZ Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
FN6881.1
August 28, 2012
pins completes the bootstrap circuit. The ISL6611A’s internal
bootstrap resistor is designed to reduce the overcharging of
the bootstrap capacitor when exposed to excessively large
negative voltage swing at the PHASE node. Typically, such
large negative excursions occur in high current applications
that use D2-PAK and D-PAK MOSFETs or excessive layout
parasitic inductance. Equation 1 helps select a proper
bootstrap capacitor size:
where QG1 is the amount of gate charge per upper MOSFET
at VGS1 gate-source voltage and NQ1 is the number of
control MOSFETs. The
ΔVBOOT_CAP term is defined as the
allowable droop in the rail of the upper gate drive.
As an example, suppose two HAT2168 FETs are chosen as
the upper MOSFETs. The gate charge, QG, from the data
sheet is 12nC at 5V (VGS) gate-source voltage. Then the
QGATE is calculated to be 26.4nC at 5.5V PVCC level. We
will assume a 100mV droop in drive voltage over the PWM
cycle. We find that a bootstrap capacitance of at least
0.264µF is required. The next larger standard value
capacitance is 0.33µF. A good quality ceramic capacitor is
recommended.
Power Dissipation
Package power dissipation is mainly a function of the
switching frequency (FSW), the output drive impedance, the
external gate resistance, and the selected MOSFET’s
internal gate resistance and total gate charge. Calculating
the power dissipation in the driver for a desired application is
critical to ensure safe operation. Exceeding the maximum
allowable power dissipation level will push the IC beyond the
maximum recommended operating junction temperature of
+125°C. The maximum allowable IC power dissipation for
the 4x4 QFN package, with an exposed heat escape pad, is
around 2W. See “Layout Considerations” on page 12 for
thermal transfer improvement suggestions. When designing
the driver into an application, it is recommended that the
following calculation is used to ensure safe operation at the
desired frequency for the selected MOSFETs. The total gate
drive power losses due to the gate charge of MOSFETs and
the driver’s internal circuitry and their corresponding average
driver current can be estimated with Equations 2 and 3,
respectively,
where the gate charge (QG1 and QG2) is defined at a
particular gate to source voltage (VGS1and VGS2) in the
corresponding MOSFET datasheet; IQ is the driver’s total
quiescent current with no load at both drive outputs; NQ1
and NQ2 are number of upper and lower MOSFETs,
respectively. The factor 2 is the number of active channels.
The IQ VCC product is the quiescent power of the driver
without capacitive load.
The total gate drive power losses are dissipated among the
resistive components along the transition path. The drive
resistance dissipates a portion of the total gate drive power
losses, the rest will be dissipated by the external gate
resistors (RG1 and RG2, should be a short to avoid
interfering with the operation shoot-through protection
circuitry) and the internal gate resistors (RGI1 and RGI2) of
MOSFETs. Figures 3 and 4 show the typical upper and lower
gate drives turn-on transition path. The power dissipation on
the driver can be roughly estimated as Equation 4:
C
BOOT_CAP
Q
GATE
ΔV
BOOT_CAP
--------------------------------------
Q
GATE
Q
G1
PVCC
V
GS1
------------------------------------
N
Q1
=
(EQ. 1)
50nC
20nC
FIGURE 2. BOOTSTRAP CAPACITANCE vs BOOT RIPPLE
VOLTAGE
ΔV
BOOT (V)
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
0.3
0.0
0.1
0.2
0.4
0.5
0.6
0.9
0.7
0.8
1.0
QGATE = 100nC
1.8
2.0
(EQ. 2)
P
Qg_Q1
Q
G1
PVCC2
V
GS1
---------------------------------------
F
SW
N
Q1
=
P
Qg_Q2
Q
G2
PVCC2
V
GS2
---------------------------------------
F
SW
N
Q2
=
P
Qg_TOT
2P
Qg_Q1
P
Qg_Q2
+
()
I
Q
VCC
+
=
(EQ. 3)
I
DR
2
Q
G1
N
Q1
V
GS1
------------------------------
Q
G2
N
Q2
V
GS2
------------------------------
+
⎝⎠
⎜⎟
⎛⎞
F
SW
I
Q
+
=
(EQ. 4)
P
DR_UP
R
HI1
R
HI1
R
EXT1
+
--------------------------------------
R
LO1
R
LO1
R
EXT1
+
----------------------------------------
+
⎝⎠
⎜⎟
⎛⎞ P
Qg_Q1
2
---------------------
=
P
DR_LOW
R
HI2
R
HI2
R
EXT2
+
--------------------------------------
R
LO2
R
LO2
R
EXT2
+
----------------------------------------
+
⎝⎠
⎜⎟
⎛⎞ P
Qg_Q2
2
---------------------
=
R
EXT2
R
G1
R
GI1
N
Q1
-------------
+
=
R
EXT2
R
G2
R
GI2
N
Q2
-------------
+
=
P
DR
2P
DR_UP
P
DR_LOW
+
()
I
Q
VCC
+
=
ISL6611A


Similar Part No. - ISL6611ACRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6611ACRZ INTERSIL-ISL6611ACRZ Datasheet
303Kb / 14P
   Phase Doubler with Integrated Drivers Phase Doubler with Integrated Drivers
ISL6611ACRZ INTERSIL-ISL6611ACRZ Datasheet
230Kb / 14P
   Phase Doubler with Integrated Drivers and Phase Shedding Function
logo
Renesas Technology Corp
ISL6611ACRZ RENESAS-ISL6611ACRZ Datasheet
672Kb / 14P
   Phase Doubler with Integrated Drivers and Phase Shedding Function
More results

Similar Description - ISL6611ACRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6611A RENESAS-ISL6611A Datasheet
672Kb / 14P
   Phase Doubler with Integrated Drivers and Phase Shedding Function
logo
Intersil Corporation
ISL6611A INTERSIL-ISL6611A_13 Datasheet
230Kb / 14P
   Phase Doubler with Integrated Drivers and Phase Shedding Function
ISL6611A INTERSIL-ISL6611A Datasheet
303Kb / 14P
   Phase Doubler with Integrated Drivers Phase Doubler with Integrated Drivers
logo
Renesas Technology Corp
ISL6617 RENESAS-ISL6617 Datasheet
825Kb / 15P
   PWM Doubler with Phase Shedding Function and Output Monitoring Feature
logo
Intersil Corporation
ISL6617CRZ INTERSIL-ISL6617CRZ Datasheet
633Kb / 15P
   PWM Doubler with Phase Shedding Function and Output Monitoring Feature
February 4, 2010
logo
Microchip Technology
MIC21LV33 MICROCHIP-MIC21LV33 Datasheet
3Mb / 54P
   36V Dual Phase, Advanced COT Buck Controller with HyperLight Load짰 and Phase Shedding
02/28/20
logo
Richtek Technology Corp...
RT8886A RICHTEK-RT8886A Datasheet
649Kb / 45P
   2-Phase Controller with Dual Integrated Drivers
logo
Renesas Technology Corp
ISL78227 RENESAS-ISL78227 Datasheet
4Mb / 45P
   2-Phase Boost Controller with Integrated Drivers
Oct 22, 2021
logo
Microchip Technology
MIC2133 MICROCHIP-MIC2133 Datasheet
2Mb / 50P
   75V Dual Phase, Advanced COT Buck Controller with Selectable Droop Feature and Phase Shedding
Revision B / July 2022
logo
Intersil Corporation
ISL78227 INTERSIL-ISL78227 Datasheet
1Mb / 43P
   2-Phase Boost Controller with Integrated Drivers
February 24, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com