Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6609ACBZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6609ACBZ
Description  Synchronous Rectified MOSFET Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6609ACBZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL6609ACBZ Datasheet HTML 2Page - Intersil Corporation ISL6609ACBZ Datasheet HTML 3Page - Intersil Corporation ISL6609ACBZ Datasheet HTML 4Page - Intersil Corporation ISL6609ACBZ Datasheet HTML 5Page - Intersil Corporation ISL6609ACBZ Datasheet HTML 6Page - Intersil Corporation ISL6609ACBZ Datasheet HTML 7Page - Intersil Corporation ISL6609ACBZ Datasheet HTML 8Page - Intersil Corporation ISL6609ACBZ Datasheet HTML 9Page - Intersil Corporation ISL6609ACBZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
FN9221.2
April 27, 2009
Functional Pin Description
Note: Pin numbers refer to the SOIC package. Check
diagram for corresponding QFN pinout.
UGATE (Pin 1)
Upper gate drive output. Connect to gate of high-side
N-Channel power MOSFET. A gate resistor is never
recommended on this pin, as it interferes with the operation
shoot-through protection circuitry.
BOOT (Pin 2)
Floating bootstrap supply pin for the upper gate drive.
Connect a bootstrap capacitor between this pin and the
PHASE pin. The bootstrap capacitor provides the charge
used to turn on the upper MOSFET. See “Bootstrap
Considerations” on page 7 for guidance in choosing the
appropriate capacitor value.
PWM (Pin 3)
The PWM signal is the control input for the driver. The PWM
signal can enter three distinct states during operation, see
“Three-State PWM Input” on page 7 for further details. Connect
this pin to the PWM output of the controller.
GND (Pin 4)
Ground pin. All signals are referenced to this node.
LGATE (Pin 5)
Lower gate drive output. Connect to gate of the low side
N-Channel power MOSFET. A gate resistor is never
recommended on this pin, as it interferes with the operation
shoot-through protection circuitry.
VCC (Pin 6)
Connect this pin to a +5V bias supply. Locally bypass with a
high quality ceramic capacitor to ground.
EN (Pin 7)
Enable input pin. Connect this pin high to enable and low to
disable the driver.
PHASE (Pin 8)
Connect this pin to the source of the upper MOSFET. This
pin provides the return path for the upper gate driver current.
Thermal Pad (in QFN only)
The metal pad underneath the center of the IC is a thermal
substrate. The PCB “thermal land” design for this exposed
die pad should include vias that drop down and connect to
one or more buried copper plane(s). This combination of
vias for vertical heat escape and buried planes for heat
spreading allows the QFN to achieve its full thermal
potential. This pad should be either grounded or floating,
and it should not be connected to other nodes. Refer to
TB389 for design guidelines.
UGATE Turn-On Propagation Delay
tPDHU
VVCC = 5V, Outputs Unloaded
-
18
-
ns
LGATE Turn-On Propagation Delay
tPDHL
VVCC = 5V, Outputs Unloaded
-
23
-
ns
Three-state to UG/LG Rising Propagation
Delay
tPTS
VVCC = 5V, Outputs Unloaded
-
20
-
ns
OUTPUT
Upper Drive Source Resistance
RUG_SRC
250mA Source Current
-
1.0
2.5
Ω
Upper Drive Sink Resistance
RUG_SNK
250mA Sink Current
-
1.0
2.5
Ω
Lower Drive Source Resistance
RLG_SRC
250mA Source Current
-
1.0
2.5
Ω
Lower Drive Sink Resistance
RLG_SNK
250mA Sink Current
-
0.4
1.0
Ω
NOTE:
4. Limits established by characterization and are not production tested
Electrical Specifications
These specifications apply for TA = -40°C to 100°C, unless otherwise noted. Parameters with MIN and/or MAX
limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL6609, ISL6609A


Similar Part No. - ISL6609ACBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6609ACBZ INTERSIL-ISL6609ACBZ Datasheet
330Kb / 11P
   Synchronous Rectified MOSFET Driver
ISL6609ACBZ INTERSIL-ISL6609ACBZ Datasheet
1Mb / 12P
   Synchronous Rectified MOSFET Driver
logo
Renesas Technology Corp
ISL6609ACBZ RENESAS-ISL6609ACBZ Datasheet
1Mb / 12P
   Synchronous Rectified MOSFET Driver
logo
Intersil Corporation
ISL6609ACBZ-T INTERSIL-ISL6609ACBZ-T Datasheet
1Mb / 12P
   Synchronous Rectified MOSFET Driver
logo
Renesas Technology Corp
ISL6609ACBZ-T RENESAS-ISL6609ACBZ-T Datasheet
1Mb / 12P
   Synchronous Rectified MOSFET Driver
More results

Similar Description - ISL6609ACBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6605CB INTERSIL-ISL6605CB Datasheet
266Kb / 9P
   Synchronous Rectified MOSFET Driver
May 9, 2006
ISL6605 INTERSIL-ISL6605_06 Datasheet
272Kb / 9P
   Synchronous Rectified MOSFET Driver
ISL6605 INTERSIL-ISL6605 Datasheet
302Kb / 9P
   Synchronous Rectified MOSFET Driver
ISL6596 INTERSIL-ISL6596 Datasheet
222Kb / 11P
   Synchronous Rectified MOSFET Driver
ISL6596CBZ INTERSIL-ISL6596CBZ Datasheet
219Kb / 11P
   Synchronous Rectified MOSFET Driver
January 22, 2010
logo
Renesas Technology Corp
ISL6596 RENESAS-ISL6596 Datasheet
689Kb / 13P
   Synchronous Rectified MOSFET Driver
logo
Intersil Corporation
ISL6608 INTERSIL-ISL6608 Datasheet
332Kb / 11P
   Synchronous Rectified MOSFET Driver
ISL6609 INTERSIL-ISL6609_06 Datasheet
330Kb / 11P
   Synchronous Rectified MOSFET Driver
ISL6609 INTERSIL-ISL6609 Datasheet
1Mb / 12P
   Synchronous Rectified MOSFET Driver
logo
Renesas Technology Corp
ISL6605 RENESAS-ISL6605 Datasheet
562Kb / 10P
   Synchronous Rectified MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com