Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6620CBZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL6620CBZ
Description  VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6620CBZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL6620CBZ Datasheet HTML 2Page - Intersil Corporation ISL6620CBZ Datasheet HTML 3Page - Intersil Corporation ISL6620CBZ Datasheet HTML 4Page - Intersil Corporation ISL6620CBZ Datasheet HTML 5Page - Intersil Corporation ISL6620CBZ Datasheet HTML 6Page - Intersil Corporation ISL6620CBZ Datasheet HTML 7Page - Intersil Corporation ISL6620CBZ Datasheet HTML 8Page - Intersil Corporation ISL6620CBZ Datasheet HTML 9Page - Intersil Corporation ISL6620CBZ Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN6494.0
April 25, 2008
ISL6620, ISL6620A
Small Outline Plastic Packages (SOIC)
INDEX
AREA
E
D
N
12
3
-B-
0.25(0.010)
C A
M
BS
e
-A-
L
B
M
-C-
A1
A
SEATING PLANE
0.10(0.004)
h x 45°
C
H
0.25(0.010)
B
M
M
α
NOTES:
1. Symbols are defined in the “MO Series Symbol List” in Section 2.2 of
Publication Number 95.
2. Dimensioning and tolerancing per ANSI Y14.5M-1982.
3. Dimension “D” does not include mold flash, protrusions or gate burrs.
Mold flash, protrusion and gate burrs shall not exceed 0.15mm (0.006
inch) per side.
4. Dimension “E” does not include interlead flash or protrusions. Inter-
lead flash and protrusions shall not exceed 0.25mm (0.010 inch) per
side.
5. The chamfer on the body is optional. If it is not present, a visual index
feature must be located within the crosshatched area.
6. “L” is the length of terminal for soldering to a substrate.
7. “N” is the number of terminal positions.
8. Terminal numbers are shown for reference only.
9. The lead width “B”, as measured 0.36mm (0.014 inch) or greater
above the seating plane, shall not exceed a maximum value of
0.61mm (0.024 inch).
10. Controlling dimension: MILLIMETER. Converted inch dimensions
are not necessarily exact.
M8.15 (JEDEC MS-012-AA ISSUE C)
8 LEAD NARROW BODY SMALL OUTLINE PLASTIC PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.0532
0.0688
1.35
1.75
-
A1
0.0040
0.0098
0.10
0.25
-
B
0.013
0.020
0.33
0.51
9
C
0.0075
0.0098
0.19
0.25
-
D
0.1890
0.1968
4.80
5.00
3
E
0.1497
0.1574
3.80
4.00
4
e
0.050 BSC
1.27 BSC
-
H
0.2284
0.2440
5.80
6.20
-
h
0.0099
0.0196
0.25
0.50
5
L
0.016
0.050
0.40
1.27
6
N8
8
7
α
-
Rev. 1 6/05


Similar Part No. - ISL6620CBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6620CBZ INTERSIL-ISL6620CBZ Datasheet
226Kb / 10P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
logo
Renesas Technology Corp
ISL6620CBZ RENESAS-ISL6620CBZ Datasheet
536Kb / 10P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
More results

Similar Description - ISL6620CBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6622A RENESAS-ISL6622A Datasheet
569Kb / 11P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
logo
Intersil Corporation
ISL6622B INTERSIL-ISL6622B Datasheet
259Kb / 11P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
ISL6620 INTERSIL-ISL6620 Datasheet
226Kb / 10P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
logo
Renesas Technology Corp
ISL6620 RENESAS-ISL6620 Datasheet
536Kb / 10P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
ISL6622 RENESAS-ISL6622 Datasheet
629Kb / 12P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
ISL6622B RENESAS-ISL6622B Datasheet
657Kb / 11P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
March 19, 2009
logo
Intersil Corporation
ISL6622ACBZ INTERSIL-ISL6622ACBZ Datasheet
239Kb / 11P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
March 19, 2009
ISL6622A INTERSIL-ISL6622A Datasheet
238Kb / 11P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
ISL6622 INTERSIL-ISL6622 Datasheet
271Kb / 12P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
ISL6627CRZ INTERSIL-ISL6627CRZ Datasheet
343Kb / 11P
   VR11.1, VR12 Compatible Synchronous Rectified Buck MOSFET Driver
January 24, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com