Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6625AIRZ-T Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL6625AIRZ-T
Description  Synchronous Rectified Buck MOSFET Drivers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6625AIRZ-T Datasheet(HTML) 2 Page - Intersil Corporation

  ISL6625AIRZ-T Datasheet HTML 1Page - Intersil Corporation ISL6625AIRZ-T Datasheet HTML 2Page - Intersil Corporation ISL6625AIRZ-T Datasheet HTML 3Page - Intersil Corporation ISL6625AIRZ-T Datasheet HTML 4Page - Intersil Corporation ISL6625AIRZ-T Datasheet HTML 5Page - Intersil Corporation ISL6625AIRZ-T Datasheet HTML 6Page - Intersil Corporation ISL6625AIRZ-T Datasheet HTML 7Page - Intersil Corporation ISL6625AIRZ-T Datasheet HTML 8Page - Intersil Corporation ISL6625AIRZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ISL6625A
2
FN7978.0
September 19, 2012
Pin Configuration
ISL6625A
(8 LD 2x2 DFN)
TOP VIEW
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL6625ACRZ-T
5AZ
0 to +70
8 Ld 2x2 DFN
L8.2x2D
ISL6625AIRZ-T
25A
-40 to +85
8 Ld 2x2 DFN
L8.2x2D
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL6625A. For more information on MSL please see tech brief
TB363
1
UGATE
BOOT
PWM
PHASE
VCC
VCC
2
3
4
GND
8
7
6
5
LGATE
GND
Functional Pin Descriptions
PIN #
PIN
SYMBOL
FUNCTION
1
UGATE
Upper gate drive output. Connect to gate of high-side
power N-Channel MOSFET.
2
BOOT
Floating bootstrap supply pin for the upper gate drive.
Connect the bootstrap capacitor between this pin
and the PHASE pin. The bootstrap capacitor provides
the charge to turn on the upper MOSFET. See
“Internal Bootstrap Device” on page 6 for guidance in
choosing the capacitor value.
3
PWM
The PWM signal is the control input for the driver. The
PWM signal can enter three distinct states during
operation, see the three-state PWM Input section for
further details. Connect this pin to the PWM output of
the controller.
4
GND
Bias and reference ground. All signals are referenced
to this node. It is also the power ground return of the
driver.
5
LGATE
Lower gate drive output. Connect to gate of the
low-side power N-Channel MOSFET.
6,7
VCC
These two pins must tie to each other. Connect them
to 12V bias supply. Place a high quality low ESR
ceramic capacitor from this pin to GND.
8
PHASE
Connect this pin to the SOURCE of the upper MOSFET
and the DRAIN of the lower MOSFET. This pin provides
a return path for the upper gate drive.
-
PAD
Connect this pad to the power ground plane (GND) via
thermally enhanced connection.


Similar Part No. - ISL6625AIRZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6625AIRZ-T RENESAS-ISL6625AIRZ-T Datasheet
587Kb / 10P
   Synchronous Rectified Buck MOSFET Drivers
More results

Similar Description - ISL6625AIRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6601A INTERSIL-HIP6601A Datasheet
516Kb / 11P
   Synchronous Rectified Buck MOSFET Drivers
logo
Richtek Technology Corp...
RT9611A RICHTEK-RT9611A Datasheet
228Kb / 15P
   Synchronous Rectified Buck MOSFET Drivers
logo
Intersil Corporation
HIP6601 INTERSIL-HIP6601 Datasheet
84Kb / 8P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Richtek Technology Corp...
RT9618 RICHTEK-RT9618_11 Datasheet
469Kb / 12P
   Synchronous-Rectified Buck MOSFET Drivers
RT9619 RICHTEK-RT9619_11 Datasheet
427Kb / 11P
   Synchronous-Rectified Buck MOSFET Drivers
RT9618 RICHTEK-RT9618 Datasheet
434Kb / 12P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Intersil Corporation
HIP6601B INTERSIL-HIP6601B Datasheet
261Kb / 12P
   Synchronous Rectified Buck MOSFET Drivers
logo
Renesas Technology Corp
HIP6601 RENESAS-HIP6601 Datasheet
241Kb / 8P
   Synchronous-Rectified Buck MOSFET Drivers
August 2004
logo
Richtek Technology Corp...
RT9603 RICHTEK-RT9603 Datasheet
116Kb / 10P
   Synchronous-Rectified Buck MOSFET Drivers
RT9603 RICHTEK-RT9603_07 Datasheet
128Kb / 10P
   Synchronous-Rectified Buck MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com