Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6627CRZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL6627CRZ
Description  VR11.1, VR12 Compatible Synchronous Rectified Buck MOSFET Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6627CRZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL6627CRZ Datasheet HTML 3Page - Intersil Corporation ISL6627CRZ Datasheet HTML 4Page - Intersil Corporation ISL6627CRZ Datasheet HTML 5Page - Intersil Corporation ISL6627CRZ Datasheet HTML 6Page - Intersil Corporation ISL6627CRZ Datasheet HTML 7Page - Intersil Corporation ISL6627CRZ Datasheet HTML 8Page - Intersil Corporation ISL6627CRZ Datasheet HTML 9Page - Intersil Corporation ISL6627CRZ Datasheet HTML 10Page - Intersil Corporation ISL6627CRZ Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
ISL6627
10
Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time
without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be
accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third
parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN6992.1
January 24, 2014
For additional products, see www.intersil.com/en/products.html
About Intersil
Intersil Corporation is a leader in the design and manufacture of high-performance analog, mixed-signal and power management
semiconductors. The company's products address some of the largest markets within the industrial and infrastructure, personal
computing and high-end consumer markets. For more information about Intersil, visit our website at www.intersil.com.
For the most updated datasheet, application notes, related documentation and related parts, please see the respective product
information page found at www.intersil.com. You may report errors or suggestions for improving this datasheet by visiting
www.intersil.com/en/support/ask-an-expert.html. Reliability reports are also available from our website at
http://www.intersil.com/en/support/qualandreliability.html#reliability
Revision History
The revision history provided is for informational purposes only and is believed to be accurate, but not warranted. Please go to web to make
sure you have the latest Rev.
DATE
REVISION
CHANGE
January 24, 2014
FN6992.1 On page 3 - added pin 10 to the description:
PHASE - Connect this pin to the SOURCE of the upper MOSFET and the DRAIN of the lower MOSFET. This pin provides
a return path for the upper gate drive.
On page 10 - Updated "Products" verbiage to "About Intersil" verbiage
On page 11 - Updated POD L10.3x3 from rev 6 to rev 9.
Updates since rev 6:
Removed package outline and included center to center distance between lands on recommended land pattern.
Removed Note 4 "Dimension b applies to the metallized terminal and is measured between 0.18mm and 0.30mm
from the terminal tip." since it is not applicable to this package. Renumbered notes accordingly.
Corrected L-shaped leads in Bottom view and land pattern so that they align with the rest of the leads (L shaped
leads were shorter).
Added missing dimension 0.415 in Typical Recommended land pattern.
September 22, 2011 FN6992.0 Initial release.


Similar Part No. - ISL6627CRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6627CRZ INTERSIL-ISL6627CRZ Datasheet
463Kb / 11P
   VR11.1, VR12 Compatible Synchronous Rectified Buck MOSFET Driver
logo
Renesas Technology Corp
ISL6627CRZ RENESAS-ISL6627CRZ Datasheet
578Kb / 11P
   VR11.1, VR12 Compatible Synchronous Rectified Buck MOSFET Driver
More results

Similar Description - ISL6627CRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6627 INTERSIL-ISL6627 Datasheet
463Kb / 11P
   VR11.1, VR12 Compatible Synchronous Rectified Buck MOSFET Driver
logo
Renesas Technology Corp
ISL6627 RENESAS-ISL6627 Datasheet
578Kb / 11P
   VR11.1, VR12 Compatible Synchronous Rectified Buck MOSFET Driver
logo
Intersil Corporation
ISL6620CBZ INTERSIL-ISL6620CBZ Datasheet
223Kb / 10P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
April 25, 2008
logo
Renesas Technology Corp
ISL6622A RENESAS-ISL6622A Datasheet
569Kb / 11P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
logo
Intersil Corporation
ISL6622B INTERSIL-ISL6622B Datasheet
259Kb / 11P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
ISL6620 INTERSIL-ISL6620 Datasheet
226Kb / 10P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
logo
Renesas Technology Corp
ISL6620 RENESAS-ISL6620 Datasheet
536Kb / 10P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
ISL6622 RENESAS-ISL6622 Datasheet
629Kb / 12P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
ISL6622B RENESAS-ISL6622B Datasheet
657Kb / 11P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
March 19, 2009
logo
Intersil Corporation
ISL6622ACBZ INTERSIL-ISL6622ACBZ Datasheet
239Kb / 11P
   VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers
March 19, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com