Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6740IVZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL6740IVZ
Description  Flexible Double Ended Voltage and Current Mode PWM Controllers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6740IVZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL6740IVZ Datasheet HTML 6Page - Intersil Corporation ISL6740IVZ Datasheet HTML 7Page - Intersil Corporation ISL6740IVZ Datasheet HTML 8Page - Intersil Corporation ISL6740IVZ Datasheet HTML 9Page - Intersil Corporation ISL6740IVZ Datasheet HTML 10Page - Intersil Corporation ISL6740IVZ Datasheet HTML 11Page - Intersil Corporation ISL6740IVZ Datasheet HTML 12Page - Intersil Corporation ISL6740IVZ Datasheet HTML 13Page - Intersil Corporation ISL6740IVZ Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
ISL6740, ISL6741
10
FN9111.6
December 2, 2011
Pin Descriptions
VDD - VDD is the power connection for the IC. To optimize noise
immunity, bypass VDD to GND with a ceramic capacitor as close
to the VDD and GND pins as possible.
The total supply current, IDD, will be dependent on the load
applied to outputs OUTA and OUTB. Total IDD current is the sum
of the quiescent current and the average output current. Knowing
the operating frequency, fSW, and the output loading capacitance
charge, Q, per output, the average output current can be
calculated from:
SYNC - A bidirectional synchronization signal used to coordinate
the switching frequency of multiple units. Synchronization may
be achieved by connecting the SYNC signal of each unit together
or by using an external master clock signal. The oscillator timing
capacitor, CT, is always required regardless of the
synchronization method used. The paralleled unit with the
highest oscillator frequency assumes control. Self-
synchronization is not recommended for oscillator frequencies
above 900kHz. For higher switching frequencies, an external
clock with a pulse width less than one-half of the oscillator period
must be used.
RTC - This is the oscillator timing capacitor charge current control
pin. A resistor is connected between this pin and GND. The
current flowing through the resistor determines the magnitude of
the charge current. The charge current is nominally twice this
current. The PWM maximum ON time is determined by the
timing capacitor charge duration.
RTD - This is the oscillator timing capacitor discharge current
control pin. A resistor is connected between this pin and GND.
The current flowing through the resistor determines the
magnitude of the discharge current. The discharge current is
nominally 50x this current. The PWM deadtime is determined by
the timing capacitor discharge duration.
CT - The oscillator timing capacitor is connected between this pin
and GND.
VERROR - The inverting input of the PWM comparator. The error
voltage is applied to this pin to control the duty cycle. Increasing
the signal level increases the duty cycle. The node may be driven
with an external error amplifier or opto-coupler.
Typical Performance Curves
FIGURE 1. REFERENCE VOLTAGE vs TEMPERATURE
FIGURE 2. OSCILLATOR CT DISCHARGE CURRENT GAIN
FIGURE 3. DEADTIME (TD) vs CAPACITANCE
FIGURE 4. CAPACITANCE vs FREQUENCY
1.001
1.000
0.999
0.998
0.997
-40
-25
-10
5
20
35
50
65
80
95
110
TEMPERATURE (°C)
65
60
55
50
45
40
0
50
100 150 200 250 300 350 400 450 500
RTD CURRENT (µA)
1•104
1•103
100
10
10
20
30
40
50
60
70
80
90
100
RTD (k
Ω)
470
330
220
100
CT (pF) =
680
1000
1•106
1•104
60
70
80
90
100
RTC (k
Ω)
10
20
30
40
50
680
1000
330
470
220
100
CT (pF) =
RTD = 10k
1•105
IOUT
2QfSW
=
A
(EQ. 1)


Similar Part No. - ISL6740IVZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6740IVZ INTERSIL-ISL6740IVZ Datasheet
641Kb / 29P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
ISL6740IVZ INTERSIL-ISL6740IVZ Datasheet
963Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
ISL6740IVZ INTERSIL-ISL6740IVZ Datasheet
961Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
December 2, 2011
logo
Renesas Technology Corp
ISL6740IVZ RENESAS-ISL6740IVZ Datasheet
1Mb / 30P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
More results

Similar Description - ISL6740IVZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6741IVZ-T INTERSIL-ISL6741IVZ-T Datasheet
963Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
ISL6740 INTERSIL-ISL6740 Datasheet
641Kb / 29P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
ISL6740IBZ INTERSIL-ISL6740IBZ Datasheet
961Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
December 2, 2011
ISL6740IV-T INTERSIL-ISL6740IV-T Datasheet
963Kb / 28P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
logo
Renesas Technology Corp
ISL6740 RENESAS-ISL6740 Datasheet
1Mb / 30P
   Flexible Double Ended Voltage and Current Mode PWM Controllers
ISL6722A RENESAS-ISL6722A Datasheet
1Mb / 26P
   Flexible Single Ended Current Mode PWM Controllers
logo
Intersil Corporation
ISL6722AABZ INTERSIL-ISL6722AABZ Datasheet
613Kb / 26P
   Flexible Single Ended Current Mode PWM Controllers
September 29, 2015
ISL6722A INTERSIL-ISL6722A Datasheet
647Kb / 24P
   Flexible Single Ended Current Mode PWM
ISL6740A INTERSIL-ISL6740A Datasheet
320Kb / 15P
   Flexible Double-Ended Voltage-Mode PWM Controller with Voltage Feed Forward
logo
Renesas Technology Corp
ISL6740A RENESAS-ISL6740A Datasheet
660Kb / 14P
   Flexible Double-Ended Voltage-Mode PWM Controller with Voltage Feed Forward
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com