Electronic Components Datasheet Search |
|
ISL6613IBZ-T(Notes1,2) Datasheet(PDF) 2 Page - Intersil Corporation |
|
ISL6613IBZ-T(Notes1,2) Datasheet(HTML) 2 Page - Intersil Corporation |
2 / 12 page 2 FN9153.9 June 15, 2010 Ordering Information PART NUMBER PART MARKING TEMP. RANGE (°C) PACKAGE PKG. DWG. # ISL6612CBZ (Note 2) 6612 CBZ 0 to +85 8 Ld SOIC (Pb-Free) M8.15 ISL6612CBZ-T (Notes 1, 2) 6612 CBZ 0 to +85 8 Ld SOIC (Pb-Free) M8.15 ISL6612CBZA (Note 2) 6612 CBZ 0 to +85 8 Ld SOIC (Pb-Free) M8.15 ISL6612CBZA-T (Notes 1, 2) 6612 CBZ 0 to +85 8 Ld SOIC (Pb-Free) M8.15 ISL6612CRZ (Note 2) 612Z 0 to +85 10 Ld 3x3 DFN (Pb-Free) L10.3x3 ISL6612CRZ-T (Notes 1, 2) 612Z 0 to +85 10 Ld 3x3 DFN (Pb-Free) L10.3x3 ISL6612ECB-T (Note 1) ISL66 12ECB 0 to +85 8 Ld EPSOIC M8.15B ISL6612ECBZ (Note 2) 6612 ECBZ 0 to +85 8 Ld EPSOIC (Pb-Free) M8.15B ISL6612ECBZ-T (Notes 1, 2) 6612 ECBZ 0 to +85 8 Ld EPSOIC (Pb-Free) M8.15B ISL6612EIBZ (Note 2) 6612 EIBZ -40 to +85 8 Ld EPSOIC (Pb-Free) M8.15B ISL6612EIBZ-T (Notes 1, 2) 6612 EIBZ -40 to +85 8 Ld EPSOIC (Pb-Free) M8.15B ISL6612IBZ (Note 2) 6612 IBZ -40 to +85 8 Ld SOIC (Pb-Free) M8.15 ISL6612IBZ-T (Notes 1, 2) 6612 IBZ -40 to +85 8 Ld SOIC (Pb-Free) M8.15 ISL6612IRZ (Note 2) 12IZ -40 to +85 10 Ld 3x3 DFN (Pb-Free) L10.3x3 ISL6612IRZ-T (Notes 1, 2) 12IZ -40 to +85 10 Ld 3x3 DFN (Pb-Free) L10.3x3 ISL6613CBZ (Note 2) 6613 CBZ 0 to +85 8 Ld SOIC (Pb-Free) M8.15 ISL6613CBZ-T (Notes 1, 2) 6613 CBZ 0 to +85 8 Ld SOIC (Pb-Free) M8.15 ISL6613CRZ (Note 2) 613Z 0 to +85 10 Ld 3x3 DFN (Pb-Free) L10.3x3 ISL6613CRZ-T (Notes 1, 2) 613Z 0 to +85 10 Ld 3x3 DFN (Pb-Free) L10.3x3 ISL6613ECBZ (Note 2) 6613 ECBZ 0 to +85 8 Ld EPSOIC (Pb-Free) M8.15B ISL6613ECBZ-T (Notes 1, 2) 6613 ECBZ 0 to +85 8 Ld EPSOIC (Pb-Free) M8.15B ISL6613EIBZ (Note 2) 6613 EIBZ -40 to +85 8 Ld EPSOIC (Pb-Free) M8.15B ISL6613EIBZ-T (Notes 1, 2) 6613 EIBZ -40 to +85 8 Ld EPSOIC (Pb-Free) M8.15B ISL6613IBZ (Note 2) 6613 IBZ -40 to +85 8 Ld SOIC (Pb-Free) M8.15 ISL6613IBZ-T (Notes 1, 2) 6613 IBZ -40 to +85 8 Ld SOIC (Pb-Free) M8.15 ISL6613IRZ (Note 2) 13IZ -40 to +85 10 Ld 3x3 DFN (Pb-Free) L10.3x3 ISL6613IRZ-T (Notes 1, 2) 13IZ -40 to +85 10 Ld 3x3 DFN (Pb-Free) L10.3x3 NOTES: 1. Please refer to TB347 for details on reel specifications. 2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD- 020. 3. For Moisture Sensitivity Level (MSL), please see device information page for ISL6612, ISL6613. For more information on MSL please see techbrief TB363. ISL6612, ISL6613 |
Similar Part No. - ISL6613IBZ-T(Notes1,2) |
|
Similar Description - ISL6613IBZ-T(Notes1,2) |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |