Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6754AAZA Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL6754AAZA
Description  ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6754AAZA Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL6754AAZA Datasheet HTML 3Page - Intersil Corporation ISL6754AAZA Datasheet HTML 4Page - Intersil Corporation ISL6754AAZA Datasheet HTML 5Page - Intersil Corporation ISL6754AAZA Datasheet HTML 6Page - Intersil Corporation ISL6754AAZA Datasheet HTML 7Page - Intersil Corporation ISL6754AAZA Datasheet HTML 8Page - Intersil Corporation ISL6754AAZA Datasheet HTML 9Page - Intersil Corporation ISL6754AAZA Datasheet HTML 10Page - Intersil Corporation ISL6754AAZA Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
FN6754.1
September 29, 2008
SOFT-START
Charging Current
SS = 3V
-60
-70
-80
μA
SS Clamp Voltage
4.410
4.500
4.590
V
SS Discharge Current
SS = 2V
10
-
-
mA
Reset Threshold Voltage
TA = +25°C
0.23
0.27
0.33
V
OUTPUT
High Level Output Voltage (VOH)
IOUT = -10mA, VDD - VOH
-
0.5
1.0
V
Low Level Output Voltage (VOL)
IOUT = 10mA, VOL - GND
-
0.5
1.0
V
Rise Time
COUT = 220pF, VDD = 15V (Note 4)
-
110
200
ns
Fall Time
COUT = 220pF, VDD = 15V (Note 4)
-
90
150
ns
UVLO Output Voltage Clamp
VDD = 7V, ILOAD = 1mA (Note 6)
-
-
1.25
V
Output Delay/Advance Range
OUTLLN/OUTLRN relative to OUTLL/OUTLR
VADJ = 2.50V
-
2
-
ns
VADJ < 2.425V
-40
-
-300
ns
VADJ > 2.575V
40
-
300
ns
Delay/Advance Control Voltage Range
OUTLLN/OUTLRN relative to OUTLL/OUTLR
OUTLxN Delayed
2.575
-
5.000
V
OUTLxN Advanced
0
-
2.425
V
VADJ Delay Time
TA = +25°C (OUTLx Delayed) (Note 7)
VADJ = 0
-
300
-
ns
VADJ = 0.5V
-
105
-
ns
VADJ = 1.0V
-
70
-
ns
VADJ = 1.5V
-
55
-
ns
VADJ = 2.0V
-
50
-
ns
TA = +25°C (OUTLxN Delayed)
VADJ = VREF
-
300
-
ns
VADJ = VREF - 0.5V
-
100
-
ns
VADJ = VREF - 1.0V
-
68
-
ns
VADJ = VREF - 1.5V
-
55
-
ns
VADJ = VREF - 2.0V
-
48
-
ns
THERMAL PROTECTION
Thermal Shutdown
(Note 4)
-
140
-
°C
Thermal Shutdown Clear
(Note 4)
-
125
-
°C
Hysteresis, Internal Protection
(Note 4)
-
15
-
°C
NOTES:
4. Limits established by characterization and are not production tested.
5. This is the maximum duty cycle achievable using the specified values of RTD and CT. Larger or smaller maximum duty cycles may be obtained
using other values for these components. See Equations 1 through 3.
6. Adjust VDD below the UVLO stop threshold prior to setting at 7V.
7. When OUTLx is delayed relative to OUTLxN (VADJ < 2.425V), the delay duration as set by VADJ should not exceed 90% of the CT discharge
time (deadtime) as determined by CT and RTD.
Electrical Specifications
Recommended operating conditions unless otherwise noted. Refer to “Functional Block Diagram” on page 2
and “Typical Application schematics” beginning on page 3. 9V < VDD < 20V, RTD = 10.0kΩ, CT = 470pF,
TA = -40°C to +105°C, Typical values are at TA = +25°C; Parameters with MIN and/or MAX limits are 100%
tested at +25°C, unless otherwise specified. Temperature limits established by characterization and are not
production tested. (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL6754


Similar Part No. - ISL6754AAZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6754AAZA INTERSIL-ISL6754AAZA Datasheet
539Kb / 19P
   ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control
logo
Renesas Technology Corp
ISL6754AAZA RENESAS-ISL6754AAZA Datasheet
1Mb / 20P
   ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control
More results

Similar Description - ISL6754AAZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6754 INTERSIL-ISL6754 Datasheet
539Kb / 19P
   ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control
logo
Renesas Technology Corp
ISL78223 RENESAS-ISL78223 Datasheet
1Mb / 20P
   ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control
ISL6754 RENESAS-ISL6754 Datasheet
1Mb / 20P
   ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control
logo
Intersil Corporation
ISL78223 INTERSIL-ISL78223 Datasheet
1Mb / 20P
   ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control
ISL6752AAZA-T INTERSIL-ISL6752AAZA-T Datasheet
466Kb / 16P
   ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
ISL6752 INTERSIL-ISL6752_06 Datasheet
447Kb / 16P
   ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
ISL6752 INTERSIL-ISL6752 Datasheet
466Kb / 16P
   ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
logo
Renesas Technology Corp
ISL6752 RENESAS-ISL6752 Datasheet
964Kb / 18P
   ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
logo
Intersil Corporation
ISL6752AAZA INTERSIL-ISL6752AAZA Datasheet
463Kb / 16P
   ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
October 31, 2008
ISL6551IBZ INTERSIL-ISL6551IBZ Datasheet
652Kb / 27P
   ZVS Full Bridge PWM Controller
April 30, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com