Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM3717D2 Datasheet(PDF) 1 Page - New Japan Radio

Part # NJM3717D2
Description  STEPPER MOTOR DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM3717D2 Datasheet(HTML) 1 Page - New Japan Radio

  NJM3717D2 Datasheet HTML 1Page - New Japan Radio NJM3717D2 Datasheet HTML 2Page - New Japan Radio NJM3717D2 Datasheet HTML 3Page - New Japan Radio NJM3717D2 Datasheet HTML 4Page - New Japan Radio NJM3717D2 Datasheet HTML 5Page - New Japan Radio NJM3717D2 Datasheet HTML 6Page - New Japan Radio NJM3717D2 Datasheet HTML 7Page - New Japan Radio NJM3717D2 Datasheet HTML 8Page - New Japan Radio NJM3717D2 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
NJM3717
Figure 1. Block diagram
GND
VCC
M A
M
B
Phase
I1
I0
V
R
&
&
&
&
+
+
+
1
Monostable
t
= 0.69 • R • C
Current Sensor
Output Stage
off
T
T
Schmitt
Trigger
Time
Delay
T
E
NJM3717
1
1
≥ 1
≥ 1
VMM
VMM
NJM3717D2
NJM3717E2
NJM3717FM2
STEPPER MOTOR DRIVER
s GENERAL DESCRIPTION
s PACKAGE OUTLINE
NJM3717 is a stepper motor diver, which consists of a LS-TTL
compatible logic input stage, a current sensor, a monostable
multivibrator and a high power H-bridge output stage with built-in
protection diodes.
The output current is up to 1200mA. Two NJM3717 and a small
number of external components form a complete control and drive
unit for stepper motor systems.
s FEATURES
• Half-step and full-step modes
• Switched mode bipolar constant current drive
• Wide range of current control
5 - 1200 mA
• Wide voltage range 10 - 50 V
• Thermal overload protection
• Packages
DIP16 / PLCC28 / EMP20
s BLOCK DIAGRAM


Similar Part No. - NJM3717D2

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM3770A NJRC-NJM3770A Datasheet
173Kb / 10P
   STEPPER MOTOR DRIVER
NJM3770AD3 NJRC-NJM3770AD3 Datasheet
173Kb / 10P
   STEPPER MOTOR DRIVER
NJM3770AE2 NJRC-NJM3770AE2 Datasheet
173Kb / 10P
   STEPPER MOTOR DRIVER
NJM3770AFM2 NJRC-NJM3770AFM2 Datasheet
173Kb / 10P
   STEPPER MOTOR DRIVER
NJM3771 NJRC-NJM3771 Datasheet
169Kb / 9P
   DUAL STEPPER MOTOR DRIVER
More results

Similar Description - NJM3717D2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6219R STMICROELECTRONICS-L6219R_06 Datasheet
232Kb / 16P
   Stepper motor driver
TEF3718 STMICROELECTRONICS-TEF3718 Datasheet
143Kb / 8P
   STEPPER MOTOR DRIVER
L6219R STMICROELECTRONICS-L6219R Datasheet
144Kb / 11P
   STEPPER MOTOR DRIVER
logo
ON Semiconductor
CS8442 ONSEMI-CS8442 Datasheet
47Kb / 4P
   Stepper Motor Driver
December, 2001 - Rev. 2
logo
New Japan Radio
NJM37770 NJRC-NJM37770 Datasheet
152Kb / 10P
   STEPPER MOTOR DRIVER
logo
Mitsubishi Electric Sem...
M54640P MITSUBISHI-M54640P Datasheet
108Kb / 6P
   STEPPER MOTOR DRIVER
logo
ON Semiconductor
MC3479FN ONSEMI-MC3479FN Datasheet
100Kb / 10P
   Stepper Motor Driver
June, 2006 ??Rev. 7
logo
System Logic Semiconduc...
PBL3717A SLS-PBL3717A_03 Datasheet
826Kb / 11P
   STEPPER MOTOR DRIVER
logo
STMicroelectronics
TEA3717 STMICROELECTRONICS-TEA3717 Datasheet
137Kb / 8P
   STEPPER MOTOR DRIVER
April 1993
TEA3718 STMICROELECTRONICS-TEA3718 Datasheet
288Kb / 16P
   STEPPER MOTOR DRIVER
December 1991
logo
Sanken electric
SLA4708M SANKEN-SLA4708M Datasheet
25Kb / 2P
   Stepper Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com