Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8272MEVAL2Z Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL8272MEVAL2Z
Description  50A Digital DC/DC PMBus Power Module
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8272MEVAL2Z Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL8272MEVAL2Z Datasheet HTML 4Page - Intersil Corporation ISL8272MEVAL2Z Datasheet HTML 5Page - Intersil Corporation ISL8272MEVAL2Z Datasheet HTML 6Page - Intersil Corporation ISL8272MEVAL2Z Datasheet HTML 7Page - Intersil Corporation ISL8272MEVAL2Z Datasheet HTML 8Page - Intersil Corporation ISL8272MEVAL2Z Datasheet HTML 9Page - Intersil Corporation ISL8272MEVAL2Z Datasheet HTML 10Page - Intersil Corporation ISL8272MEVAL2Z Datasheet HTML 11Page - Intersil Corporation ISL8272MEVAL2Z Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 55 page
background image
ISL8272M
8
FN8670.2
January 14, 2015
Submit Document Feedback
Typical Application Circuit - Three Module Current Sharing
VIN
VDD
VR55
VR5
VR
VOUT
VR6
VDRV
SCL
SDA
SALRT
VMON
VCC
VDRV1
VCC3
ISL8272M
10µF
10µF
10µF
DDC
SWD1
SW1
SWD2
SW2
10µF
4x22µF
CERAMIC
4x100µF
CERAMIC
PIN STRAP RESISTORS
(OPTIONAL)
C16
C17
C18
C19
C20
C21
10µF
C22
R19
R20
R21
R22
R23
R24
R25
VIN
VDD
VR55
VR5
VR
VOUT
VR6
VDRV
SCL
SDA
SALRT
VMON
VCC
VDRV1
VCC2
ISL8272M
10µF
10µF
10µF
DDC
SYNC
SWD1
SW1
SWD2
SW2
10µF
4x22µF
CERAMIC
4x100µF
CERAMIC
PIN STRAP RESISTORS
(OPTIONAL)
C9
C10
C11
C12
C13
C14
10µF
C15
R12
R13
R14
R16
R17 R18
VIN
VDD
VR55
VR5
VR
VOUT
VR6
VDRV
SCL
SDA
SALRT
VMON
VCC
VDRV1
VIN
VCC1
ISL8272M
VOUT
1.2V 150A
10µF
10µF
10µF
VAUX or VCC
3.3V to 5V
DDC
SYNC
SWD1
SW1
SWD2
SW2
12V
10µF
2X470µF
BULK
4x22µ F
CERAMIC
4x100µF
CERAMIC
12x470µ F
POSCAP
SCL
PIN STRAP RESISTORS
(OPTIONAL)
SDA
SALRT
DDC
C1
C2
C3
C4
C5
C6
C7
10µF
C8
C23
R1
R2
R3
R4
R5
R6
R7
R8
R9
R10
R11
SYNC
SYNC
12x100µ F
CERAMIC
C24
R15
56.2k
SMBus Address = 0x2C
SMBus Address = 0x2B
SMBus Address= 0x2A
4.7k
 4.7k 4.7k 4.7k

100k

6.65k

100k

6.65k

61.9k

100k

6.65k

51.1k



Similar Part No. - ISL8272MEVAL2Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8272MEVAL2Z RENESAS-ISL8272MEVAL2Z Datasheet
2Mb / 59P
   50A Digital DC/DC PMBus Power Module
More results

Similar Description - ISL8272MEVAL2Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8272M RENESAS-ISL8272M Datasheet
2Mb / 59P
   50A Digital DC/DC PMBus Power Module
logo
Intersil Corporation
ZL9010M INTERSIL-ZL9010M Datasheet
1Mb / 30P
   Digital DC/DC PMBus 10A Power Module
ZL9010MIRZ INTERSIL-ZL9010MIRZ Datasheet
1Mb / 72P
   Digital DC/DC PMBus 10A Power Module
January 22, 2015
logo
Renesas Technology Corp
ZL9006M RENESAS-ZL9006M Datasheet
2Mb / 69P
   Digital DC/DC PMBus 6A Power Module
ZL9010M RENESAS-ZL9010M Datasheet
2Mb / 72P
   Digital DC/DC PMBus 10A Power Module
logo
Intersil Corporation
ZL9006M INTERSIL-ZL9006M Datasheet
1Mb / 30P
   Digital DC/DC PMBus 6A Power Module
ZL9006MIRZ INTERSIL-ZL9006MIRZ Datasheet
1Mb / 69P
   Digital DC/DC PMBus 6A Power Module
October 30, 2014
logo
Renesas Technology Corp
RAA210850 RENESAS-RAA210850 Datasheet
2Mb / 58P
   Pin-Configurable 50A DC/DC Power Module with PMBus Interface
Mar 15, 2019
ISL8270M RENESAS-ISL8270M Datasheet
2Mb / 56P
   Digital DC/DC PMBus 25A Module
ISL8271M RENESAS-ISL8271M Datasheet
2Mb / 57P
   Digital DC/DC PMBus 33A Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com