Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX3L1G3157 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # NX3L1G3157
Description  Low-ohmic single-pole double-throw analog switch
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NX3L1G3157 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button NX3L1G3157_15 Datasheet HTML 3Page - NXP Semiconductors NX3L1G3157_15 Datasheet HTML 4Page - NXP Semiconductors NX3L1G3157_15 Datasheet HTML 5Page - NXP Semiconductors NX3L1G3157_15 Datasheet HTML 6Page - NXP Semiconductors NX3L1G3157_15 Datasheet HTML 7Page - NXP Semiconductors NX3L1G3157_15 Datasheet HTML 8Page - NXP Semiconductors NX3L1G3157_15 Datasheet HTML 9Page - NXP Semiconductors NX3L1G3157_15 Datasheet HTML 10Page - NXP Semiconductors NX3L1G3157_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
NX3L1G3157
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 10 — 7 August 2012
7 of 22
NXP Semiconductors
NX3L1G3157
Low-ohmic single-pole double-throw analog switch
11.2 ON resistance
[1]
Typical values are measured at Tamb = 25 C.
[2]
Measured at identical VCC, temperature and input voltage.
[3]
Flatness is defined as the difference between the maximum and minimum value of ON resistance measured at identical VCC and
temperature.
Table 8.
ON resistance
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); for graphs see Figure 8 to Figure 14.
Symbol
Parameter
Conditions
Tamb = 40 C to +85 C Tamb = 40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
RON(peak) ON resistance (peak)
VI =GND to VCC;
ISW =100 mA;
see Figure 7
VCC = 1.4 V
-
1.6
3.7
-
4.1
VCC =1.65V
-
1.0
1.6
-
1.7
VCC = 2.3 V
-
0.55
0.8
-
0.9
VCC = 2.7 V
-
0.5
0.75
-
0.9
VCC = 4.3 V
-
0.5
0.75
-
0.9
R
ON
ON resistance
mismatch between
channels
VI =GND to VCC;
ISW =100 mA
[2]
VCC = 1.4 V
-
0.04
0.3
-
0.3
VCC = 1.65 V
-
0.04
0.2
-
0.3
VCC = 2.3 V
-
0.02
0.08
-
0.1
VCC = 2.7 V
-
0.02
0.075
-
0.1
VCC = 4.3 V
-
0.02
0.075
-
0.1
RON(flat)
ON resistance
(flatness)
VI =GND to VCC;
ISW =100 mA
[3]
VCC = 1.4 V
-
1.0
3.3
-
3.6
VCC =1.65V
-
0.5
1.2
-
1.3
VCC = 2.3 V
-
0.15
0.3
-
0.35
VCC = 2.7 V
-
0.13
0.3
-
0.35
VCC = 4.3 V
-
0.2
0.4
-
0.45


Similar Part No. - NX3L1G3157_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3L1G3157 NXP-NX3L1G3157_10 Datasheet
226Kb / 22P
   Low-ohmic single-pole double-throw analog switch
Rev. 08-26 April 2010
More results

Similar Description - NX3L1G3157_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3L1T3157 NXP-NX3L1T3157_10 Datasheet
489Kb / 21P
   Low-ohmic single-pole double-throw analog switch
Rev. 07-21 January 2010
NX3L1T5157 NXP-NX3L1T5157_10 Datasheet
479Kb / 21P
   Low-ohmic single-pole double-throw analog switch
Rev. 04-24 March 2010
logo
Nexperia B.V. All right...
XS5A1T4157 NEXPERIA-XS5A1T4157 Datasheet
242Kb / 16P
   Low-ohmic single-pole double-throw analog switch
Rev. 2 - 9 February 2022
logo
NXP Semiconductors
NX3L1T5157 PHILIPS-NX3L1T5157_15 Datasheet
178Kb / 21P
   Low-ohmic single-pole double-throw analog switch
Rev. 6-8 November 2011
NX3L1G3157 NXP-NX3L1G3157_10 Datasheet
226Kb / 22P
   Low-ohmic single-pole double-throw analog switch
Rev. 08-26 April 2010
NX3L1G3157-Q100 NXP-NX3L1G3157-Q100 Datasheet
184Kb / 21P
   Low-ohmic single-pole double-throw analog switch
Rev. 1 ??23 May 2013
logo
Nexperia B.V. All right...
XS3A1T5157 NEXPERIA-XS3A1T5157 Datasheet
290Kb / 19P
   Low-ohmic single-pole double-throw analog switch
Rev. 1 - 17 March 2020
logo
NXP Semiconductors
NX3L1G53 PHILIPS-NX3L1G53_15 Datasheet
336Kb / 24P
   Low-ohmic single-pole double-throw analog switch
Rev. 7-8 February 2013
NX3L1T53 NXP-NX3L1T53 Datasheet
520Kb / 24P
   Low-ohmic single-pole double-throw analog switch
Rev. 04-24 March 2010
NX3L1G53 NXP-NX3L1G53 Datasheet
502Kb / 23P
   Low-ohmic single-pole double-throw analog switch
Rev. 04-27 January 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com