Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX3L4053 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # NX3L4053
Description  Triple low-ohmic single-pole double-throw analog switch
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NX3L4053 Datasheet(HTML) 2 Page - NXP Semiconductors

  NX3L4053_15 Datasheet HTML 1Page - NXP Semiconductors NX3L4053_15 Datasheet HTML 2Page - NXP Semiconductors NX3L4053_15 Datasheet HTML 3Page - NXP Semiconductors NX3L4053_15 Datasheet HTML 4Page - NXP Semiconductors NX3L4053_15 Datasheet HTML 5Page - NXP Semiconductors NX3L4053_15 Datasheet HTML 6Page - NXP Semiconductors NX3L4053_15 Datasheet HTML 7Page - NXP Semiconductors NX3L4053_15 Datasheet HTML 8Page - NXP Semiconductors NX3L4053_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
NX3L4053
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 5 — 25 June 2012
2 of 22
NXP Semiconductors
NX3L4053
Triple low-ohmic single-pole double-throw analog switch
3.
Applications
Cell phone
PDA
Portable media player
Analog multiplexing and demultiplexing
Digital multiplexing and demultiplexing
Signal gating
4.
Ordering information
5.
Marking
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
NX3L4053HR
40 Cto+125 C
HXQFN16
plastic thermal enhanced extremely thin quad flat
package; no leads; 16 terminals; body 3 3 0.5 mm
SOT1039-2
NX3L4053PW
40 C to +125 C
TSSOP16
plastic thin shrink small outline package; 16 leads;
body width 4.4 mm
SOT403-1
Table 2.
Marking codes
Type number
Marking code
NX3L4053HR
M43
NX3L4053PW
X3L4053


Similar Part No. - NX3L4053_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3L4053-Q100 NXP-NX3L4053-Q100 Datasheet
280Kb / 22P
   Triple low-ohmic single-pole double-throw analog switch
Rev. 1 ??18 April 2013
NX3L4053HR NXP-NX3L4053HR Datasheet
197Kb / 22P
   Triple low-ohmic single-pole double-throw analog switch
Rev. 4-7 November 2011
NX3L4053HR-Q100 NXP-NX3L4053HR-Q100 Datasheet
280Kb / 22P
   Triple low-ohmic single-pole double-throw analog switch
Rev. 1 ??18 April 2013
NX3L4053PW NXP-NX3L4053PW Datasheet
197Kb / 22P
   Triple low-ohmic single-pole double-throw analog switch
Rev. 4-7 November 2011
NX3L4053PW-Q100 NXP-NX3L4053PW-Q100 Datasheet
280Kb / 22P
   Triple low-ohmic single-pole double-throw analog switch
Rev. 1 ??18 April 2013
More results

Similar Description - NX3L4053_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3L4053 NXP-NX3L4053 Datasheet
197Kb / 22P
   Triple low-ohmic single-pole double-throw analog switch
Rev. 4-7 November 2011
NX3L4053-Q100 NXP-NX3L4053-Q100 Datasheet
280Kb / 22P
   Triple low-ohmic single-pole double-throw analog switch
Rev. 1 ??18 April 2013
logo
Nexperia B.V. All right...
XS3A4053 NEXPERIA-XS3A4053 Datasheet
319Kb / 17P
   Triple low-ohmic single-pole double-throw analog switch
Rev. 1 - 11 February 2022
logo
NXP Semiconductors
NX3L1T3157 NXP-NX3L1T3157_10 Datasheet
489Kb / 21P
   Low-ohmic single-pole double-throw analog switch
Rev. 07-21 January 2010
NX3L1T5157 NXP-NX3L1T5157_10 Datasheet
479Kb / 21P
   Low-ohmic single-pole double-throw analog switch
Rev. 04-24 March 2010
NX3L1G3157 PHILIPS-NX3L1G3157_15 Datasheet
257Kb / 22P
   Low-ohmic single-pole double-throw analog switch
Rev. 10-7 August 2012
logo
Nexperia B.V. All right...
XS5A1T4157 NEXPERIA-XS5A1T4157 Datasheet
242Kb / 16P
   Low-ohmic single-pole double-throw analog switch
Rev. 2 - 9 February 2022
logo
NXP Semiconductors
NX3L1T5157 PHILIPS-NX3L1T5157_15 Datasheet
178Kb / 21P
   Low-ohmic single-pole double-throw analog switch
Rev. 6-8 November 2011
NX3L1G3157 NXP-NX3L1G3157_10 Datasheet
226Kb / 22P
   Low-ohmic single-pole double-throw analog switch
Rev. 08-26 April 2010
NX3L1G3157-Q100 NXP-NX3L1G3157-Q100 Datasheet
184Kb / 21P
   Low-ohmic single-pole double-throw analog switch
Rev. 1 ??23 May 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com