Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMDPB55XP Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PMDPB55XP
Description  20 V, dual P-channel Trench MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMDPB55XP Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PMDPB55XP_15 Datasheet HTML 3Page - NXP Semiconductors PMDPB55XP_15 Datasheet HTML 4Page - NXP Semiconductors PMDPB55XP_15 Datasheet HTML 5Page - NXP Semiconductors PMDPB55XP_15 Datasheet HTML 6Page - NXP Semiconductors PMDPB55XP_15 Datasheet HTML 7Page - NXP Semiconductors PMDPB55XP_15 Datasheet HTML 8Page - NXP Semiconductors PMDPB55XP_15 Datasheet HTML 9Page - NXP Semiconductors PMDPB55XP_15 Datasheet HTML 10Page - NXP Semiconductors PMDPB55XP_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
PMDPB55XP
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 3 — 4 June 2012
7 of 15
NXP Semiconductors
PMDPB55XP
20 V, dual P-channel Trench MOSFET
Tj = 25 °C
Tj = 25 °C; VDS = −5 V
(1) minimum values
(2) typical values
(3) maximum values
Fig 6.
Output characteristics: drain current as a
function of drain-source voltage; typical values
Fig 7.
Sub-threshold drain current as a function of
gate-source voltage
Tj = 25 °C
ID = -1 A
(1) Tj = 150 °C
(2) Tj = 25 °C
Fig 8.
Drain-source on-state resistance as a function
of drain current; typical values
Fig 9.
Drain-source on-state resistance as a function
of gate-source voltage; typical values
017aaa411
VDS (V)
0-3
-2
-1
-2
-1
-3
-4
ID
(A)
0
-4.5 V
-2.5 V
-1.8 V
-1.0 V
-1.4 V
VGS = -1.2 V
017aaa412
-10-4
-10-3
ID
(A)
-10-5
VGS (V)
0
-1.25
-1.00
-0.50
-0.75
-0.25
(1)
(2)
(3)
ID (A)
0-4
-3
-1
-2
017aaa413
-0.08
-0.16
-0.24
RDSon
(Ω)
0
VGS = -1.4 V
-1.2 V
-1.6 V
-2.5 V
-4.5 V
VGS (V)
0-4
-3
-1
-2
017aaa414
0.4
0.6
0.2
0.8
1.0
RDSon
(Ω)
0
(1)
(2)


Similar Part No. - PMDPB55XP_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMDPB55XP NXP-PMDPB55XP Datasheet
884Kb / 15P
   20 V, dual P-channel Trench MOSFET
Rev. 3-4 June 2012
logo
Nexperia B.V. All right...
PMDPB55XP NEXPERIA-PMDPB55XP Datasheet
1Mb / 15P
   20 V, dual P-channel Trench MOSFET
Rev. 3 - 4 June 2012
More results

Similar Description - PMDPB55XP_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMDXB950UPE NXP-PMDXB950UPE Datasheet
262Kb / 15P
   20 V, dual P-channel Trench MOSFET
10 September 2013
PMDPB58UPE NXP-PMDPB58UPE Datasheet
880Kb / 15P
   20 V dual P-channel Trench MOSFET
Rev. 1-19 June 2012
PMDPB80XP PHILIPS-PMDPB80XP_15 Datasheet
899Kb / 15P
   20 V, dual P-channel Trench MOSFET
Rev. 1-30 May 2012
logo
Nexperia B.V. All right...
PMDXB950UPEL NEXPERIA-PMDXB950UPEL Datasheet
739Kb / 16P
   20 V, dual P-channel Trench MOSFET
PMDPB58UPE NEXPERIA-PMDPB58UPE Datasheet
707Kb / 14P
   20 V dual P-channel Trench MOSFET
3 February 2016
logo
NXP Semiconductors
PMDPB70XPE PHILIPS-PMDPB70XPE Datasheet
822Kb / 15P
   20 V dual P-channel Trench MOSFET
Rev. 1-20 June 2012
PMDPB58UPE PHILIPS-PMDPB58UPE_15 Datasheet
880Kb / 15P
   20 V dual P-channel Trench MOSFET
Rev. 1-19 June 2012
logo
Nexperia B.V. All right...
PMDPB80XP NEXPERIA-PMDPB80XP Datasheet
1Mb / 15P
   20 V, dual P-channel Trench MOSFET
PMDPB85UPE NEXPERIA-PMDPB85UPE Datasheet
1Mb / 15P
   20 V dual P-channel Trench MOSFET
Rev. 1 - 20 June 2012
PMDXB950UPE NEXPERIA-PMDXB950UPE Datasheet
732Kb / 15P
   20 V, dual P-channel Trench MOSFET
30 June 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com