Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDC204DWR Datasheet(PDF) 1 Page - Texas Instruments

Part # CDC204DWR
Description  HEX INVERTER/CLOCK DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC204DWR Datasheet(HTML) 1 Page - Texas Instruments

  CDC204DWR Datasheet HTML 1Page - Texas Instruments CDC204DWR Datasheet HTML 2Page - Texas Instruments CDC204DWR Datasheet HTML 3Page - Texas Instruments CDC204DWR Datasheet HTML 4Page - Texas Instruments CDC204DWR Datasheet HTML 5Page - Texas Instruments CDC204DWR Datasheet HTML 6Page - Texas Instruments CDC204DWR Datasheet HTML 7Page - Texas Instruments CDC204DWR Datasheet HTML 8Page - Texas Instruments CDC204DWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CDC204
HEX INVERTER/CLOCK DRIVER
SCAS098E – OCTOBER 1989– REVISED OCTOBER 1998
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D CDC204 Replaces 74AC11204
D Low-Skew Propagation Delay
Specifications for Clock-Driver Applications
D CMOS-Compatible Inputs and Outputs
D Flow-Through Architecture Optimizes
PCB Layout
D Center-Pin VCC and GND Pin
Configurations Minimize High-Speed
Switching Noise
D EPIC ™ (Enhanced-Performance Implanted
CMOS) 1-
µm Process
D 500-mA Typical Latch-Up Immunity at
125
°C
D Package Options Include Plastic
Small-Outline Package (DW))
description
The CDC204 contains six independent inverters. The device performs the Boolean function Y = A. It is designed
specifically for applications requiring low skew between switching outputs.
The CDC204 is characterized for operation from TA = 25°C to 70°C.
FUNCTION TABLE
INPUT
A
OUTPUT
Y
H
L
L
H
logic symbol
logic diagram (positive logic)
1A
20
20
1A
1Y
1
19
2A
2Y
2
18
3A
3Y
3
13
4A
4Y
8
12
5A
5Y
9
11
6A
6Y
10
1
1Y
1
2A
19
2Y
2
3A
18
3Y
3
4A
13
4Y
8
5A
12
5Y
9
6A
11
6Y
† This symbol is in accordance with ANSI/IEEE Std 91-1984
and IEC Publication 617-12.
10
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
EPIC is a trademark of Texas Instruments Incorporated.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
1Y
2Y
3Y
GND
GND
GND
GND
4Y
5Y
6Y
1A
2A
3A
NC
VCC
VCC
NC
4A
5A
6A
DW PACKAGE
(TOP VIEW)
NC – No internal connection


Similar Part No. - CDC204DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC204DW TI-CDC204DW Datasheet
105Kb / 7P
[Old version datasheet]   HEX INVERTER/CLOCK DRIVER
More results

Similar Description - CDC204DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC204 TI-CDC204 Datasheet
105Kb / 7P
[Old version datasheet]   HEX INVERTER/CLOCK DRIVER
CDC203 TI-CDC203 Datasheet
89Kb / 6P
[Old version datasheet]   3.3-V HEX INVERTER/CLOCK DRIVER
CDC203 TI1-CDC203_11 Datasheet
101Kb / 7P
[Old version datasheet]   3.3-V HEX INVERTER/CLOCK DRIVER
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com