Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMFPB8040XP Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PMFPB8040XP
Description  20 V, 3.7 A / 440 mV VF P-channel MOSFET-Schottky combination
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMFPB8040XP Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PMFPB8040XP_15 Datasheet HTML 4Page - NXP Semiconductors PMFPB8040XP_15 Datasheet HTML 5Page - NXP Semiconductors PMFPB8040XP_15 Datasheet HTML 6Page - NXP Semiconductors PMFPB8040XP_15 Datasheet HTML 7Page - NXP Semiconductors PMFPB8040XP_15 Datasheet HTML 8Page - NXP Semiconductors PMFPB8040XP_15 Datasheet HTML 9Page - NXP Semiconductors PMFPB8040XP_15 Datasheet HTML 10Page - NXP Semiconductors PMFPB8040XP_15 Datasheet HTML 11Page - NXP Semiconductors PMFPB8040XP_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
NXP Semiconductors
PMFPB8040XP
20 V, 3.7 A / 440 mV VF P-channel MOSFET-Schottky combination
PMFPB8040XP
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved
Product data sheet
21 December 2012
8 / 16
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Ciss
input capacitance
-
550
-
pF
Coss
output capacitance
-
63
-
pF
Crss
reverse transfer
capacitance
VDS = -10 V; f = 1 MHz; VGS = 0 V;
Tj = 25 °C
-
53
-
pF
td(on)
turn-on delay time
-
6
-
ns
tr
rise time
-
14
-
ns
td(off)
turn-off delay time
-
120
-
ns
tf
fall time
VDS = -10 V; ID = -2.4 A; VGS = -4.5 V;
RG(ext) = 6 Ω; Tj = 25 °C
-
50
-
ns
MOSFET transistor source-drain diode
VSD
source-drain voltage
IS = -1.1 A; VGS = 0 V; Tj = 25 °C
-
-0.8
-1.2
V
Schottky diode
IF = 100 mA; Tj = 25 °C
-
330
390
mV
IF = 500 mA; Tj = 25 °C
-
400
460
mV
VF
forward voltage
IF = 1 A; Tj = 25 °C
-
440
520
mV
VR = 5 V; Tj = 25 °C
-
1
3.5
µA
VR = 5 V; Tj = 125 °C
-
0.33
1.2
mA
VR = 10 V; Tj = 25 °C
-
2
5
µA
VR = 20 V; Tj = 25 °C
-
4
15
µA
IR
reverse current
VR = 30 V; Tj = 25 °C
-
8
30
µA
Cd
diode capacitance
VR = 5 V; f = 1 MHz; Tj = 25 °C
-
45
55
pF
VDS (V)
0
-4
-3
-1
-2
017aaa531
-4
-6
-2
-8
-10
ID
(A)
0
VGS = -1.8 V
-10 V
-4.5 V
-2.5 V
-2 V
-1.6 V
-1.5 V
-1.4 V
-1.2 V
-1 V
Tj = 25 °C
Fig. 8. MOSFET transistor: Output characteristics:
drain current as a function of drain-source
voltage; typical values
017aaa532
-10-4
-10-3
ID
(A)
-10-5
VGS (V)
0
-1.00
-0.75
-0.25
-0.50
min
typ
max
Tj = 25 °C; VDS = -5 V
Fig. 9. MOSFET transistor: Subthreshold drain current
as a function of gate-source voltage


Similar Part No. - PMFPB8040XP_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMFPB8040XP NEXPERIA-PMFPB8040XP Datasheet
403Kb / 17P
   20 V, 3.7 A / 440 mV VF P-channel MOSFET-Schottky combination
More results

Similar Description - PMFPB8040XP_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMFPB8040XP NEXPERIA-PMFPB8040XP Datasheet
403Kb / 17P
   20 V, 3.7 A / 440 mV VF P-channel MOSFET-Schottky combination
PMFPB8032XP NEXPERIA-PMFPB8032XP Datasheet
778Kb / 16P
   20 V, 3.7 A / 320 mV VF P-channel MOSFET-Schottky combination
21 December 2012
logo
NXP Semiconductors
PMFPB8032XP PHILIPS-PMFPB8032XP_15 Datasheet
285Kb / 16P
   20 V, 3.7 A / 320 mV VF P-channel MOSFET-Schottky combination
21 December 2012
logo
Nexperia B.V. All right...
PMFPB6545UP NEXPERIA-PMFPB6545UP Datasheet
611Kb / 19P
   20 V, 3.5 A / 440 mV VF P-channel MOSFET-Schottky combination
logo
NXP Semiconductors
PMFPB8032XP PHILIPS-PMFPB8032XP Datasheet
285Kb / 16P
   20 V, 3.7 A / 320 mV VF P-channel MOSFET-Schottky
21 December 2012
logo
Nexperia B.V. All right...
PMFPB6532UP NEXPERIA-PMFPB6532UP Datasheet
608Kb / 19P
   20 V, 3.5 A / 320 mV VF P-channel MOSFET-Schottky
logo
ON Semiconductor
NTHD3133PF ONSEMI-NTHD3133PF Datasheet
97Kb / 7P
   Power MOSFET and Schottky Diode -20 V, FETKY, P-Channel, -4.4 A, with 3.7 A Schottky Barrier Diode, ChipFET?
October, 2007 - Rev. 0
logo
Fairchild Semiconductor
FDZ371PZ FAIRCHILD-FDZ371PZ Datasheet
274Kb / 7P
   P-Channel 1.5 V Specified PowerTrench짰 Thin WL-CSP MOSFET -20 V, -3.7 A, 75 m廓
FDZ375P FAIRCHILD-FDZ375P Datasheet
297Kb / 6P
   P-Channel 1.5 V Specified PowerTrench짰 Thin WL-CSP MOSFET -20 V, -3.7 A, 78 m廓
FDZ375P FAIRCHILD-FDZ375P_10 Datasheet
297Kb / 6P
   P-Channel 1.5 V Specified PowerTrench짰 Thin WL-CSP MOSFET -20 V, -3.7 A, 78 m廓
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com