Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPA60R190P6 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # IPA60R190P6
Description  Metal Oxide Semiconductor Field Effect Transistor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPA60R190P6 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button IPA60R190P6_15 Datasheet HTML 6Page - Infineon Technologies AG IPA60R190P6_15 Datasheet HTML 7Page - Infineon Technologies AG IPA60R190P6_15 Datasheet HTML 8Page - Infineon Technologies AG IPA60R190P6_15 Datasheet HTML 9Page - Infineon Technologies AG IPA60R190P6_15 Datasheet HTML 10Page - Infineon Technologies AG IPA60R190P6_15 Datasheet HTML 11Page - Infineon Technologies AG IPA60R190P6_15 Datasheet HTML 12Page - Infineon Technologies AG IPA60R190P6_15 Datasheet HTML 13Page - Infineon Technologies AG IPA60R190P6_15 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
600VCoolMOS™P6PowerTransistor
IPW60R190P6,IPB60R190P6,IPP60R190P6,
IPA60R190P6
Rev.2.2,2015-07-10
Final Data Sheet
Diagram9:Typ.outputcharacteristics
VDS[V]
0
5
10
15
20
0
5
10
15
20
25
30
35
40
45
50
55
60
20 V
10 V
8 V
7 V
6 V
5.5 V
5 V
4.5 V
ID=f(VDS);Tj=25°C;parameter:VGS
Diagram10:Typ.outputcharacteristics
VDS[V]
0
5
10
15
20
0
5
10
15
20
25
30
35
40
20 V
10 V
8 V
7 V
6 V
5.5 V
5 V
4.5 V
ID=f(VDS);Tj=125°C;parameter:VGS
Diagram11:Typ.drain-sourceon-stateresistance
ID[A]
0
10
20
30
40
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
1.00
1.10
1.20
1.30
1.40
1.50
20 V
5.5 V
6 V
6.5 V
7 V
10 V
RDS(on)=f(ID);Tj=125°C;parameter:VGS
Diagram12:Drain-sourceon-stateresistance
Tj[°C]
-50
-25
0
25
50
75
100
125
150
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
98%
typ
RDS(on)=f(Tj);ID=7.6A;VGS=10V


Similar Part No. - IPA60R190P6_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPA60R190P6 INFINEON-IPA60R190P6 Datasheet
3Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.2,2015-07-10
logo
Inchange Semiconductor ...
IPA60R190P6 ISC-IPA60R190P6 Datasheet
270Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

Similar Description - IPA60R190P6_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPW60R280C6FKSA1 INFINEON-IPW60R280C6FKSA1 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2010-02-09 revision:2.1
IPA60R520C6 INFINEON-IPA60R520C6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-10 revision:2.2
IPD65R190C7 INFINEON-IPD65R190C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.1,2013-10-17
IPP65R074C6 INFINEON-IPP65R074C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-14 revision:2.1
IPD60R3K3C6 INFINEON-IPD60R3K3C6_15 Datasheet
963Kb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
Rev 2.3, 2015-11-12
IPA65R125C7 INFINEON-IPA65R125C7 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.0,2013-10-11
IPA60R600E6 INFINEON-IPA60R600E6_14 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
Rev. 2.0, 2010-04-12
IPA60R280C6 INFINEON-IPA60R280C6_14 Datasheet
1Mb / 19P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-09 revision:2.2
IPD65R250C6 INFINEON-IPD65R250C6 Datasheet
1Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
2011-09-15 revision:2.1
IPX80R2K8CE INFINEON-IPX80R2K8CE Datasheet
2Mb / 15P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.2,2016-04-12
IPW65R048CFDA INFINEON-IPW65R048CFDA Datasheet
1Mb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
2012-03-28 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com