Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8803 Datasheet(PDF) 7 Page - Texas Instruments

Part # DRV8803
Description  QUAD LOW-SIDE DRIVER IC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8803 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DRV8803_15 Datasheet HTML 3Page - Texas Instruments DRV8803_15 Datasheet HTML 4Page - Texas Instruments DRV8803_15 Datasheet HTML 5Page - Texas Instruments DRV8803_15 Datasheet HTML 6Page - Texas Instruments DRV8803_15 Datasheet HTML 7Page - Texas Instruments DRV8803_15 Datasheet HTML 8Page - Texas Instruments DRV8803_15 Datasheet HTML 9Page - Texas Instruments DRV8803_15 Datasheet HTML 10Page - Texas Instruments DRV8803_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
IN1
IN4
IN3
IN2
nENBL
OUT1
OUT2
OUT3
OUT4
DRV8803
www.ti.com
SLVSAW5B – JULY 2011 – REVISED FEBRUARY 2012
FUNCTIONAL DESCRIPTION
Output Drivers
The DRV8803 contains four protected low-side drivers. Each output has an integrated clamp diode connected to
a common pin, VCLAMP.
VCLAMP can be connected to the main power supply voltage, VM. It can also be connected to a zener or TVS
diode to VM, allowing the switch voltage to exceed the main supply voltage VM. This connection can be
beneficial when driving loads that require very fast current decay, such as unipolar stepper motors.
In all cases, the voltage on the outputs must not be allowed to exceed the maximum output voltage specification.
Parallel Interface Operation
The DRV8803 is controlled with a simple parallel interface. Logically, the interface is shown in Figure 2.
Figure 2. Parallel Interface Operation
nENBL and RESET Operation
The nENBL pin enables or disables the output drivers. nENBL must be low to enable the outputs. Note that
nENBL has an internal pulldown.
The RESET pin, when driven active high, resets internal logic. All inputs are ignored while RESET is active. Note
that RESET has an internal pulldown. An internal power-up reset is also provided, so it is not required to drive
RESET at power-up.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): DRV8803


Similar Part No. - DRV8803_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8803 TI1-DRV8803_12 Datasheet
1Mb / 26P
[Old version datasheet]   DRV8803/04/05/06 Evaluation Module
DRV8803 TI1-DRV8803_16 Datasheet
1Mb / 26P
[Old version datasheet]   Quad Low-Side Driver IC
More results

Similar Description - DRV8803_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8803 TI1-DRV8803_16 Datasheet
1Mb / 26P
[Old version datasheet]   Quad Low-Side Driver IC
DRV8803PWP TI-DRV8803PWP Datasheet
887Kb / 19P
[Old version datasheet]   QUAD LOW-SIDE DRIVER IC
DRV8803 TI1-DRV8803 Datasheet
558Kb / 15P
[Old version datasheet]   QUAD LOW-SIDE DRIVER IC
June2012
DRV8804 TI1-DRV8804 Datasheet
581Kb / 15P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
NOVEMBER2011
DRV8804 TI1-DRV8804_16 Datasheet
1Mb / 27P
[Old version datasheet]   Quad Serial Interface Low-Side Driver IC
DRV8806 TI1-DRV8806_16 Datasheet
1Mb / 27P
[Old version datasheet]   Quad Serial Interface Low-Side Driver IC
DRV8804 TI-DRV8804_15 Datasheet
956Kb / 21P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
DRV8804PWP TI1-DRV8804PWP Datasheet
765Kb / 18P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
DRV8806 TI1-DRV8806 Datasheet
703Kb / 18P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
DRV8806PWP TI1-DRV8806PWP Datasheet
703Kb / 18P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com