Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX3DV42 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # NX3DV42
Description  Dual high-speed USB 2.0 double-pole double-throw analog switch
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NX3DV42 Datasheet(HTML) 4 Page - NXP Semiconductors

  NX3DV42_15 Datasheet HTML 1Page - NXP Semiconductors NX3DV42_15 Datasheet HTML 2Page - NXP Semiconductors NX3DV42_15 Datasheet HTML 3Page - NXP Semiconductors NX3DV42_15 Datasheet HTML 4Page - NXP Semiconductors NX3DV42_15 Datasheet HTML 5Page - NXP Semiconductors NX3DV42_15 Datasheet HTML 6Page - NXP Semiconductors NX3DV42_15 Datasheet HTML 7Page - NXP Semiconductors NX3DV42_15 Datasheet HTML 8Page - NXP Semiconductors NX3DV42_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
NX3DV42
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 13 February 2013
4 of 19
NXP Semiconductors
NX3DV42
Dual high-speed USB 2.0 double-pole double-throw analog switch
9.
Limiting values
[1]
The minimum input voltage rating may be exceeded if the input current rating is observed.
[2]
For XQFN10 packages: above 100
C derate linearly with 4 mW/K.
10. Recommended operating conditions
[1]
To avoid sinking GND current from terminals D+ and D
 when switch current flows in terminals HSDn+ and HSDn, the voltage drop
across the bidirectional switch must not exceed 0.4 V. If the switch current flows into terminals D+ and D
, no GND current will flow from
terminals HSDn+ and HSDn
. In this case, there is no limit for the voltage drop across the switch.
11. Static characteristics
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.5
+5.5
V
VI
input voltage
pins S and OE
[1]
0.5
+5.5
V
VSW
switch voltage
0.5
+5.5
V
IIK
input clamping current
VI < 0.5 V
50
-
mA
ISK
switch clamping current
VI < 0.5 V
50
-
mA
ISW
switch current
-
100
mA
ICC
supply current
-
+50
mA
Tstg
storage temperature
65
+150
C
Ptot
total power dissipation
Tamb = 40 Cto +125 C
[2] -250
mW
Table 6.
Recommended operating conditions
Symbol Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
3.0
4.3
V
VI
input voltage
pins S and OE
04.5
V
VSW
switch voltage
[1] 0VCC
V
Tamb
ambient temperature
40
+125
C
Table 7.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground 0 V).
Symbol Parameter
Conditions
Tamb = 40 C to +85 C
Tamb = 40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
VIH
HIGH-level
input voltage
VCC = 3.0 V to 3.6 V
1.3
-
-
1.3
-
V
VCC =4.3 V
1.7
-
-
1.7
-
V
VIL
LOW-level
input voltage
VCC = 3.0 V to 3.6 V
-
-
0.5
-
0.5
V
VCC = 4.3 V
-
-
0.7
-
0.7
V
VIK
input clamping
voltage
VCC =3.0 V; II = 18 mA
-
-
1.2
-
1.2
V
II
input leakage
current
pins S and OE;
VI = GND to 4.3 V; VCC =4.3 V;
see Figure 5
--
1-
10
A


Similar Part No. - NX3DV42_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3DV42GM NXP-NX3DV42GM Datasheet
792Kb / 16P
   Dual high-speed USB 2.0 double-pole double-throw analog
Rev. 1-3 January 2012
NX3DV42GU NXP-NX3DV42GU Datasheet
792Kb / 16P
   Dual high-speed USB 2.0 double-pole double-throw analog
Rev. 1-3 January 2012
More results

Similar Description - NX3DV42_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3DV42 NXP-NX3DV42 Datasheet
792Kb / 16P
   Dual high-speed USB 2.0 double-pole double-throw analog
Rev. 1-3 January 2012
NX3DV3899 PHILIPS-NX3DV3899_15 Datasheet
204Kb / 22P
   Dual double-pole double-throw analog switch
Rev. 3-9 November 2011
NX3DV3899 NXP-NX3DV3899 Datasheet
650Kb / 22P
   Dual double-pole double-throw analog switch
Rev. 2-23 November 2010
logo
Nexperia B.V. All right...
XS3A2467 NEXPERIA-XS3A2467 Datasheet
319Kb / 18P
   Dual low-ohmic double-pole double-throw analog switch
Rev. 1 - 11 February 2022
logo
NXP Semiconductors
NX3L2467 NXP-NX3L2467 Datasheet
235Kb / 24P
   Dual low-ohmic double-pole double-throw analog switch
Rev. 3-29 December 2010
NX3L2467 PHILIPS-NX3L2467_15 Datasheet
276Kb / 24P
   Dual low-ohmic double-pole double-throw analog switch
Rev. 5-2 July 2012
logo
Texas Instruments
SN74LVC1G3157DSFR TI1-SN74LVC1G3157DSFR Datasheet
1Mb / 28P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157-Q1 TI1-SN74LVC1G3157-Q1_14 Datasheet
902Kb / 21P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157 TI1-SN74LVC1G3157_18 Datasheet
2Mb / 42P
[Old version datasheet]   Single-Pole Double-Throw Analog Switch
logo
Unisonic Technologies
U74LVC3157 UTC-U74LVC3157_15 Datasheet
203Kb / 5P
   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com