Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMD18200 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMD18200
Description  3A, 55V H-Bridge
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMD18200 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMD18200 Datasheet HTML 4Page - Texas Instruments LMD18200 Datasheet HTML 5Page - Texas Instruments LMD18200 Datasheet HTML 6Page - Texas Instruments LMD18200 Datasheet HTML 7Page - Texas Instruments LMD18200 Datasheet HTML 8Page - Texas Instruments LMD18200 Datasheet HTML 9Page - Texas Instruments LMD18200 Datasheet HTML 10Page - Texas Instruments LMD18200 Datasheet HTML 11Page - Texas Instruments LMD18200 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LMD18200
SNVS091F – DECEMBER 1999 – REVISED APRIL 2013
www.ti.com
Pinout Description
(See Test Circuit)
Pin 1, BOOTSTRAP 1 Input: Bootstrap capacitor pin for half H-bridge number 1. The recommended capacitor
(10 nF) is connected between pins 1 and 2.
Pin 2, OUTPUT 1: Half H-bridge number 1 output.
Pin 3, DIRECTION Input: See Logic Truth Table. This input controls the direction of current flow between
OUTPUT 1 and OUTPUT 2 (pins 2 and 10) and, therefore, the direction of rotation of a motor load.
Pin 4, BRAKE Input: See Logic Truth Table. This input is used to brake a motor by effectively shorting its
terminals. When braking is desired, this input is taken to a logic high level and it is also necessary to apply logic
high to PWM input, pin 5. The drivers that short the motor are determined by the logic level at the DIRECTION
input (Pin 3): with Pin 3 logic high, both current sourcing output transistors are ON; with Pin 3 logic low, both
current sinking output transistors are ON. All output transistors can be turned OFF by applying a logic high to Pin
4 and a logic low to PWM input Pin 5; in this case only a small bias current (approximately
−1.5 mA) exists at
each output pin.
Pin 5, PWM Input: See Logic Truth Table. How this input (and DIRECTION input, Pin 3) is used is determined
by the format of the PWM Signal.
Pin 6, VS Power Supply
Pin 7, GROUND Connection: This pin is the ground return, and is internally connected to the mounting tab.
Pin 8, CURRENT SENSE Output: This pin provides the sourcing current sensing output signal, which is typically
377
μA/A.
Pin 9, THERMAL FLAG Output: This pin provides the thermal warning flag output signal. Pin 9 becomes active-
low at 145°C (junction temperature). However the chip will not shut itself down until 170°C is reached at the
junction.
Pin 10, OUTPUT 2: Half H-bridge number 2 output.
Pin 11, BOOTSTRAP 2 Input: Bootstrap capacitor pin for Half H-bridge number 2. The recommended capacitor
(10 nF) is connected between pins 10 and 11.
Logic Truth Table
PWM
Dir
Brake
Active Output Drivers
H
H
L
Source 1, Sink 2
H
L
L
Sink 1, Source 2
L
X
L
Source 1, Source 2
H
H
H
Source 1, Source 2
H
L
H
Sink 1, Sink 2
L
X
H
NONE
8
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LMD18200


Similar Part No. - LMD18200

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMD18200 NSC-LMD18200 Datasheet
439Kb / 13P
   3A, 55V H-Bridge
LMD18200 NSC-LMD18200 Datasheet
877Kb / 14P
   3A, 55V H-Bridge
LMD18200-2D-QV NSC-LMD18200-2D-QV Datasheet
439Kb / 13P
   3A, 55V H-Bridge
LMD18200-2D-QV NSC-LMD18200-2D-QV Datasheet
877Kb / 14P
   3A, 55V H-Bridge
LMD18200-2D/883 NSC-LMD18200-2D/883 Datasheet
439Kb / 13P
   3A, 55V H-Bridge
More results

Similar Description - LMD18200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMD18201T TI1-LMD18201T Datasheet
476Kb / 17P
[Old version datasheet]   3A, 55V H-Bridge
logo
National Semiconductor ...
LMD18200T NSC-LMD18200T Datasheet
347Kb / 14P
   3A, 55V H-Bridge
LMD18200 NSC-LMD18200 Datasheet
439Kb / 13P
   3A, 55V H-Bridge
LMD18201 NSC-LMD18201 Datasheet
261Kb / 8P
   3A, 55V H-Bridge
LMD18200 NSC-LMD18200_05 Datasheet
877Kb / 14P
   3A, 55V H-Bridge
logo
International Rectifier
IR8200B IRF-IR8200B Datasheet
87Kb / 1P
   3A, 55V DMOS H-BRIDGE
logo
Texas Instruments
LMD18200 TI-LMD18200_13 Datasheet
689Kb / 19P
[Old version datasheet]   LMD18200 3A, 55V H-Bridge
LMD18200QML TI1-LMD18200QML Datasheet
340Kb / 18P
[Old version datasheet]   2.4A, 55V H-Bridge
logo
National Semiconductor ...
LMD18245 NSC-LMD18245_06 Datasheet
1Mb / 21P
   3A, 55V DMOS Full-Bridge Motor Driver
LMD18245 NSC-LMD18245 Datasheet
647Kb / 18P
   3A, 55V DMOS Full-Bridge Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com