Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

61050-002 Datasheet(PDF) 3 Page - Micropac Industries

Part # 61050-002
Description  Maximum sensitivity
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

61050-002 Datasheet(HTML) 3 Page - Micropac Industries

  61050-002 Datasheet HTML 1Page - Micropac Industries 61050-002 Datasheet HTML 2Page - Micropac Industries 61050-002 Datasheet HTML 3Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION
• 725 E.Walnut St., Garland, TX 75040 • (972)272-3571 • Fax (972)487-6918
www.micropac.com
E-MAIL: OPTOSALES @ MICROPAC.COM
61050
TO-46 PHOTODARLINGTON
6/30/03
SELECTION GUIDE
PART NUMBER
PART DESCRIPTION
IL Range
61050-001
Commercial
40mA min
61050-101
Screened
40mA min
61050-002
Commercial
60mA min
61050-102
Screened
60mA min
61050-003
Commercial
80mA min
61050-103
Screened
80mA min
61050-004
Commercial
100mA min
61050-104
Screened
100mA min


Similar Part No. - 61050-002

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
61053 MICROPAC-61053 Datasheet
89Kb / 2P
   SILICON PHOTOTRANSISTOR ?쏱IGTAIL?
61053-001 MICROPAC-61053-001 Datasheet
89Kb / 2P
   SILICON PHOTOTRANSISTOR ?쏱IGTAIL?
61053-002 MICROPAC-61053-002 Datasheet
89Kb / 2P
   SILICON PHOTOTRANSISTOR ?쏱IGTAIL?
61053-003 MICROPAC-61053-003 Datasheet
89Kb / 2P
   SILICON PHOTOTRANSISTOR ?쏱IGTAIL?
61053-004 MICROPAC-61053-004 Datasheet
89Kb / 2P
   SILICON PHOTOTRANSISTOR ?쏱IGTAIL?
More results

Similar Description - 61050-002

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J102 CIT-J102 Datasheet
100Kb / 3P
   High sensitivity
logo
STMicroelectronics
MP23AB02B STMICROELECTRONICS-MP23AB02B Datasheet
526Kb / 12P
   Omnidirectional sensitivity
September 2014 Rev 3
logo
Amphenol Corporation
NPC-1210 AMPHENOL-NPC-1210 Datasheet
71Kb / 4P
   High sensitivity
logo
OmniVision Technologies...
OV10650 OMNIVISION-OV10650 Datasheet
856Kb / 2P
   high sensitivity
logo
Amphenol Corporation
AAS-920-148C AMPHENOL-AAS-920-148C Datasheet
56Kb / 2P
   High sensitivity
logo
OmniVision Technologies...
OV9674 OMNIVISION-OV9674 Datasheet
3Mb / 2P
   high sensitivity
logo
CIT Relay & Switch
J099 CIT-J099 Datasheet
132Kb / 2P
   High sensitivity
logo
List of Unclassifed Man...
R70-5D1-12 ETC2-R70-5D1-12 Datasheet
477Kb / 1P
   High Sensitivity
logo
CIT Relay & Switch
J104D CIT-J104D Datasheet
101Kb / 2P
   High sensitivity
logo
STMicroelectronics
STEVAL-MKI155V1 STMICROELECTRONICS-STEVAL-MKI155V1 Datasheet
208Kb / 4P
   Omnidirectional sensitivity
February 2015 Rev 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com