Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM3772 Datasheet(PDF) 6 Page - New Japan Radio

Part # NJM3772
Description  DUAL STEPPER MOTOR DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM3772 Datasheet(HTML) 6 Page - New Japan Radio

  NJM3772 Datasheet HTML 1Page - New Japan Radio NJM3772 Datasheet HTML 2Page - New Japan Radio NJM3772 Datasheet HTML 3Page - New Japan Radio NJM3772 Datasheet HTML 4Page - New Japan Radio NJM3772 Datasheet HTML 5Page - New Japan Radio NJM3772 Datasheet HTML 6Page - New Japan Radio NJM3772 Datasheet HTML 7Page - New Japan Radio NJM3772 Datasheet HTML 8Page - New Japan Radio NJM3772 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
NJM3772
s APPLICATIONS INFORMATION
Current control
The output current to the motor winding is determined by the voltage at the reference input and the sensing
resistor, R
S.
Chopping frequency, winding inductance and supply voltage also affect the current, but to much less extent.
The peak current through the sensing resistor (and motor winding) can be expressed as:
I
M,peak = 0.18 • ( VR / RS )[A]
i.e., with a recommended value of
0.47 ohm for the sensing resistor R
S, a 2.5 V reference voltage will produce an output current of approximately
960 mA.
To improve noise immunity on the V
R input, the control range may be increased to 5 V if RS
is correspondingly
changed to 1 ohm.
Figure 7. Microstepping system with NJU39610 and NJM3772
E
C
E
C
GND
RC
NJM3772
15 k
3300 pF
820 pF
0.5
1 k
1 k
0.5
820 pF
STEPPER
MOTOR
M
M
M
M
A1
B1
A2
B2
V MM
VV
V
V
V
CC
MM1
BB1
MM2
BB2
+5 V
12
8
4
7
19
20
26
25
22
18
11
27
5
23
1,
2,
3,
9,
28, 13,
14, 15,
16, 17,
10
24
6
21
Phase
V
Phase
V
R2
1
R1
2
D1
D3
0.5
11
2
2
D1 - D4 are UF 4001 or
BYV 27, t
100 ns
rr
R S
R S
0.5
R B
R B
0.1
µF
V MM
+
10
µF
D2
D4
Pin numbers refer to
PLCC package.
D0
D7
A0
A1
WR
CS
RESET
VV
NJU39610
6
10
4
12
2
14
9
27
15
7
28
1
16
25
To
mP
+2.5V
Sign
DA
1
1
Sign
DA
2
2
SS
VDD
Ref
V
(+5V)
CC
E
C
E
C
GND
RC
NJM3772
15 k
3300 pF
820 pF
0.5
1 k
1 k
0.5
820 pF
STEPPER
MOTOR
M
M
A1
B1
V
MM
VV
V
V
V
CC
MM1
BB1
MM2
BB2
+5 V
12
19
22
18
11
27
5
23
1,
2,
3,
9,
28, 13,
14, 15,
16, 17,
10
24
6
21
Phase
V
Phase
V R2
1
R1
2
D1
D3
0.5
1
1
22
RS
RS
0.5
R
B
R
B
GND (V
)
CC
+5 V
0.1
µ F
V MM
+
10
µF
D2
D4
D1 - D4 are UF 4001 or
BYV 27, t
≤ 100 ns.
rr
Pin numbers
refer to PLCC
package.
GND (V
)
MM
20
26
25
M A2
M
B2
8
4
7
Figure 6. Typical stepper motor driver application with NJM3772


Similar Part No. - NJM3772

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM3770A NJRC-NJM3770A Datasheet
173Kb / 10P
   STEPPER MOTOR DRIVER
NJM3770AD3 NJRC-NJM3770AD3 Datasheet
173Kb / 10P
   STEPPER MOTOR DRIVER
NJM3770AE2 NJRC-NJM3770AE2 Datasheet
173Kb / 10P
   STEPPER MOTOR DRIVER
NJM3770AFM2 NJRC-NJM3770AFM2 Datasheet
173Kb / 10P
   STEPPER MOTOR DRIVER
NJM3771 NJRC-NJM3771 Datasheet
169Kb / 9P
   DUAL STEPPER MOTOR DRIVER
More results

Similar Description - NJM3772

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM3773 NJRC-NJM3773 Datasheet
170Kb / 9P
   DUAL STEPPER MOTOR DRIVER
logo
Ericsson
PBL3775-1 ERICSSON-PBL3775-1 Datasheet
161Kb / 8P
   Dual Stepper Motor Driver
logo
New Japan Radio
NJM3771 NJRC-NJM3771 Datasheet
169Kb / 9P
   DUAL STEPPER MOTOR DRIVER
NJM3774 NJRC-NJM3774 Datasheet
161Kb / 9P
   DUAL STEPPER MOTOR DRIVER
logo
ON Semiconductor
LV8714TA ONSEMI-LV8714TA Datasheet
1Mb / 25P
   Dual Stepper Motor Driver
November 2014- Rev. 2
logo
Ericsson
PBL3772 ERICSSON-PBL3772 Datasheet
708Kb / 13P
   DUAL STEPPER MOTOR DRIVER
PBL3773 ERICSSON-PBL3773 Datasheet
697Kb / 8P
   DUAL STEPPER MOTOR DRIVER
logo
New Japan Radio
NJM3777 NJRC-NJM3777 Datasheet
166Kb / 10P
   DUAL STEPPER MOTOR DRIVER
logo
Shindengen Electric Mfg...
MTD2009J SHINDENGEN-MTD2009J_17 Datasheet
241Kb / 4P
   Dual Stepper Motor Driver
MTD2009J SHINDENGEN-MTD2009J Datasheet
221Kb / 2P
   Dual Stepper Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com