Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S5J Datasheet(PDF) 1 Page - Micro Commercial Components

Part # S5J
Description  5 Amp Silicon Rectifier 50 to 1000 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

S5J Datasheet(HTML) 1 Page - Micro Commercial Components

  S5J Datasheet HTML 1Page - Micro Commercial Components S5J Datasheet HTML 2Page - Micro Commercial Components S5J Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
S5A
THRU
S5M
5 Amp
Silicon Rectifier
50 to 1000 Volts
Features
For Surface Mount Applications
Extremely Low Thermal Resistance
Easy Pick And Place
High Temp Soldering: 250
°C for 10 Seconds At Terminals
High Current Capability
Maximum Ratings
Operating Temperature: -55
°C to +150°C
Storage Temperature: -55
°C to +150°C
MCC
Part
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
S5A
S5A
50V
35V
50V
S5B
S5B
100V
70V
100V
S5D
S5D
200V
140V
200V
S5G
S5G
400V
280V
400V
S5J
S5J
600V
420V
600V
S5K
S5K
800V
560V
800V
S5M
S5M
1000V
700V
1000V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
5.0A
TJ = 75
°C
Peak Forward Surge
Current
IFSM
200A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.20V
IFM = 5.0A;
TJ = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10
µA
250
µA
TJ = 25
°C
TJ = 100
°C
Typical Junction
Capacitance
CJ
100pF
Measured at
1.0MHz, VR=4.0V
*Pulse test: Pulse width 200
µsec, Duty cycle 2%
H
J
E
F
G
A
B
D
C
Cathode Band
www.mccsemi.com
0.070”
0.190
0.200”
SUGGESTED SOLDER
PAD LAYOUT
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.200
.214
5.08
5.43
B
.177
.203
4.70
5.30
C
.002
.005
.05
.13
D
---
.02
---
.51
E
.053
.067
1.35
1.70
F
.168
.179
4.27
4.55
G
.320
.330
8.13
8.38
H
.239
.243
6.08
6.18
J
.234
.240
5.95
6.10
DO-214AB
(SMCJ) (Round Lead)
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - S5J

ManufacturerPart #DatasheetDescription
logo
Semikron International
S5J SEMIKRON-S5J Datasheet
113Kb / 2P
   Standard silicon rectifier diodes
logo
DAESAN ELECTRONIC CORP.
S5J DAESAN-S5J Datasheet
458Kb / 2P
   STANDARD RECTIFIER
logo
DIOTEC Electronics Corp...
S5J DEC-S5J Datasheet
793Kb / 2P
   For surface mounted applications
logo
Shenzhen Yixinwei Techn...
S5J YIXIN-S5J Datasheet
482Kb / 2P
   SURFACE MOUNT RECTIFIER
logo
Won-Top Electronics
S5J WTE-S5J Datasheet
51Kb / 4P
   5.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
More results

Similar Description - S5J

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
S5AL LEIDITECH-S5AL Datasheet
600Kb / 3P
   5 Amp Silicon Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
S5A MCC-S5A_08 Datasheet
224Kb / 5P
   5 Amp Silicon Rectifier 50 to 1000 Volts
S5AL MCC-S5AL Datasheet
76Kb / 3P
   5 Amp Silicon Rectifier 50 to 1000 Volts
S5AL MCC-S5AL_11 Datasheet
264Kb / 3P
   5 Amp Silicon Rectifier 50 to 1000 Volts
S5AL MCC-S5AL_13 Datasheet
185Kb / 3P
   5 Amp Silicon Rectifier 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
RL201 YFWDIODE-RL201 Datasheet
100Kb / 3P
   2 Amp Silicon Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
S10A MCC-S10A_13 Datasheet
230Kb / 4P
   10 Amp Silicon Rectifier 50 to 1000 Volts
S1A MCC-S1A_11 Datasheet
237Kb / 4P
   1 Amp Silicon Rectifier 50 to 1000 Volts
S2A MCC-S2A_11 Datasheet
243Kb / 4P
   2 Amp Silicon Rectifier 50 to 1000 Volts
S3M-TP MCC-S3M-TP Datasheet
530Kb / 4P
   3 Amp Silicon Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com