Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

62120-101 Datasheet(PDF) 2 Page - Micropac Industries

Part # 62120-101
Description  Hermetically sealed
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

62120-101 Datasheet(HTML) 2 Page - Micropac Industries

  62120-101 Datasheet HTML 1Page - Micropac Industries 62120-101 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION
• 725 E.Walnut St., Garland, TX 75040 • (972)272-3571 • Fax (972)487-6918
www.micropac.com
E-MAIL: OPTOSALES @ MICROPAC.COM
62120
LIGHT-EMITTING DIODE
09/22/03
ELECTRICAL CHARACTERISTICS
TA = 25
°C unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
NOTE
Output Power
PO
10
mW
IF = 50mA
Forward Voltage
VF
1.45
V
IF = 50mA
Reverse Breakdown Voltage
BVR
6
V
IR = 10µA
Radiation Rise Time
tR
0.7
µs
Peak Wavelength
λP
880
nm
IF = 100mA
Beam Angle
θ
20
degrees
1
Forward Max Continuous Current
IF(MAX)
120
mA
25°C Case
NOTES:
1.
Angle between half-intensity points.
RECOMMENDED OPERATING CONDITIONS:
PARAMETER
SYMBOL
MIN
MAX
UNITS
Forward Current
IF
50
mA
SELECTION GUIDE
PART NUMBER
PART DESCRIPTION
62120-001
Commercial
62120-101
Screened


Similar Part No. - 62120-101

ManufacturerPart #DatasheetDescription
logo
Lapp.
62120321 LAPP-62120321 Datasheet
101Kb / 1P
   Cable Tie Tool BASIC
02.05.2018
logo
PANDUIT CORP.
621207-000 PANDUIT-621207-000 Datasheet
107Kb / 1P
   (1 TO 1 SPLICES-CRIMP) SOLDERSHIELD SPLICE KIT, SHIELDED CABLE
More results

Similar Description - 62120-101

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
62111 MICROPAC-62111 Datasheet
87Kb / 2P
   Hermetically sealed
logo
M/A-COM Technology Solu...
1N4531 MA-COM-1N4531 Datasheet
456Kb / 3P
   Hermetically Sealed
logo
MMD Components
MVSC1 MMD-MVSC1 Datasheet
129Kb / 2P
   Hermetically Sealed
logo
TE Connectivity Ltd
FCA-410 TEC-FCA-410 Datasheet
749Kb / 3P
   Hermetically Sealed
logo
M/A-COM Technology Solu...
1N914UR MA-COM-1N914UR Datasheet
601Kb / 3P
   Hermetically Sealed
logo
Micropac Industries
62121 MICROPAC-62121 Datasheet
65Kb / 2P
   Hermetically sealed
62087 MICROPAC-62087 Datasheet
46Kb / 2P
   Hermetically sealed
62096 MICROPAC-62096 Datasheet
77Kb / 2P
   Hermetically sealed
logo
M/A-COM Technology Solu...
1N3600 MA-COM-1N3600 Datasheet
613Kb / 3P
   Hermetically Sealed
logo
Micropac Industries
61111 MICROPAC-61111 Datasheet
90Kb / 2P
   Hermetically sealed
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com