Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S6K Datasheet(PDF) 1 Page - Micro Commercial Components

Part # S6K
Description  6 Amp Silicon Rectifier 50 to 1000 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

S6K Datasheet(HTML) 1 Page - Micro Commercial Components

  S6K Datasheet HTML 1Page - Micro Commercial Components S6K Datasheet HTML 2Page - Micro Commercial Components S6K Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
S6A
THRU
S6M
6 Amp
Silicon Rectifier
50 to 1000 Volts
Features
For Surface Mount Applications
Extremely Low Thermal Resistance
Easy Pick And Place
High Temp Soldering: 250
°C for 10 Seconds At Terminals
High Current Capability
Maximum Ratings
Operating Temperature: -55
°C to +150°C
Storage Temperature: -55
°C to +150°C
MCC
Part
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
S6A
S6A
50V
35V
50V
S6B
S6B
100V
70V
100V
S6D
S6D
200V
140V
200V
S6G
S6G
400V
280V
400V
S6J
S6J
600V
420V
600V
S6K
S6K
800V
560V
800V
S6M
S6M
1000V
700V
1000V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
6.0A
TJ = 75
°C
Peak Forward Surge
Current
IFSM
200A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.20V
IFM = 6.0A;
TJ = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10
µA
100
µA
TJ = 25
°C
TJ = 100
°C
Typical Junction
Capacitance
CJ
150pF
Measured at
1.0MHz, VR=4.0V
*Pulse test: Pulse width 200
µsec, Duty cycle 2%
H
J
E
F
G
A
B
D
C
Cathode Band
www.mccsemi.com
DO-214AB
(SMCJ) (Round Lead)
0.070”
0.190
0.200”
SUGGESTED SOLDER
PAD LAYOUT
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.200
.214
5.08
5.43
B
.177
.203
4.70
5.30
C
.002
.005
.05
.13
D
---
.02
---
.51
E
.053
.067
1.35
1.70
F
.168
.179
4.27
4.55
G
.320
.330
8.13
8.38
H
.239
.243
6.08
6.18
J
.234
.240
5.95
6.10
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - S6K

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
S6K TSC-S6K Datasheet
52Kb / 2P
   6.0 AMPS. Surface Mount Rectifiers
logo
Micro Commercial Compon...
S6K MCC-S6K Datasheet
191Kb / 5P
   6 Amp Silicon Rectifier 50 to 1000 Volts
logo
Formosa MS
S6K FORMOSA-S6K Datasheet
119Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
logo
Thinki Semiconductor Co...
S6K THINKISEMI-S6K Datasheet
655Kb / 2P
   6.0 Ampere Surface Mount Glass Passivated General Purpose Rectifier
logo
GeneSiC Semiconductor, ...
S6K GENESIC-S6K Datasheet
769Kb / 3P
   Silicon Standard Recovery Diode
More results

Similar Description - S6K

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
S6A MCC-S6A_08 Datasheet
191Kb / 5P
   6 Amp Silicon Rectifier 50 to 1000 Volts
6A05 MCC-6A05 Datasheet
82Kb / 3P
   6 Amp Rectifier 50 - 1000 Volts
MR750 MCC-MR750_06 Datasheet
126Kb / 5P
   6 Amp Rectifier 50 - 1000 Volts
logo
Micro Analog systems
6A4-TP MAS-6A4-TP Datasheet
269Kb / 4P
   6 Amp Rectifier 50 - 1000 Volts
logo
Micro Commercial Compon...
MR750 MCC-MR750 Datasheet
90Kb / 3P
   6 Amp Rectifier 50 - 1000 Volts
6A05 MCC-6A05_11 Datasheet
243Kb / 4P
   6 Amp Rectifier 50 - 1000 Volts
6A05 MCC-6A05_13 Datasheet
273Kb / 4P
   6 Amp Rectifier 50 - 1000 Volts
S5A MCC-S5A Datasheet
345Kb / 3P
   5 Amp Silicon Rectifier 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
RL201 YFWDIODE-RL201 Datasheet
100Kb / 3P
   2 Amp Silicon Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
S10A MCC-S10A_13 Datasheet
230Kb / 4P
   10 Amp Silicon Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com