Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPB-9110V-R3R5G Datasheet(PDF) 2 Page - Optoway Technology Inc

Part # SPB-9110V-R3R5G
Description  3 Gb/s Medium Power 1-Fibre BIDI SM Dual Receiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPB-9110V-R3R5G Datasheet(HTML) 2 Page - Optoway Technology Inc

  SPB-9110V-R3R5G_15 Datasheet HTML 1Page - Optoway Technology Inc SPB-9110V-R3R5G_15 Datasheet HTML 2Page - Optoway Technology Inc SPB-9110V-R3R5G_15 Datasheet HTML 3Page - Optoway Technology Inc SPB-9110V-R3R5G_15 Datasheet HTML 4Page - Optoway Technology Inc SPB-9110V-R3R5G_15 Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Optoway
SPB-9110V-R3R5G
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
8/1/2009 V1.0
2
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Notes
Storage Temperature
Tstg
-40
85
oC
Operating Case Temperature
Tc
-20
85
oC
Power Supply Voltage
Vcc
0
4
V
ESD Tolerance on all pins
1
KV HBM
Relative Humidity
---
5
95
% RH
non-condensing
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units / Notes
Power Supply Voltage
Vcc
3.13
3.3
3.47
V
Operating Case Temperature
Tc
0
70
oC
Baud Rate
50
3000
Mb/s
Power Supply Current
Icc
150
200
mA
Receiver Specifications (0
oC < Tc < 70oC, 3.13V < Vcc < 3.47V)
Parameter
Symbol
Min
Typ
Max
Units
Notes
Optical
λ
RX1
1260
1310
1360
nm
1
Received Wavelength
λ
RX2
1480
1550
1580
nm
2
0
---
-18
dBm
Pathological
Sensitivity for SMPTE 424M
2.97 Gb/s
Sen
0
-20
dBm
PRBS 2
23-1, BER=1E-12
0
---
-20
dBm
Pathological
Sensitivity for SMPTE 292M
1.485 Gb/s
Sen
0
-21
dBm
PRBS 2
23-1, BER=1E-12
Signal Detect -- Asserted
Pa
---
---
-20
dBm
Transition: low to high
Signal Detect -- Deasserted
Pd
-29
---
---
dBm
Transition: high to low
Signal detect -- Hysteresis
1
6
dB
Optical Return Loss
-27
dB
Electrical
CML Output (Differential)
550
660
850
mVp-p
AC coupled output
135
ps
3, SMPTE 424M
270
ps
3, SMPTE 292M
800
ps
3, SMPTE 344M
Optical Rise Time / Fall Time
tr / tf
1.5
ns
3, SMPTE 259M
Output LOS Voltage -- Low
VOL
0
0.5
V
IOL=-1.6mA, 1 TTL unit load
Output LOS Voltage -- High
VOH
2.5
Vcc+0.3
V
IOH=40
µA, 1 TTL unit load
VOH
2.5
Vcc+0.3
V
SCL, SDA
VOL
0
0.5
V
1.
At least 30 dB optical isolation for the wavelength 1480 to 1580 nm.
2.
At least 30 dB optical isolation for the wavelength 1260 to 1360 nm.
3.
20% to 80%, unfiltered.
MODULE DEFINITION
Module Definition
PIN 5
PIN 6
Interpretation by Host
4
SCL
SDA
Serial module definition protocol
Module Definition 4 specifies a serial definition protocol. For this definition, upon power up, SCL and SDA appear as no connector
(NC). When the host system detects this condition, it activates the serial protocol. The protocol uses the 2-wire serial CMOS E
2PROM
protocol of the ATMEL AT24C01A/02/04 family of components.


Similar Part No. - SPB-9110V-R3R5G_15

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPB-9110V-R3R5G_2015 OPTOWAY-SPB-9110V-R3R5G_2015 Datasheet
133Kb / 5P
   3 Gb/s Medium Power 1-Fibre BIDI SM Dual Receiver
More results

Similar Description - SPB-9110V-R3R5G_15

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPB-9110V-R3R5G_2015 OPTOWAY-SPB-9110V-R3R5G_2015 Datasheet
133Kb / 5P
   3 Gb/s Medium Power 1-Fibre BIDI SM Dual Receiver
SPB-9110VW-R3R5G_2015 OPTOWAY-SPB-9110VW-R3R5G_2015 Datasheet
134Kb / 5P
   3 Gb/s Medium Power 1-Fibre BIDI SM Digital Diagnostic Dual Receiver
SPB-9110VW-R3R5G OPTOWAY-SPB-9110VW-R3R5G_15 Datasheet
134Kb / 5P
   3 Gb/s Medium Power 1-Fibre BIDI SM Digital Diagnostic Dual Receiver
SPB-9110V-T3T5G_2015 OPTOWAY-SPB-9110V-T3T5G_2015 Datasheet
109Kb / 5P
   3 Gb/s Medium Power 1-Fibre BIDI SMDual Transmitter
SPB-9110VW-T3T5G OPTOWAY-SPB-9110VW-T3T5G_15 Datasheet
109Kb / 5P
   3 Gb/s Medium Power 1-Fibre BIDI SMDigital Diagnostic Dual Transmitter
SPB-9110V-T3T5G OPTOWAY-SPB-9110V-T3T5G_15 Datasheet
109Kb / 5P
   3 Gb/s Medium Power 1-Fibre BIDI SMDual Transmitter
SPB-9110VW-T3T5G_2015 OPTOWAY-SPB-9110VW-T3T5G_2015 Datasheet
109Kb / 5P
   3 Gb/s Medium Power 1-Fibre BIDI SMDigital Diagnostic Dual Transmitter
SPB-9110V-T3T5G OPTOWAY-SPB-9110V-T3T5G Datasheet
115Kb / 5P
   1310 nm TX / 1550 nm TX / 3 Gb/s Medium Power 1-Fibre BIDI SM Dual Transmitter
SPB-9110VW-R3R5G OPTOWAY-SPB-9110VW-R3R5G Datasheet
139Kb / 5P
   1310 nm RX / 1550 nm RX / 3 Gb/s Medium Power 1-Fibre BIDI SMDigital Diagnostic Dual Receiver
SPB-9710LVG_2015 OPTOWAY-SPB-9710LVG_2015 Datasheet
163Kb / 6P
   3 Gb/s Medium Power 1-Fibre SM Video SFP Transceiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com