Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6383XS31D3-T Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX6383XS31D3-T
Description  SC70, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6383XS31D3-T Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX6383XS31D3-T Datasheet HTML 3Page - Maxim Integrated Products MAX6383XS31D3-T Datasheet HTML 4Page - Maxim Integrated Products MAX6383XS31D3-T Datasheet HTML 5Page - Maxim Integrated Products MAX6383XS31D3-T Datasheet HTML 6Page - Maxim Integrated Products MAX6383XS31D3-T Datasheet HTML 7Page - Maxim Integrated Products MAX6383XS31D3-T Datasheet HTML 8Page - Maxim Integrated Products MAX6383XS31D3-T Datasheet HTML 9Page - Maxim Integrated Products MAX6383XS31D3-T Datasheet HTML 10Page - Maxim Integrated Products MAX6383XS31D3-T Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
SC70, Single/Dual Low-Voltage,
Low-Power µP Reset Circuits
8
_______________________________________________________________________________________
Selector Guide
PART NUMBER
PUSH-PULL
ACTIVE-LOW
PUSH-PULL
ACTIVE-HIGH
OPEN-DRAIN
ACTIVE-LOW
MANUAL RESET
INPUT MR
RESET IN
MAX6381
X
MAX6382
X
MAX6383
X
MAX6384
X
X
MAX6385
X
X
MAX6386
X
X
MAX6390*
X
X
MAX6387
X
X
MAX6388
X
X
MAX6389
X
X
*The MAX6390 offers a VCC reset timeout of 1120ms or 1200ms (min) and a manual reset timeout of 140ms or 150ms (min).
MAX6381–MAX6390
VCC
µP
MR *
PUSHBUTTON SWITCH
RESET
(RESET)
RESET
INPUT
GND
GND
RESET IN **
VCORE
R1
I/O
VOLTAGE
I/O SUPPLY
CORE
VOLTAGE
R1
Chip Information
TRANSISTOR COUNT: 647
PROCESS: BiCMOS
* MR is for MAX6384/MAX6385/MAX6386/MAX6390
** RESET IN is for MAX6387/MAX6388/MAX6389
( ) are for MAX6382/MAX6385/MAX6388
( ) IS FOR MAX6388
SC70
TOP VIEW
1
2
4
3
VCC
RESET
(RESET)
GND
MAX6387
MAX6388
MAX6389
1
2
4
3
VCC
MR
RESET
(RESET)
GND
MAX6384
MAX6385
MAX6386
MAX6390
( ) IS FOR MAX6385
SC70
RESET IN
Pin Configurations (continued)
Typical Operating Circuit


Similar Part No. - MAX6383XS31D3-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6383XR MAXIM-MAX6383XR Datasheet
231Kb / 13P
   SC70/關DFN, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
19-1839; Rev 4; 4/07
MAX6383XR__D_+T MAXIM-MAX6383XR__D_+T Datasheet
327Kb / 10P
   SC70/μDFN, Single/Dual Low-Voltage, Low-Power μP Reset Circuits
Rev 5; 7/12
More results

Similar Description - MAX6383XS31D3-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6381 MAXIM-MAX6381_07 Datasheet
231Kb / 13P
   SC70/關DFN, Single/Dual Low-Voltage, Low-Power 關P Reset Circuits
19-1839; Rev 4; 4/07
MAX6381_V5 MAXIM-MAX6381_V5 Datasheet
327Kb / 10P
   SC70/μDFN, Single/Dual Low-Voltage, Low-Power μP Reset Circuits
Rev 5; 7/12
MAX6832 MAXIM-MAX6832 Datasheet
197Kb / 11P
   Ultra-Low-Voltage SC70 Voltage Detectors and 關P Reset Circuits
Rev 1; 1/02
MAX6326 MAXIM-MAX6326 Datasheet
131Kb / 8P
   3-Pin, Ultra-Low-Power SC70/SOT 關P Reset Circuits
Rev 3; 1/00
MAX6412 MAXIM-MAX6412_10 Datasheet
146Kb / 12P
   Low-Power, Single/Dual-Voltage 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 3; 3/10
MAX6340 MAXIM-MAX6340_V01 Datasheet
1Mb / 10P
   Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
2018
MAX6340 MAXIM-MAX6340 Datasheet
240Kb / 10P
   Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 2; 10/02
MAX6340 MAXIM-MAX6340_05 Datasheet
254Kb / 10P
   Low-Power, SC70/SOT 關P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay
Rev 4; 12/05
MAX6332 MAXIM-MAX6332 Datasheet
97Kb / 6P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
Rev 0; 12/98
MAX6332 MAXIM-MAX6332_V01 Datasheet
894Kb / 7P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com