Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

66291 Datasheet(PDF) 1 Page - Micropac Industries

Part # 66291
Description  GLOB TOP TRANSISTOR OUTPUT GULL WING DUAL CHANNEL OPTOCOUPLERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

66291 Datasheet(HTML) 1 Page - Micropac Industries

  66291 Datasheet HTML 1Page - Micropac Industries 66291 Datasheet HTML 2Page - Micropac Industries 66291 Datasheet HTML 3Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION
• 725 E.Walnut St., Garland, TX 75040 • (972)272-3571 • Fax (972)487-6918
www.micropac.com
E-MAIL: OPTOSALES @ MICROPAC.COM
66291
GLOB TOP TRANSISTOR OUTPUT GULL WING
DUAL CHANNEL OPTOCOUPLERS
07/18/2006
Features:
Low Input Current
Glob Top Plastic Package
SMT mounting Gull Wing Package
Proton Radiation tolerant
+1500V electrical isolation
Applications:
Eliminate ground loops
Level shifting
Line receiver
Switching circuits
Monitor and Detection circuits
DESCRIPTION
The 66291 contains 2 proton tolerant LEDs optically coupled to 2 silicon planar phototransistors. The optocoupler is in a
surface mount Glob Top molded plastic Gull Wing package with 0.050” lead spacing. The package eliminates the need for
thru-hole mounting and is well suited for high density applications.
ABSOLUTE MAXIMUM RATINGS
Input to Output Voltage ........................................................................................................................................................1500 V
Emitter-Collector Voltage ...........................................................................................................................................................7 V
Collector-Emitter Voltage (Value applies to emitter-base open-circuited & the input-diode equal to zero) ...........................30 V
Reverse Input Voltage ..............................................................................................................................................................6 V
Input Diode Continuous Forward Current at (or below) 65°C Free-Air Temperature (see note 1) ....................................60 mA
Peak Forward Input Current (Value applies for tw
< 1µs, PRR < 300 pps) ..............................................................................1 A
Continuous Collector Current .............................................................................................................................................150 mA
Continuous Transistor Power Dissipation at (or below) 25°C Free-Air Temperature (see Note 2) ................................ 150 mW
Storage Temperature.......................................................................................................................................... -40°C to +125°C
Operating Free-Air Temperature Range.............................................................................................................. -40°C to +100°C
Lead Solder Temperature (10 seconds max.) .....................................................................................................................240°C
Notes:
1.
Derate linearly above +65°C free-air temperature at the rate of 1.15 mA/°C.
2.
Derate linearly above +25°C free-air temperature at the rate of 1.76 mW/°C.
Package Dimensions
Schematic Diagram
ALL DIMENSIONS ARE IN INCHES
4
K2
2
K1
A2 3
A1 1
E2
5
7 E1
C2
6
C1
8
8X 0.016±0.001
0.158±0.002
0.193±0.006
6X 0.050±0.002
0.070 MAX.
8X 0.008±0.001
0.010±0.003
GULLWING 8 LEAD PACKAGE
PIN 1
MARK
MICROPAC
OPTOELECTRONIC PRODUCTS
DIVISION


Similar Part No. - 66291

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
66292 MICROPAC-66292 Datasheet
59Kb / 2P
   GLOB TOP HIGH GAIN GULL WING OPTOCOUPLER
66293 MICROPAC-66293 Datasheet
184Kb / 3P
   PROTON RADIATION TOLERANT SINGLE-DUAL CHANNEL, LOW-INPUT CURRENT,OPTOCOUPLER
logo
Vishay Siliconix
66293074 VISHAY-66293074 Datasheet
75Kb / 4P
   PTC Thermistors, Overload Protection For Telecommunication
Revision: 10-Oct-03
66293081 VISHAY-66293081 Datasheet
75Kb / 4P
   PTC Thermistors, Overload Protection For Telecommunication
Revision: 10-Oct-03
66293114 VISHAY-66293114 Datasheet
75Kb / 4P
   PTC Thermistors, Overload Protection For Telecommunication
Revision: 10-Oct-03
More results

Similar Description - 66291

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
66287 MICROPAC-66287 Datasheet
69Kb / 3P
   TRANSISTOR OUTPUT GULL WING DUAL CHANNEL OPTOCOUPLERS
66292 MICROPAC-66292 Datasheet
59Kb / 2P
   GLOB TOP HIGH GAIN GULL WING OPTOCOUPLER
logo
Broadcom Corporation.
OPTION300 BOARDCOM-OPTION300 Datasheet
123Kb / 6P
   Gull Wing Surface Mount Option for Optocouplers
logo
Everlight Electronics C...
65-21-UYC-S530-A4-TR10-1 EVERLIGHT-65-21-UYC-S530-A4-TR10-1 Datasheet
198Kb / 10P
   Mini TOP LEDs (Reverse Gull Wing)
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2630 AVAGO-HCPL-2630 Datasheet
123Kb / 6P
   Gull Wing Surface Mount Option for Optocouplers
logo
Everlight Electronics C...
65-21-GVC-AK2M1Z-3AA EVERLIGHT-65-21-GVC-AK2M1Z-3AA Datasheet
233Kb / 10P
   Mini Top LEDs (Reverse Gull Wing)
65-21-S2C-AR2T2B-3AA EVERLIGHT-65-21-S2C-AR2T2B-3AA Datasheet
213Kb / 10P
   Mini Top LEDs (Reverse Gull Wing)
65-21-SYGC-S530-E2-TR10-1 EVERLIGHT-65-21-SYGC-S530-E2-TR10-1 Datasheet
196Kb / 9P
   Mini TOP LEDs (Reverse Gull Wing)
logo
Micropac Industries
66179 MICROPAC-66179 Datasheet
49Kb / 2P
   GULL WING HERMETICALLY SEALED, SINGLE CHANNEL OPTOCOUPLER
logo
LUMEX INC.
SSL-LXA228IC-TR11 LUMEX-SSL-LXA228IC-TR11 Datasheet
64Kb / 1P
   AXIAL LED, GULL WING LEADS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com