Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM3773 Datasheet(PDF) 1 Page - New Japan Radio

Part # NJM3773
Description  DUAL STEPPER MOTOR DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM3773 Datasheet(HTML) 1 Page - New Japan Radio

  NJM3773 Datasheet HTML 1Page - New Japan Radio NJM3773 Datasheet HTML 2Page - New Japan Radio NJM3773 Datasheet HTML 3Page - New Japan Radio NJM3773 Datasheet HTML 4Page - New Japan Radio NJM3773 Datasheet HTML 5Page - New Japan Radio NJM3773 Datasheet HTML 6Page - New Japan Radio NJM3773 Datasheet HTML 7Page - New Japan Radio NJM3773 Datasheet HTML 8Page - New Japan Radio NJM3773 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
NJM3773
Figure 1. Block diagram
RC
NJM3773
M
A1
M
B1
M
B2
M A2
GND
C2
V
R2
Phase 2
V
CC
C
1
V
R1
Phase
1
E 1
E 2
V
CC
S
R
Q
+
Logic
S
R
Q
+
Logic
+
VMM2
VMM1
Dis
1
Dis
2
NJM3773FM2
NJM3773E3
NJM3773D2
The NJM3773 is a switch-mode (chopper), constant-current
driver with two channels: one for each winding of a two-phase
stepper motor. The NJM3773 is also equipped with a Disable
input to simplify half-stepping operation. The circuit is well
suited for microstepping applications together with an external
micro controller. The current control inputs are low current,
high impedance inputs, which allows the use of unbuffered
DAC or external high resistive resistor divider network. The
NJM3773 contains a clock oscillator, which is common for
both driver channels, a set of comparators and flip-flops
implementing the switching control, and two output H-bridges,
including recirculation diodes. Voltage supply requirements
are +5 V for logic and +10 to +45 V for the motor. Maximum
output current is 750mA per channel.
s FEATURES
• Dual chopper driver
• 750 mA continuous output current per channel
• High impedance current control inputs
• Digital filter on chip eliminates external filtering components
• Packages DIP22 / PLCC28 / EMP24(Batwing)
DUAL STEPPER MOTOR DRIVER
s GENERAL DESCRIPTION
s PACKAGE OUTLINE
s BLOCK DIAGRAM


Similar Part No. - NJM3773

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM3770A NJRC-NJM3770A Datasheet
173Kb / 10P
   STEPPER MOTOR DRIVER
NJM3770AD3 NJRC-NJM3770AD3 Datasheet
173Kb / 10P
   STEPPER MOTOR DRIVER
NJM3770AE2 NJRC-NJM3770AE2 Datasheet
173Kb / 10P
   STEPPER MOTOR DRIVER
NJM3770AFM2 NJRC-NJM3770AFM2 Datasheet
173Kb / 10P
   STEPPER MOTOR DRIVER
NJM3771 NJRC-NJM3771 Datasheet
169Kb / 9P
   DUAL STEPPER MOTOR DRIVER
More results

Similar Description - NJM3773

ManufacturerPart #DatasheetDescription
logo
Ericsson
PBL3775-1 ERICSSON-PBL3775-1 Datasheet
161Kb / 8P
   Dual Stepper Motor Driver
logo
New Japan Radio
NJM3771 NJRC-NJM3771 Datasheet
169Kb / 9P
   DUAL STEPPER MOTOR DRIVER
NJM3772 NJRC-NJM3772 Datasheet
162Kb / 9P
   DUAL STEPPER MOTOR DRIVER
NJM3774 NJRC-NJM3774 Datasheet
161Kb / 9P
   DUAL STEPPER MOTOR DRIVER
logo
ON Semiconductor
LV8714TA ONSEMI-LV8714TA Datasheet
1Mb / 25P
   Dual Stepper Motor Driver
November 2014- Rev. 2
logo
Ericsson
PBL3772 ERICSSON-PBL3772 Datasheet
708Kb / 13P
   DUAL STEPPER MOTOR DRIVER
PBL3773 ERICSSON-PBL3773 Datasheet
697Kb / 8P
   DUAL STEPPER MOTOR DRIVER
logo
New Japan Radio
NJM3777 NJRC-NJM3777 Datasheet
166Kb / 10P
   DUAL STEPPER MOTOR DRIVER
logo
Shindengen Electric Mfg...
MTD2009J SHINDENGEN-MTD2009J_17 Datasheet
241Kb / 4P
   Dual Stepper Motor Driver
MTD2009J SHINDENGEN-MTD2009J Datasheet
221Kb / 2P
   Dual Stepper Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com