Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF24 Datasheet(PDF) 3 Page - Micro Commercial Components

Part # SF24
Description  2.0 Amp Super Fast Rectifier 50 to 400 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SF24 Datasheet(HTML) 3 Page - Micro Commercial Components

  SF24 Datasheet HTML 1Page - Micro Commercial Components SF24 Datasheet HTML 2Page - Micro Commercial Components SF24 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
trr
+0.5A
0
-0.25
-1.0
1cm
Set Time Base for 20/100ns/cm
25Vdc
1
50
10
Oscilloscope
Note 1
Pulse
Generator
Note 2
Notes:
1. Rise Time = 7ns max.
Input impedance = 1 megohm, 22pF
2. Rise Time = 10ns max.
Source impedance = 50 ohms
3. Resistors are non-inductive
Figure 6
Reverse Recovery Time Characteristic And Test Circuit Diagram
www.mccsemi.com
MCC
Figure 4
Maximum Non-repetitive Forward Surge Current
1
2
5
10
20
100
50
0
10
40
30
20
50
60
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
JEDEC Method
Figure 5
.1
.5
1
5
2
10 20
50
100 200
500 1000
0
25
50
75
100
125
150
REVERSE VOLTAGE. (V)
Tj=25 C
0
SF21~
SF24
SF25~SF2
6
Typical Junction Capacitance
SF21 thru SF26


Similar Part No. - SF24

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
SF24 DIOTECH-SF24 Datasheet
680Kb / 2P
   SUPER FAST RECOVERY SILICON RECTIFIER
logo
Mospec Semiconductor
SF24 MOSPEC-SF24 Datasheet
134Kb / 2P
   POWER RECTIFIERS(2.0A,50-400V)
logo
First Silicon Co., Ltd
SF24 FS-SF24 Datasheet
490Kb / 2P
   Super Fast Rectifiers Reverse Voltage 50V~600V, Forward Current 2.0Amp
logo
Shanghai Shunye Electro...
SF24 SHUNYE-SF24 Datasheet
233Kb / 2P
   SUPER FAST RECTIFIER
logo
Leshan Radio Company
SF24 LRC-SF24 Datasheet
55Kb / 2P
   SUPER FAST DIODES
More results

Similar Description - SF24

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
SF21 YFWDIODE-SF21 Datasheet
381Kb / 3P
   2.0 Amp Super Fast Rectifier 50 to 400 Volts
SF21-DO15 YFWDIODE-SF21-DO15 Datasheet
427Kb / 3P
   2.0 Amp Super Fast Rectifier 50 to 400 Volts
logo
Nanjing International G...
SF21 DGNJDZ-SF21 Datasheet
82Kb / 3P
   2.0 Amp Super Fast Rectifier 50 to 400 Volts
logo
Micro Commercial Compon...
SF21G MCC-SF21G Datasheet
224Kb / 4P
   2.0 Amp Super Fast Glass Passivated Rectifier 50 to 400 Volts
SF61 MCC-SF61 Datasheet
328Kb / 4P
   6.0 Amp Super Fast Rectifier 50 to 400 Volts
logo
Gaomi Xinghe Electronic...
SF11 GXELECTRONICS-SF11 Datasheet
518Kb / 3P
   1.0 Amp Super Fast Rectifier 50 to 400 Volts
logo
Micro Commercial Compon...
SF11 MCC-SF11 Datasheet
93Kb / 3P
   1.0 Amp Super Fast Rectifier 50 to 400 Volts
SF21 MCC-SF21_11 Datasheet
189Kb / 4P
   2.0 Amp Super Fast Rectifier 50 to 600 Volts
ER6A MCC-ER6A Datasheet
80Kb / 2P
   6 Amp Super Fast Recovery Rectifier 50 to 400 Volts
ER10A MCC-ER10A_08 Datasheet
201Kb / 5P
   10 Amp Super Fast Recovery Rectifier 50 to 400 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com