Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U74AHC574G-P20-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74AHC574G-P20-R
Description  OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC574G-P20-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74AHC574G-P20-R Datasheet HTML 1Page - Unisonic Technologies U74AHC574G-P20-R Datasheet HTML 2Page - Unisonic Technologies U74AHC574G-P20-R Datasheet HTML 3Page - Unisonic Technologies U74AHC574G-P20-R Datasheet HTML 4Page - Unisonic Technologies U74AHC574G-P20-R Datasheet HTML 5Page - Unisonic Technologies U74AHC574G-P20-R Datasheet HTML 6Page - Unisonic Technologies U74AHC574G-P20-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
U74AHC574
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R502-796.A
SWITCHING CHARACTERISTICS (See TEST CIRCUIT AND WAVEFORMS)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
From CLK to Q
tPLH/tPHL
VCC=3.3V±0.3V
CL=15pF
8.5
13.2
ns
CL=50pF
11
16.7
VCC=5V±0.5V
CL=15pF
5.6
8.6
CL=50pF
7.1
10.6
From OE to Q
tPZL/tPZH
VCC=3.3V±0.3 V
CL=15pF
8.2
12.8
ns
CL=50pF
10.7
16.3
VCC=5V±0.5V
CL=15pF
5.9
9
CL=50pF
7.4
11
From OE to Q
tPLZ/tPHZ
VCC=3.3V± 0.3V
CL=15pF
8.5
13
ns
CL=50pF
11
15
VCC=5V±0.5V
CL=15pF
5.5
9
CL=50pF
7.1
10.1
Maximum Clock
Frequency
fMAX
VCC=3.3V± 0.3V
CL=15pF
80
125
MHz
CL=50pF
50
75
VCC=5V±0.5V
CL=15pF
130
180
CL=50pF
85
115
Pulse Width
tW
VCC=3.3V± 0.3V
5
ns
VCC=5V±0.5V
5
Setup Time
tSU
VCC=3.3V± 0.3V
3.5
ns
VCC=5V±0.5V
3
Hold Time
tH
VCC=3.3V± 0.3V
1.5
ns
VCC=5V±0.5V
1.5
OPERATING CHARACTERISTICS(TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Dissipation Capacitance
Cpd
No load, VCC=5V, f=1MHz
28
pF


Similar Part No. - U74AHC574G-P20-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHC574G-P20-R UTC-U74AHC574G-P20-R Datasheet
240Kb / 7P
   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

Similar Description - U74AHC574G-P20-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54F374 TI1-SN54F374_16 Datasheet
1Mb / 20P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Unisonic Technologies
U74AHC374 UTC-U74AHC374_15 Datasheet
271Kb / 6P
   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
U74HCT374 UTC-U74HCT374_15 Datasheet
233Kb / 6P
   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Texas Instruments
SN54AC374 TI-SN54AC374_07 Datasheet
684Kb / 18P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS
SN74HC534N TI1-SN74HC534N Datasheet
235Kb / 10P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
SN54ALS374A TI1-SN54ALS374A_16 Datasheet
1Mb / 23P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS
SN54HC574 TI1-SN54HC574_16 Datasheet
1Mb / 23P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Unisonic Technologies
U74AHCT374 UTC-U74AHCT374_15 Datasheet
233Kb / 6P
   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Texas Instruments
SN54HCT374 TI1-SN54HCT374_16 Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
logo
Unisonic Technologies
U74HC374 UTC-U74HC374_15 Datasheet
233Kb / 5P
   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com