Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U74HC2G08 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74HC2G08
Description  2-INPUT AND GATE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC2G08 Datasheet(HTML) 4 Page - Unisonic Technologies

  U74HC2G08_15 Datasheet HTML 1Page - Unisonic Technologies U74HC2G08_15 Datasheet HTML 2Page - Unisonic Technologies U74HC2G08_15 Datasheet HTML 3Page - Unisonic Technologies U74HC2G08_15 Datasheet HTML 4Page - Unisonic Technologies U74HC2G08_15 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
U74HC2G08
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R126-002.B
DYNAMIC CHARACTERISTICS (Input: tR, tF≤6ns;PRR≤1MHz;)
See Fig. 1 and Fig. 2 for test circuit and waveforms.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC =2.0V, CL =50 pF
26
95
VCC =4.5V, CL =50 pF
9
19
Propagation Delay From Input
(A and B) to output(Y)
tPHL /tPLH
VCC =6.0V, CL =50 pF
8
16
ns
VCC =2.0V, CL =50 pF
20
95
VCC =4.5V, CL =50 pF
7
19
Output transition Time
tTHL /tTLH
VCC =6.0V, CL =50 pF
6
16
ns
OPERATING CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Dissipation Capacitance
Cpd
No load, f=1MHz, VCC=5
10
pF


Similar Part No. - U74HC2G08_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HC2G08-SM1-R UTC-U74HC2G08-SM1-R Datasheet
164Kb / 5P
   2-INPUT AND GATE
U74HC2G08-SM1-T UTC-U74HC2G08-SM1-T Datasheet
164Kb / 5P
   2-INPUT AND GATE
U74HC2G08L-SM1-R UTC-U74HC2G08L-SM1-R Datasheet
164Kb / 5P
   2-INPUT AND GATE
U74HC2G08L-SM1-T UTC-U74HC2G08L-SM1-T Datasheet
164Kb / 5P
   2-INPUT AND GATE
More results

Similar Description - U74HC2G08_15

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7S08F TOSHIBA-TC7S08F Datasheet
211Kb / 5P
   2-INPUT AND GATE
TC7SL08F TOSHIBA-TC7SL08F Datasheet
211Kb / 5P
   2-INPUT AND GATE
logo
Hitachi Semiconductor
HD74LV1G08A HITACHI-HD74LV1G08A Datasheet
52Kb / 10P
   2-input AND Gate
logo
Unisonic Technologies
U74AHC1G08 UTC-U74AHC1G08 Datasheet
96Kb / 5P
   2-INPUT AND GATE
logo
Toshiba Semiconductor
TC7SH08FS TOSHIBA-TC7SH08FS Datasheet
172Kb / 6P
   2-INPUT AND GATE
TC7SL08F TOSHIBA-TC7SL08F_01 Datasheet
227Kb / 6P
   2-INPUT AND GATE
TC7SET08F TOSHIBA-TC7SET08F_02 Datasheet
205Kb / 6P
   2-INPUT AND GATE
logo
Unisonic Technologies
U74AHC1G08 UTC-U74AHC1G08_11 Datasheet
155Kb / 5P
   2-INPUT AND GATE
logo
Renesas Technology Corp
HD74HCT1G08 RENESAS-HD74HCT1G08 Datasheet
51Kb / 8P
   2-input AND Gate
logo
NXP Semiconductors
74AHCT1G08 PHILIPS-74AHCT1G08 Datasheet
75Kb / 16P
   2-input AND gate
2002 Jun 06
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com