Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM3775 Datasheet(PDF) 5 Page - New Japan Radio

Part # NJM3775
Description  DUAL STEPPER MOTOR DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM3775 Datasheet(HTML) 5 Page - New Japan Radio

  NJM3775 Datasheet HTML 1Page - New Japan Radio NJM3775 Datasheet HTML 2Page - New Japan Radio NJM3775 Datasheet HTML 3Page - New Japan Radio NJM3775 Datasheet HTML 4Page - New Japan Radio NJM3775 Datasheet HTML 5Page - New Japan Radio NJM3775 Datasheet HTML 6Page - New Japan Radio NJM3775 Datasheet HTML 7Page - New Japan Radio NJM3775 Datasheet HTML 8Page - New Japan Radio NJM3775 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
NJM3775
s ELECTRICAL CHARACTERISTICS
Electrical characteristics over recommended operating conditions, unless otherwise noted. - 20
°C ≤ T
j
≤ + 125°C.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
General
Supply current
I
CC
Note 4.
-
55
70
mA
Supply current
I
CC
Dis
1= Dis2= HIGH.
-
7
10
mA
Total power dissipation
P
D
V
MM= 24 V, IM1= IM2= 500 mA.
-
2.0
2.3
W
Notes 2, 3, 4.
Total power dissipation
P
D
V
MM= 24 V, IM1= 700 mA,
I
M2= 0 mA.
-
1.7
2.0
W
Notes 2, 3, 4.
Thermal shutdown junction temperature
-
160
-
°C
Turn-off delay
t
d
T
A = +25°C, dVC/dt ≥ 50 mV/µs,
-
1.1
2.0
µs
I
M = 100 mA. Note 3.
Logic Inputs
Logic HIGH input voltage
V
IH
2.0
-
-
V
Logic LOW input voltage
V
IL
-
-
0.6
V
Logic HIGH input current
I
IH
V
I = 2.4 V
-
-
20
µA
Logic LOW input current
I
IL
V
I = 0.4 V
-0.2
-0.1
-
mA
Analog Inputs
Threshold voltage
V
CH
V
R=5 V
480
500
520
mV
Input current
I
A
V
R= 5 V
-
500
-
µA
|V
C1—VC2| mismatch
V
Cdiff
-1
-
mV
Motor Outputs
Lower transistor saturation voltage
I
M = 500 mA
-
0.4
0.8
V
Lower transistor leakage current
V
MM=41 V,TA = +25°C. Dis1= Dis2= HIGH.
-
-
100
µA
Lower diode forward voltage drop
I
M = 500 mA
-
1.1
1.3
V
Upper transistor saturation voltage
I
M = 500 mA.
-
1.1
1.4
V
Upper transistor leakage current
V
MM=41 V,TA = +25°C. Dis1= Dis2= HIGH..
-
-
100
µA
Upper diode forward voltage drop
I
M = 500 mA.
-
1.1
1.4
V
Chopper Oscillator
Chopping frequency
f
s
C
T = 4 700 pF, RT = 12 kohm
21.5
23.0
24.5
kHz
Digital filter blanking time
t
b
C
T = 4 700 pF. Note 3.
-
1.0
-
µs
s THERMAL CHARACTERISTICS
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Thermal resistance
Rth
J-GND
DIP package.
-
11
-
°C/W
Rth
J-A
DIP package. Note 2.
-
40
-
°C/W
Rth
J-GND
PLCC package.
-
9
-
°C/W
Rth
J-A
PLCC package. Note 2.
-
35
-
°C/W
Rth
J-GND
EMP package
-
13
-
°C/W
Rth
J-A
EMP package
-
42
-
°C/W
Notes
1. All voltages are with respect to ground. Currents are positive into, negative out of specified terminal.
2. All ground pins soldered onto a 20 cm2 PCB copper area with free air convection, T
A = + 25° C.
3. Not covered by final test program.
4. Switching duty cycle D = 30 %, f
s = 23.0 kHz.


Similar Part No. - NJM3775

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM3770A NJRC-NJM3770A Datasheet
173Kb / 10P
   STEPPER MOTOR DRIVER
NJM3770AD3 NJRC-NJM3770AD3 Datasheet
173Kb / 10P
   STEPPER MOTOR DRIVER
NJM3770AE2 NJRC-NJM3770AE2 Datasheet
173Kb / 10P
   STEPPER MOTOR DRIVER
NJM3770AFM2 NJRC-NJM3770AFM2 Datasheet
173Kb / 10P
   STEPPER MOTOR DRIVER
NJM3771 NJRC-NJM3771 Datasheet
169Kb / 9P
   DUAL STEPPER MOTOR DRIVER
More results

Similar Description - NJM3775

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM3773 NJRC-NJM3773 Datasheet
170Kb / 9P
   DUAL STEPPER MOTOR DRIVER
logo
Ericsson
PBL3775-1 ERICSSON-PBL3775-1 Datasheet
161Kb / 8P
   Dual Stepper Motor Driver
logo
New Japan Radio
NJM3771 NJRC-NJM3771 Datasheet
169Kb / 9P
   DUAL STEPPER MOTOR DRIVER
NJM3772 NJRC-NJM3772 Datasheet
162Kb / 9P
   DUAL STEPPER MOTOR DRIVER
NJM3774 NJRC-NJM3774 Datasheet
161Kb / 9P
   DUAL STEPPER MOTOR DRIVER
logo
ON Semiconductor
LV8714TA ONSEMI-LV8714TA Datasheet
1Mb / 25P
   Dual Stepper Motor Driver
November 2014- Rev. 2
logo
Ericsson
PBL3772 ERICSSON-PBL3772 Datasheet
708Kb / 13P
   DUAL STEPPER MOTOR DRIVER
PBL3773 ERICSSON-PBL3773 Datasheet
697Kb / 8P
   DUAL STEPPER MOTOR DRIVER
logo
New Japan Radio
NJM3777 NJRC-NJM3777 Datasheet
166Kb / 10P
   DUAL STEPPER MOTOR DRIVER
logo
Shindengen Electric Mfg...
MTD2009J SHINDENGEN-MTD2009J_17 Datasheet
241Kb / 4P
   Dual Stepper Motor Driver
MTD2009J SHINDENGEN-MTD2009J Datasheet
221Kb / 2P
   Dual Stepper Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com