Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM3775 Datasheet(PDF) 6 Page - New Japan Radio

Part # NJM3775
Description  DUAL STEPPER MOTOR DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM3775 Datasheet(HTML) 6 Page - New Japan Radio

Back Button NJM3775 Datasheet HTML 2Page - New Japan Radio NJM3775 Datasheet HTML 3Page - New Japan Radio NJM3775 Datasheet HTML 4Page - New Japan Radio NJM3775 Datasheet HTML 5Page - New Japan Radio NJM3775 Datasheet HTML 6Page - New Japan Radio NJM3775 Datasheet HTML 7Page - New Japan Radio NJM3775 Datasheet HTML 8Page - New Japan Radio NJM3775 Datasheet HTML 9Page - New Japan Radio NJM3775 Datasheet HTML 10Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
NJM3775
s APPLICATIONS INFORMATION
Current control
The regulated output current level to the motor winding is determined by the voltage at the reference input and the
value of the sensing resistor, R
S. The peak current through the sensing resistor (and the motor winding) can be
expressed as:
I
M,peak = 0.1•VR / RS [A]
With a recommended value of 0.5 ohm for the sensing resistor R
S, a
2.5 V reference voltage will produce an output
current of approximately 500 mA. R
S should be selected for maximum motor current. Be sure not to exceed the
absolute maximum output current which is 850 mA. Chopping frequency, winding inductance and supply voltage
also affect the current, but to much less extent.
For accurate current regulation,
the sensing resistor should be a 0.5 -1.0 W precision resistor, i. e. less than 1% tolerance and low temperature -
coefficient.
Figure 7. Half stepping system where NJM3517 is used as controller circuit in
order to generate the necessary sequence to the NJM3775.
NJM
3517
HSM
GND
3
2
4
11
10
7
6
16
9
8
P
P
DIR
STEP
INH
Half/Full
Step
Direction
Step
V
CC
+
V
(+5 V)
GND (V
)
B
A
A1
B1
4.7
µF
CC
CC
4 x
10 k
12 k
4 700 pF
Phase
Dis
V
Phase
Dis
V
1
1
2
2
R1
R2
E
C
E
C
GND
RC
NJM3775
M
M
M
M
A1
B1
A2
B2
V
CC
VV
MM1
MM2
3
1
20
22
9
10
7
12
4
19
11
5,
6,
17, 18
215
21
8
11
2
2
R S
R S
14
13
16
STEPPER
MOTOR
V
MM
Pin numbers refer
to DIP package.
+
10
µF
GND (V
)
0.1
µF
MM
1.0
1.0
0.1
µ F
Figure 6. Typical stepper motor driver application with NJM3775.
Phase
Dis
V
Phase
Dis
V
1
1
2
2
R1
R2
E
C
E
C
GND
RC
NJM3775
12 k
4 700 pF
0.47
0.47
M
M
M
M
A1
B1
A2
B2
V
CC
VV
MM1
MM2
+5 V
+5 V
3
1
20
22
9
10
7
12
4
19
11
5,
6,
17, 18
215
21
8
11
2
2
R S
R S
14
13
16
STEPPER
MOTOR
V
MM
Pin numbers refer
to DIP package.
+
10
µF
0.1
µF
GND (V
)
GND (V
)
0.1
µF
MM
CC


Similar Part No. - NJM3775

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM3770A NJRC-NJM3770A Datasheet
173Kb / 10P
   STEPPER MOTOR DRIVER
NJM3770AD3 NJRC-NJM3770AD3 Datasheet
173Kb / 10P
   STEPPER MOTOR DRIVER
NJM3770AE2 NJRC-NJM3770AE2 Datasheet
173Kb / 10P
   STEPPER MOTOR DRIVER
NJM3770AFM2 NJRC-NJM3770AFM2 Datasheet
173Kb / 10P
   STEPPER MOTOR DRIVER
NJM3771 NJRC-NJM3771 Datasheet
169Kb / 9P
   DUAL STEPPER MOTOR DRIVER
More results

Similar Description - NJM3775

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM3773 NJRC-NJM3773 Datasheet
170Kb / 9P
   DUAL STEPPER MOTOR DRIVER
logo
Ericsson
PBL3775-1 ERICSSON-PBL3775-1 Datasheet
161Kb / 8P
   Dual Stepper Motor Driver
logo
New Japan Radio
NJM3771 NJRC-NJM3771 Datasheet
169Kb / 9P
   DUAL STEPPER MOTOR DRIVER
NJM3772 NJRC-NJM3772 Datasheet
162Kb / 9P
   DUAL STEPPER MOTOR DRIVER
NJM3774 NJRC-NJM3774 Datasheet
161Kb / 9P
   DUAL STEPPER MOTOR DRIVER
logo
ON Semiconductor
LV8714TA ONSEMI-LV8714TA Datasheet
1Mb / 25P
   Dual Stepper Motor Driver
November 2014- Rev. 2
logo
Ericsson
PBL3772 ERICSSON-PBL3772 Datasheet
708Kb / 13P
   DUAL STEPPER MOTOR DRIVER
PBL3773 ERICSSON-PBL3773 Datasheet
697Kb / 8P
   DUAL STEPPER MOTOR DRIVER
logo
New Japan Radio
NJM3777 NJRC-NJM3777 Datasheet
166Kb / 10P
   DUAL STEPPER MOTOR DRIVER
logo
Shindengen Electric Mfg...
MTD2009J SHINDENGEN-MTD2009J_17 Datasheet
241Kb / 4P
   Dual Stepper Motor Driver
MTD2009J SHINDENGEN-MTD2009J Datasheet
221Kb / 2P
   Dual Stepper Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com