Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK845L Datasheet(PDF) 3 Page - Micro Commercial Components

Part # SK845L
Description  8.0 Amp Schottky Rectifier 20 to 100 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SK845L Datasheet(HTML) 3 Page - Micro Commercial Components

  SK845L Datasheet HTML 1Page - Micro Commercial Components SK845L Datasheet HTML 2Page - Micro Commercial Components SK845L Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SK82L thru SK810L
Figure 4
Typical Reverse Characteristics
Instantaneous Reverse Leakage Current -MicroAmperes versus
Percent Of Rated Peak Reverse Voltage - Volts
Volts
.4
.6
2
1
µAmps
20
12
0
40
60
80
100
.001
.002
.004
.006
.01
.02
.04
.06
.1
.2
25
°C
4
6
10
140
SK82L-845L
SK85L-810L
MCC
www.mccsemi.com
1
100
4
0
100
200
300
8
Figure 5
Peak Forward Surge Current
Peak Forward Surge Current - Amperes versus
Number Of Cycles At 60Hz - Cycles
Amps
Cycles
2
6
10 20
60 80
40
400
500
600


Similar Part No. - SK845L

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK845L MCC-SK845L Datasheet
993Kb / 4P
   8.0 Amp Schottky Rectifier 20 to 100 Volts
SK845L MCC-SK845L Datasheet
198Kb / 4P
   8.0 Amp Schottky Rectifier 20 to 100 Volts For Surface Mount Application
SK845L MCC-SK845L Datasheet
198Kb / 4P
   8.0 Amp Schottky Rectifier 20 to 100 Volts
More results

Similar Description - SK845L

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK82L MCC-SK82L_11 Datasheet
993Kb / 4P
   8.0 Amp Schottky Rectifier 20 to 100 Volts
SK84L-TP MCC-SK84L-TP Datasheet
198Kb / 4P
   8.0 Amp Schottky Rectifier 20 to 100 Volts
MBRB820 MCC-MBRB820_11 Datasheet
225Kb / 3P
   8.0 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRB820 MCC-MBRB820_17 Datasheet
212Kb / 3P
   Schottky Barrier Rectifier 20 to 100 Volts 8.0 Amp
SK82L MCC-SK82L_13 Datasheet
198Kb / 4P
   8.0 Amp Schottky Rectifier 20 to 100 Volts For Surface Mount Application
logo
Kersemi Electronic Co.,...
MBR2020FCT KERSEMI-MBR2020FCT Datasheet
1Mb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2030 KERSEMI-MBR2030 Datasheet
820Kb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBRF20100 KERSEMI-MBRF20100 Datasheet
632Kb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2060 KERSEMI-MBR2060 Datasheet
459Kb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
MBR2030CT KERSEMI-MBR2030CT Datasheet
787Kb / 2P
   20 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com