Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U74HC564 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # U74HC564
Description  OCTAL D-TYPE EDGE-TRIGGERRD FLIP-FLOPS WITH 3-STATE OUTPUTS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC564 Datasheet(HTML) 5 Page - Unisonic Technologies

  U74HC564_15 Datasheet HTML 1Page - Unisonic Technologies U74HC564_15 Datasheet HTML 2Page - Unisonic Technologies U74HC564_15 Datasheet HTML 3Page - Unisonic Technologies U74HC564_15 Datasheet HTML 4Page - Unisonic Technologies U74HC564_15 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
U74HC564
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 5
www.unisonic.com.tw
QW-R502-644.A
TEST CIRCUIT AND WAVEFORMS
Note: CL includes probe and jig capacitance.
PRR ≤1MHz, ZO = 50Ω, tR ≤6ns, tF ≤6ns
Timing
Input
50%
VCC
0V
VCC
Data
Input
Setup Time and Hold Time
VCC
tW
th
Pulse Width
Propagation Delay Times
tPZL
Enable and Disable Times
tSU
VI
VO
OE
50%
50%
0V
0V
50%
50%
VO
50%
50%
VCC
0V
0V
VCC
VOL
VOH
50%
50%
10%
90%
tPLZ
tPZH
tPHZ
VI
VO
50%
50%
50%
50%
tPLH
tPHL
VCC
VOH
VOL
0V
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - U74HC564_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HC564G-P20-R UTC-U74HC564G-P20-R Datasheet
184Kb / 5P
   OCTAL D-TYPE EDGE-TRIGGERRD FLIP-FLOPS WITH 3-STATE OUTPUTS
U74HC564G-P20-T UTC-U74HC564G-P20-T Datasheet
184Kb / 5P
   OCTAL D-TYPE EDGE-TRIGGERRD FLIP-FLOPS WITH 3-STATE OUTPUTS
U74HC564L-P20-R UTC-U74HC564L-P20-R Datasheet
184Kb / 5P
   OCTAL D-TYPE EDGE-TRIGGERRD FLIP-FLOPS WITH 3-STATE OUTPUTS
U74HC564L-P20-T UTC-U74HC564L-P20-T Datasheet
184Kb / 5P
   OCTAL D-TYPE EDGE-TRIGGERRD FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

Similar Description - U74HC564_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HC564 UTC-U74HC564 Datasheet
184Kb / 5P
   OCTAL D-TYPE EDGE-TRIGGERRD FLIP-FLOPS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74HC374 HITACHI-HD74HC374 Datasheet
67Kb / 11P
   Octal D-type Flip-Flops (with 3-state outputs),Octal D-type Flip-flops (with inverted 3-state outputs)
logo
Renesas Technology Corp
HD74HCT534 RENESAS-HD74HCT534_15 Datasheet
136Kb / 10P
   Octal D-type Flip-Flops (with 3-state outputs) Octal D-type Flip-Flops (with inverted 3-state outputs)
HD74HC374 RENESAS-HD74HC374 Datasheet
117Kb / 9P
   Octal D-type Flip-Flops (with 3-state outputs)/Octal D-type Flip-Flops (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74BC574A HITACHI-HD74BC574A Datasheet
39Kb / 10P
   Octal D Type Flip Flops With 3 State Outputs
HD74LVC374A HITACHI-HD74LVC374A Datasheet
48Kb / 9P
   Octal D-type Flip Flops with 3-state Outputs
logo
Renesas Technology Corp
HD74LVC534 RENESAS-HD74LVC534 Datasheet
206Kb / 8P
   Octal D-type Flip Flops with 3-state Outputs
RD74LVC374B RENESAS-RD74LVC374B Datasheet
109Kb / 9P
   Octal D-type Flip Flops with 3-state Outputs
logo
Hitachi Semiconductor
HD74HCT564 HITACHI-HD74HCT564 Datasheet
68Kb / 11P
   Octal D-type Flip-Flops (with 3-state outputs)
HD74BC564A HITACHI-HD74BC564A Datasheet
42Kb / 10P
   Octal D Type Flip Flops With 3 State Outputs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com