Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJ5355 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # SMCJ5355
Description  Silicon 5.0 Watt Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMCJ5355 Datasheet(HTML) 2 Page - Micro Commercial Components

  SMCJ5355 Datasheet HTML 1Page - Micro Commercial Components SMCJ5355 Datasheet HTML 2Page - Micro Commercial Components SMCJ5355 Datasheet HTML 3Page - Micro Commercial Components SMCJ5355 Datasheet HTML 4Page - Micro Commercial Components SMCJ5355 Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL CHARACTERISTICS (TA=25 ¢J unless otherwise noted, VF=1.2 Max @ IF=1A for all types.
Maximum Zener
Impedance
Max reverse
Leakage Current
@ VR Volts
Type No.
(Note 1.)
Nominal
Zener
Voltage
Vz @ IZT
volts
(Note 2.)
Test
current
IZT
mA
ZZT @ IZT
Ohms
(Note 2.)
ZZk @ IZK = 1
mA
Ohms
(Note 2.)
IR
£g A
Non & A
Suffix
B-Suffix
Max
Surge
Current
Ir Amps
(Note 3.)
Max
Voltage
Regulation
£GVz, Volts
(Note 4.)
Maximum
Regulator
Current
IZM mA
(Note 5.)
Device
Marking
Code
11
12
13
14
125
100
100
100
2.5
2.5
2.5
2.5
125
125
100
75
5
2
1
1
8
8.6
9.4
10.1
8.4
9.1
9.9
10.6
8
7.5
7
6.7
0.25
0.25
0.25
0.25
430
395
365
340
348B
349B
350B
351B
15
16
17
18
19
75
75
70
65
65
2.5
2.5
2.5
2.5
3
75
75
75
75
75
1
1
0.5
0.5
0.5
10.8
11.5
12.2
13
13.7
11.5
12.2
12.9
13.7
14.4
6.3
6
5.8
5.5
5.3
0.25
0.3
0.35
0.4
0.4
315
295
280
265
250
352B
353B
354B
355B
356B
20
22
24
25
27
65
50
50
50
50
3
3.5
3.5
4
5
75
75
100
110
120
0.5
0.5
0.5
0.5
0.5
14.4
15.8
17.3
18
19.4
15.2
16.7
18.2
19
20.6
5.1
4.7
4.4
4.3
4.1
0.4
0.45
0.55
0.55
0.6
237
216
198
190
176
357B
358B
359B
360B
361B
28
30
33
36
39
50
40
40
30
30
6
8
10
11
14
130
140
150
160
170
0.5
0.5
0.5
0.5
0.5
20.1
21.6
23.8
25.9
28.1
21.2
22.8
25.1
27.4
29.7
3.9
3.7
3.5
3.3
3.1
0.6
0.6
0.6
0.65
0.65
170
158
144
132
122
362B
363B
364B
365B
366B
43
47
51
56
60
30
25
25
20
20
20
25
27
35
40
190
210
230
280
350
0.5
0.5
0.5
0.5
0.5
31
33.8
36.7
40.3
43
32.7
35.8
38.8
42.6
45.5
2.8
2.7
2.5
2.3
2.2
0.7
0.8
0.9
1
1.2
110
100
93
86
79
367B
368B
369B
370B
371B
62
68
75
82
87
20
20
20
15
15
42
44
45
65
75
400
500
620
720
760
0.5
0.5
0.5
0.5
0.5
44.6
49
54
59
63
47.1
51.7
56
62.2
66
2.1
2
1.9
1.8
1.7
1.35
1.5
1.6
1.8
2
76
70
63
58
54.5
372B
373B
374B
375B
376B
91
100
110
120
130
15
12
12
10
10
75
90
125
170
190
760
800
1000
1150
1250
0.5
0.5
0.5
0.5
0.5
65.5
72
79.2
86.4
93.6
69.2
76
83.6
91.2
98.8
1.6
1.5
1.4
1.3
1.2
2.2
2.5
2.5
2.5
2.5
52.5
47.5
43
39.5
36.6
377B
378B
379B
380B
381B
140
150
160
170
180
190
8
8
8
8
5
5
230
330
350
380
430
450
1500
1500
1650
1750
1750
1850
0.5
0.5
0.5
0.5
0.5
0.5
101
108
115
122
130
137
106
114
122
129
137
144
1.2
1.1
1.1
1
1
0.9
2.5
3
3
3
4
5
34
31.6
29.4
28
26.4
25
382B
383B
384B
385B
386B
387B
200
5
480
1850
0.5
144
152
0.9
5
23.6
388B
NOTE:
1. TOLERANCE AND VOLTAGE DESIGNATION - The JEDEC type numbers shown indicate a tolerance of ¡Ó 10% with
guaranteed limits on only Vz, IR, Ir, and VF as shown in the electrical characteristics table. Units with guaranteed
limits on all seven parameters are indicated by suffix “B” for ¡Ó 5% tolerance.
2. ZENER VOLTAGE (Vz) AND IMPEDANCE (ZZT & ZZK) - Test conditions for Zener voltage and impedance are as
follows; Iz is applied 40 ¡Ó 10 ms prior to reading. Mounting contacts are located from the inside edge of mounting
clips to the body of the diode.(TA=25 ¢J
¡Ï¢·
¡Ð¢±
¢J ).
SMCJ5348 thru SMCJ5388
MCC
www.mccsemi.com
SMCJ5348
SMCJ5351
SMCJ5350
SMCJ5349
SMCJ5352
SMCJ5355
SMCJ5354
SMCJ5353
SMCJ5356
SMCJ5357
SMCJ5360
SMCJ5359
SMCJ5358
SMCJ5361
SMCJ5362
SMCJ5365
SMCJ5364
SMCJ5363
SMCJ5366
SMCJ5367
SMCJ5370
SMCJ5369
SMCJ5368
SMCJ5371
SMCJ5372
SMCJ5375
SMCJ5374
SMCJ5373
SMCJ5376
SMCJ5377
SMCJ5380
SMCJ5379
SMCJ5378
SMCJ5381
SMCJ5382
SMCJ5385
SMCJ5384
SMCJ5383
SMCJ5386
SMCJ5387
SMCJ5388


Similar Part No. - SMCJ5355

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SMCJ5355B SUNMATE-SMCJ5355B Datasheet
583Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - SMCJ5355

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SZ5706 SSDI-SZ5706 Datasheet
88Kb / 2P
   5.0 WATT 6.8 - 270 VOLTS ZENER DIODES
Z00007G SSDI-Z00007G Datasheet
120Kb / 2P
   5.0 WATT 6.8 ??270 VOLTS ZENER DIODES
logo
Microsemi Corporation
10EZ39 MICROSEMI-10EZ39 Datasheet
69Kb / 2P
   Silicon 10 WATT Zener Diodes
1N5913B MICROSEMI-1N5913B Datasheet
89Kb / 3P
   SILICON 1.5 WATT ZENER DIODES
logo
New Jersey Semi-Conduct...
1N4549B NJSEMI-1N4549B Datasheet
80Kb / 1P
   SILICON 50 WATT ZENER DIODES
logo
Microsemi Corporation
1N4728AP MICROSEMI-1N4728AP Datasheet
175Kb / 3P
   Silicon 1 Watt Zener Diodes
1N2971A MICROSEMI-1N2971A Datasheet
103Kb / 2P
   SILICON 10 WATT ZENER DIODES
logo
Digitron Semiconductors
1N4728 DIGITRON-1N4728 Datasheet
184Kb / 3P
   SILICON 1 WATT ZENER DIODES
logo
New Jersey Semi-Conduct...
10EZ3.9 NJSEMI-10EZ3.9 Datasheet
122Kb / 2P
   Silicon 10 WATT Zener Diodes
logo
Micro Commercial Compon...
ZMY75G MCC-ZMY75G Datasheet
128Kb / 3P
   Silicon 1.0 Watt Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com