Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9005AIRMZ-T Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL9005AIRMZ-T
Description  LDO with Low ISUPPLY, High PSRR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9005AIRMZ-T Datasheet(HTML) 1 Page - Intersil Corporation

  ISL9005AIRMZ-T Datasheet HTML 1Page - Intersil Corporation ISL9005AIRMZ-T Datasheet HTML 2Page - Intersil Corporation ISL9005AIRMZ-T Datasheet HTML 3Page - Intersil Corporation ISL9005AIRMZ-T Datasheet HTML 4Page - Intersil Corporation ISL9005AIRMZ-T Datasheet HTML 5Page - Intersil Corporation ISL9005AIRMZ-T Datasheet HTML 6Page - Intersil Corporation ISL9005AIRMZ-T Datasheet HTML 7Page - Intersil Corporation ISL9005AIRMZ-T Datasheet HTML 8Page - Intersil Corporation ISL9005AIRMZ-T Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
®
FN6452.1
ISL9005A
LDO with Low ISUPPLY, High PSRR
ISL9005A is a high performance Low Dropout linear
regulator capable of sourcing 300mA current. It has a low
standby current and high-PSRR and is stable with output
capacitance of 1µF to 10µF with ESR of up to 200m
Ω.
The ISL9005A has a high PSRR of 75dB and an output
noise of less than 45µVRMS. When coupled with a no load
quiescent current of 50µA, (typical) and 0.1µA shutdown
current, the ISL9005A is an ideal choice for portable wireless
equipment.
Several different fixed voltage outputs are standard. Output
voltage options for each LDO range are from 1.5V to 3.3V.
Other output voltage options may be available upon request.
Pinout
ISL9005A
(8 LD 2x3 DFN)
TOP VIEW
Features
• 300mA high performance LDO
• Excellent transient response to large current steps
• Excellent load regulation: <0.1% voltage change across
full range of load current
• High PSRR: 75dB @ 1kHz
• Wide input voltage capability: 2.3V to 6.5V
• Very low quiescent current: 50µA
• Low dropout voltage: typically 200mV @ 300mA
• Low output noise: typically 45µVRMS @ 100µA (1.5V)
• Stable with 1µF to 10µF ceramic capacitors
• Soft-start to limit input current surge during enable
• Current limit and overheat protection
• ±1.8% accuracy over all operating conditions
• Tiny 2mmx3mm 8 Ld DFN package
• -40°C to +85°C operating temperature range
• Pb-free (RoHS compliant)
Applications
• PDAs, cell phones and smart phones
• Portable instruments, MP3 players
• Handheld devices, including medical handhelds
VIN
EN
NC
NC
VO
NC
NC
GND
2
3
4
1
7
6
5
8
Ordering Information
PART NUMBER
(Notes 1, 2)
PART
MARKING
VO VOLTAGE (V)
(Note 3)
TEMP RANGE (°C)
PACKAGE
Tape and Reel
(Pb-Free)
PKG. DWG. #
ISL9005AIRNZ-T
EBV
3.3
-40 to +85
8 Ld 2x3 DFN
L8.2x3
ISL9005AIRMZ-T
EBT
3.0
-40 to +85
8 Ld 2x3 DFN
L8.2x3
ISL9005AIRLZ-T
EBS
2.9
-40 to +85
8 Ld 2x3 DFN
L8.2x3
ISL9005AIRKZ-T
EBR
2.85
-40 to +85
8 Ld 2x3 DFN
L8.2x3
ISL9005AIRJZ-T
EBP
2.8
-40 to +85
8 Ld 2x3 DFN
L8.2x3
ISL9005AIRRZ-T
EBW
2.6
-40 to +85
8 Ld 2x3 DFN
L8.2x3
ISL9005AIRFZ-T
EBN
2.5
-40 to +85
8 Ld 2x3 DFN
L8.2x3
ISL9005AIRCZ-T
EBM
1.8
-40 to +85
8 Ld 2x3 DFN
L8.2x3
ISL9005AIRBZ-T
EBL
1.5
-40 to +85
8 Ld 2x3 DFN
L8.2x3
NOTES:
1. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte
tin plate PLUS ANNEAL - e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations.
Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC
J STD-020.
2. Please refer to TB347 for details on reel specifications.
3. For other output voltages, contact Intersil Marketing.
Data Sheet
March 27, 2008
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2007, 2008. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL9005AIRMZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9005AIRMZ-T INTERSIL-ISL9005AIRMZ-T Datasheet
249Kb / 9P
   LDO with Low ISUPPLY, High PSRR
More results

Similar Description - ISL9005AIRMZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9001AIRBZ-T INTERSIL-ISL9001AIRBZ-T Datasheet
256Kb / 11P
   LDO with Low ISUPPLY, High PSRR
March 27, 2008
ISL9001A INTERSIL-ISL9001A Datasheet
259Kb / 11P
   LDO with Low ISUPPLY, High PSRR
ISL9005A INTERSIL-ISL9005A Datasheet
249Kb / 9P
   LDO with Low ISUPPLY, High PSRR
ISL9001 INTERSIL-ISL9001 Datasheet
270Kb / 11P
   LDO with Low ISUPPLY, High PSRR
ISL9005 INTERSIL-ISL9005 Datasheet
248Kb / 9P
   LDO with Low ISUPPLY, High PSRR
logo
Renesas Technology Corp
ISL9001A RENESAS-ISL9001A Datasheet
624Kb / 12P
   LDO with Low ISUPPLY, High PSRR
ISL9005 RENESAS-ISL9005 Datasheet
546Kb / 9P
   LDO with Low ISUPPLY, High PSRR
ISL9005A RENESAS-ISL9005A Datasheet
571Kb / 10P
   LDO with Low ISUPPLY, High PSRR
ISL9001 RENESAS-ISL9001 Datasheet
600Kb / 11P
   LDO with Low ISUPPLY, High PSRR
ISL9008A RENESAS-ISL9008A Datasheet
575Kb / 12P
   Low Noise LDO with Low IQ, High PSRR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com