Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9001AIRMZ-T Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL9001AIRMZ-T
Description  LDO with Low ISUPPLY, High PSRR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9001AIRMZ-T Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL9001AIRMZ-T Datasheet HTML 3Page - Intersil Corporation ISL9001AIRMZ-T Datasheet HTML 4Page - Intersil Corporation ISL9001AIRMZ-T Datasheet HTML 5Page - Intersil Corporation ISL9001AIRMZ-T Datasheet HTML 6Page - Intersil Corporation ISL9001AIRMZ-T Datasheet HTML 7Page - Intersil Corporation ISL9001AIRMZ-T Datasheet HTML 8Page - Intersil Corporation ISL9001AIRMZ-T Datasheet HTML 9Page - Intersil Corporation ISL9001AIRMZ-T Datasheet HTML 10Page - Intersil Corporation ISL9001AIRMZ-T Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
FN6433.2
March 27, 2008
Pin Description
Typical Application
PIN
NUMBER
PIN NAME
DESCRIPTION
1
VIN
Supply Voltage/LDO Input:
Connect a 1µF capacitor to GND.
2
EN
LDO Enable.
3
CBYP
Reference Bypass Capacitor Pin:
Optionally connect capacitor of value 0.01µF to 0.1µF between this pin and GND to achieve lowest noise and
highest PSRR.
4
CPOR
POR Delay Setting Capacitor Pin:
Connect a capacitor between this pin and GND to delay the POR output release after the output reaches 94% of
its specified voltage level. (200ms delay per 0.01µF).
5
GND
GND is the connection to system ground. Connect to PCB Ground plane.
6
NC
Do not connect.
7POR
Open-drain POR Output (active-low):
Internally connected to VO through 100k
Ω resistor.
8
VO
LDO Output:
Connect capacitor of value 1µF to 10µF to GND (1µF recommended).
C1, C3: 1µF X5R CERAMIC CAPACITOR
ISL9001A
VIN
EN
CBYP
VO
GND
8
5
1
2
3
VIN (2.3V TO 5V)
ENABLE
VOUT
C1
C2
C3
OFF
ON
CPOR
C4
(200ms DELAY,
C4 = 0.01µF)
VOUT TOO LOW
VOUT OK
C4: 0.01µF X7R CERAMIC CAPACITOR
C2: 0.1µF X7R CERAMIC CAPACITOR
POR
7
4
ISL9001A


Similar Part No. - ISL9001AIRMZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9001AIRMZ-T INTERSIL-ISL9001AIRMZ-T Datasheet
259Kb / 11P
   LDO with Low ISUPPLY, High PSRR
More results

Similar Description - ISL9001AIRMZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9001A INTERSIL-ISL9001A Datasheet
259Kb / 11P
   LDO with Low ISUPPLY, High PSRR
ISL9005AIRNZ-T INTERSIL-ISL9005AIRNZ-T Datasheet
246Kb / 9P
   LDO with Low ISUPPLY, High PSRR
March 27, 2008
ISL9005A INTERSIL-ISL9005A Datasheet
249Kb / 9P
   LDO with Low ISUPPLY, High PSRR
ISL9001 INTERSIL-ISL9001 Datasheet
270Kb / 11P
   LDO with Low ISUPPLY, High PSRR
ISL9005 INTERSIL-ISL9005 Datasheet
248Kb / 9P
   LDO with Low ISUPPLY, High PSRR
logo
Renesas Technology Corp
ISL9001A RENESAS-ISL9001A Datasheet
624Kb / 12P
   LDO with Low ISUPPLY, High PSRR
ISL9005 RENESAS-ISL9005 Datasheet
546Kb / 9P
   LDO with Low ISUPPLY, High PSRR
ISL9005A RENESAS-ISL9005A Datasheet
571Kb / 10P
   LDO with Low ISUPPLY, High PSRR
ISL9001 RENESAS-ISL9001 Datasheet
600Kb / 11P
   LDO with Low ISUPPLY, High PSRR
ISL9008A RENESAS-ISL9008A Datasheet
575Kb / 12P
   Low Noise LDO with Low IQ, High PSRR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com