Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9003AIRUCZ-T Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL9003AIRUCZ-T
Description  Low Noise LDO with Low IQ and High PSRR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9003AIRUCZ-T Datasheet(HTML) 3 Page - Intersil Corporation

  ISL9003AIRUCZ-T Datasheet HTML 1Page - Intersil Corporation ISL9003AIRUCZ-T Datasheet HTML 2Page - Intersil Corporation ISL9003AIRUCZ-T Datasheet HTML 3Page - Intersil Corporation ISL9003AIRUCZ-T Datasheet HTML 4Page - Intersil Corporation ISL9003AIRUCZ-T Datasheet HTML 5Page - Intersil Corporation ISL9003AIRUCZ-T Datasheet HTML 6Page - Intersil Corporation ISL9003AIRUCZ-T Datasheet HTML 7Page - Intersil Corporation ISL9003AIRUCZ-T Datasheet HTML 8Page - Intersil Corporation ISL9003AIRUCZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
FN6299.5
July 18, 2014
Submit Document Feedback
Absolute Maximum Ratings
Thermal Information
Supply Voltage (VIN) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +7.1V
VO Pin . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +3.6V
All Other Pins . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to (VIN + 0.3V)
Recommended Operating Conditions
Ambient Temperature Range (TA) . . . . . . . . . . . . . . .-40°C to +85°C
Supply Voltage (VIN) . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.3V to 6.5V
Thermal Resistance
JA (°C/W)
5 Ld SC-70 Package (Note 6) . . . . . . . . . . . . . . . . .
231
6 Ld µTDFN Package (Note 7) . . . . . . . . . . . . . . . .
125
Junction Temperature Range . . . . . . . . . . . . . . . . . -40°C to +125°C
Operating Temperature Range . . . . . . . . . . . . . . . . . -40°C to +85°C
Storage Temperature Range . . . . . . . . . . . . . . . . . . -65°C to +150°C
Pb-free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . see TB493
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
6.
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
7.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
Electrical Specifications
Unless otherwise noted, all parameters are guaranteed over the operational supply voltage and temperature range
of the device as follows: TA = -40°C to +85°C; VIN = (VO + 0.5V) to 6.5V with a minimum VIN of 2.3V; CIN =1µF;
CO = 1µF; CBYP = 0.01µF.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 10)TYP
MAX
(Note 10)UNITS
DC CHARACTERISTICS
Supply Voltage
VIN
2.3
6.5
V
Ground Current
IDD
Output Enabled; IO = 0µA; VIN < 4.2V
31
40
µA
Output Enabled; IO = 0µA; Full voltage range
57
µA
Shutdown Current
IDDS
0.5
1.2
µA
UVLO Threshold
VUV+
1.9
2.1
2.3
V
VUV-
1.6
1.8
2.0
V
Regulation Voltage Accuracy
Initial accuracy at VIN = VO + 0.5V, IO = 10mA, TJ = +25°C
-0.7
+0.7
%
VIN = VO + 0.5V to 6.5V, IO = 10µA to150mA, TJ = +25°C
-0.8
+0.8
%
VIN = VO + 0.5V to 6.5V, IO = 10µA to 150mA, TJ = -40°C to
+125°C
-1.8
+1.8
%
Maximum Output Current
IMAX
Continuous
150
mA
Internal Current Limit
ILIM
175
265
355
mA
Drop-out Voltage (Note 9)VDO1
IO = 150mA; VO  2.5V
300
500
mV
VDO2
IO = 150mA; 2.5V  VO  2.8V
250
400
mV
VDO3
IO = 150mA; 2.8V  VO
200
325
mV
Thermal Shutdown
Temperature
TSD+
140
°C
TSD-
110
°C
AC CHARACTERISTICS
Ripple Rejection (Note 8)IO = 10mA, VIN = 2.8V(min), VO = 1.8V, CBYP = 0.1µF
at 1kHz
90
dB
at 10kHz
70
dB
at 100kHz
50
dB
Output Noise Voltage (Note 8)VO = 1.5V, TA = +25°C, CBYP = 0.1µF
BW = 10Hz to 100kHz, IO = 100µA
20
µVRMS
BW = 10Hz to 100kHz, IO = 10mA
30
µVRMS
ISL9003A


Similar Part No. - ISL9003AIRUCZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9003AIRUCZ-T INTERSIL-ISL9003AIRUCZ-T Datasheet
297Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
ISL9003AIRUCZ-T INTERSIL-ISL9003AIRUCZ-T Datasheet
331Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
logo
Renesas Technology Corp
ISL9003AIRUCZ-T RENESAS-ISL9003AIRUCZ-T Datasheet
573Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
More results

Similar Description - ISL9003AIRUCZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9003AIEJZ-T INTERSIL-ISL9003AIEJZ-T Datasheet
331Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
ISL9008IECZ-T INTERSIL-ISL9008IECZ-T Datasheet
181Kb / 10P
   Low Noise LDO with Low IQ and High PSRR
logo
Renesas Technology Corp
ISL9003A RENESAS-ISL9003A Datasheet
573Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
logo
Intersil Corporation
ISL9003 INTERSIL-ISL9003 Datasheet
186Kb / 10P
   Low Noise LDO with Low IQ And High PSRR
April 15, 2008
ISL9003A INTERSIL-ISL9003A Datasheet
297Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
logo
Renesas Technology Corp
ISL9008 RENESAS-ISL9008 Datasheet
497Kb / 10P
   Low Noise LDO with Low IQ and High PSRR
ISL9008A RENESAS-ISL9008A Datasheet
575Kb / 12P
   Low Noise LDO with Low IQ, High PSRR
logo
Intersil Corporation
ISL9008A INTERSIL-ISL9008A Datasheet
235Kb / 11P
   Low Noise LDO with Low IQ, High PSRR
ISL9008AIENZ-T INTERSIL-ISL9008AIENZ-T Datasheet
290Kb / 11P
   Low Noise LDO with Low IQ, High PSRR
June 27, 2014
ISL9014A INTERSIL-ISL9014A Datasheet
214Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com