Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9016IRUWJZ-T Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL9016IRUWJZ-T
Description  150mA Dual LDO with Low Noise, High PSRR, and Low IQ
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9016IRUWJZ-T Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL9016IRUWJZ-T Datasheet HTML 2Page - Intersil Corporation ISL9016IRUWJZ-T Datasheet HTML 3Page - Intersil Corporation ISL9016IRUWJZ-T Datasheet HTML 4Page - Intersil Corporation ISL9016IRUWJZ-T Datasheet HTML 5Page - Intersil Corporation ISL9016IRUWJZ-T Datasheet HTML 6Page - Intersil Corporation ISL9016IRUWJZ-T Datasheet HTML 7Page - Intersil Corporation ISL9016IRUWJZ-T Datasheet HTML 8Page - Intersil Corporation ISL9016IRUWJZ-T Datasheet HTML 9Page - Intersil Corporation ISL9016IRUWJZ-T Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
ISL9016
6
FN6832.1
May 16, 2011
Typical Operating Performance
FIGURE 2. QUIESCENT CURRENT vs INPUT VOLTAGE (VOUT1 =2.1V,
ONLY LDO1 ENABLED)
FIGURE 3. QUIESCENT CURRENT vs INPUT VOLTAGE (VOUT2 =2.1V,
ONLY LDO2 ENABLED)
FIGURE 4. QUIESCENT CURRENT vs INPUT VOLTAGE
(VOUT1 =VOUT2 = 2.1V, LDO1 AND LDO2 ENABLED)
FIGURE 5. QUIESCENT CURRENT vs INPUT VOLTAGE (VOUT1 =3.3V,
ONLY LDO1 ENABLED)
FIGURE 6. QUIESCENT CURRENT vs INPUT VOLTAGE (VOUT2 =3.3V,
ONLY LDO2 ENABLED)
FIGURE 7. QUIESCENT CURRENT vs INPUT VOLTAGE
(VOUT1 =VOUT2 = 3.3V, LDO1 AND LDO2 ENABLED)
30
35
40
45
50
55
2.4
3.6
4.8
6.0
INPUT VOLTAGE (V)
T = +85°C
T = +50°C
T = +25°C
T = 0°C
T = -25°C
T = -40°C
30
35
40
45
50
55
2.4
3.6
4.8
6.0
INPUT VOLTAGE (V)
T = +85°C
T = +50°C
T = +25°C
T = 0°C
T = -25°C
T = -40°C
60
65
70
75
80
85
2.4
3.6
4.8
6.0
INPUT VOLTAGE (V)
T = +85°C
T = +50°C
T = +25°C
T = 0°C
T = -25°C
T = -40°C
30
35
40
45
50
55
3.6
4.4
5.2
6.0
INPUT VOLTAGE (V)
T = +85°C
T = +50°C
T = +25°C
T = 0°C
T = -25°C
T = -40°C
30
35
40
45
50
55
3.6
4.4
5.2
6.0
INPUT VOLTAGE (V)
T = +85°C
T = +50°C
T = +25°C
T = 0°C
T = -25°C
T = -40°C
60
65
70
75
80
85
3.6
4.4
5.2
6.0
INPUT VOLTAGE (V)
T = +85°C
T = +50°C
T = +25°C
T = 0°C
T = -25°C
T = -40°C


Similar Part No. - ISL9016IRUWJZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9016IRUWJZ-T INTERSIL-ISL9016IRUWJZ-T Datasheet
207Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR, and Low IQ
logo
Renesas Technology Corp
ISL9016IRUWJZ-T RENESAS-ISL9016IRUWJZ-T Datasheet
558Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR, and Low IQ
More results

Similar Description - ISL9016IRUWJZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9016A RENESAS-ISL9016A Datasheet
753Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR and Low IQ
August 3, 2016
ISL9016 RENESAS-ISL9016 Datasheet
558Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR, and Low IQ
logo
Intersil Corporation
ISL9016 INTERSIL-ISL9016 Datasheet
207Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR, and Low IQ
ISL9014A INTERSIL-ISL9014A Datasheet
214Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Renesas Technology Corp
ISL9014A RENESAS-ISL9014A Datasheet
606Kb / 13P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Intersil Corporation
ISL9011AIRNNZ INTERSIL-ISL9011AIRNNZ Datasheet
320Kb / 12P
   Dual LDO with Low Noise, Low IQ and High PSRR
September 1, 2015
ISL9014AIRNNZ INTERSIL-ISL9014AIRNNZ Datasheet
211Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
March 11, 2008
ISL9012 INTERSIL-ISL9012 Datasheet
233Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
ISL9011A INTERSIL-ISL9011A Datasheet
208Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Renesas Technology Corp
ISL9011A RENESAS-ISL9011A Datasheet
584Kb / 12P
   Dual LDO with Low Noise, Low IQ and High PSRR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com