Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9008AIRUCZ-T Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL9008AIRUCZ-T
Description  Low Noise LDO with Low IQ, High PSRR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9008AIRUCZ-T Datasheet(HTML) 2 Page - Intersil Corporation

  ISL9008AIRUCZ-T Datasheet HTML 1Page - Intersil Corporation ISL9008AIRUCZ-T Datasheet HTML 2Page - Intersil Corporation ISL9008AIRUCZ-T Datasheet HTML 3Page - Intersil Corporation ISL9008AIRUCZ-T Datasheet HTML 4Page - Intersil Corporation ISL9008AIRUCZ-T Datasheet HTML 5Page - Intersil Corporation ISL9008AIRUCZ-T Datasheet HTML 6Page - Intersil Corporation ISL9008AIRUCZ-T Datasheet HTML 7Page - Intersil Corporation ISL9008AIRUCZ-T Datasheet HTML 8Page - Intersil Corporation ISL9008AIRUCZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
FN6300.5
June 27, 2014
Submit Document Feedback
Ordering Information
PART NUMBER
(Note 5, 6)
PART
MARKING
VO VOLTAGE (V)
(Note 1)
TEMP.
RANGE (°C)
PACKAGE
(Pb-Free)
PKG. DWG. #
ISL9008AIENZ-T
(Notes 2, 3)
CBV
3.3
-40 to +85
5 Ld SC-70
P5.049
ISL9008AIEMZ-T
(Notes 2, 3)
CBT
3.0
-40 to +85
5 Ld SC-70
P5.049
ISL9008AIEKZ-T
(Notes 2, 3)
CBS
2.85
-40 to +85
5 Ld SC-70
P5.049
ISL9008AIEJZ-T
(Notes 2, 3)
CBR
2.8
-40 to +85
5 Ld SC-70
P5.049
ISL9008AIEHZ-T
(Notes 2, 3)
CBP
2.75
-40 to +85
5 Ld SC-70
P5.049
ISL9008AIEFZ-T
(Notes 2, 3)
CBN
2.5
-40 to +85
5 Ld SC-70
P5.049
ISL9008AIETZ-T
(Notes 2, 3)
CDW
1.9
-40 to +85
5 Ld SC-70
P5.049
ISL9008AIECZ-T
(Notes 2, 3)
CBM
1.8
-40 to +85
5 Ld SC-70
P5.049
ISL9008AIEBZ-T
(Notes 2, 3)
CBL
1.5
-40 to +85
5 Ld SC-70
P5.049
ISL9008AIRUBZ-T
(Note 4)
P
1.5
-40 to +85
6 Ld µTDFN
L6.1.6x1.6A
ISL9008AIRUCZ-T
(Note 4)
Q
1.8
-40 to +85
6 Ld µTDFN
L6.1.6x1.6A
ISL9008AIRUFZ-T
(Note 4)
R
2.5
-40 to +85
6 Ld µTDFN
L6.1.6x1.6A
ISL9008AIRUHZ-T
(Note 4)
S
2.75
-40 to +85
6 Ld µTDFN
L6.1.6x1.6A
ISL9008AIRUJZ-T
(Note 4)
T
2.8
-40 to +85
6 Ld µTDFN
L6.1.6x1.6A
ISL9008AIRUKZ-T
(Note 4)
V
2.85
-40 to +85
6 Ld µTDFN
L6.1.6x1.6A
ISL9008AIRUMZ-T
(Note 4)
W
3.0
-40 to +85
6 Ld µTDFN
L6.1.6x1.6A
ISL9008AIRUNZ-T
(Note 4)
Y
3.3
-40 to +85
6 Ld µTDFN
L6.1.6x1.6A
NOTES:
1. For other output voltages, contact Intersil Marketing.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. The part marking is located on the bottom of the part.
4. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and NiPdAu plate
- e4 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are
MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
5. Please refer to TB347 for details on reel specifications.
6. For Moisture Sensitivity Level (MSL), please see product information page for ISL9008A. For more information on MSL, please see tech brief
TB363
ISL9008A


Similar Part No. - ISL9008AIRUCZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9008AIRUCZ-T INTERSIL-ISL9008AIRUCZ-T Datasheet
235Kb / 11P
   Low Noise LDO with Low IQ, High PSRR
logo
Renesas Technology Corp
ISL9008AIRUCZ-T RENESAS-ISL9008AIRUCZ-T Datasheet
575Kb / 12P
   Low Noise LDO with Low IQ, High PSRR
More results

Similar Description - ISL9008AIRUCZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9008A RENESAS-ISL9008A Datasheet
575Kb / 12P
   Low Noise LDO with Low IQ, High PSRR
logo
Intersil Corporation
ISL9008A INTERSIL-ISL9008A Datasheet
235Kb / 11P
   Low Noise LDO with Low IQ, High PSRR
ISL9003AIEJZ-T INTERSIL-ISL9003AIEJZ-T Datasheet
331Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
ISL9008IECZ-T INTERSIL-ISL9008IECZ-T Datasheet
181Kb / 10P
   Low Noise LDO with Low IQ and High PSRR
logo
Renesas Technology Corp
ISL9003A RENESAS-ISL9003A Datasheet
573Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
logo
Intersil Corporation
ISL9003 INTERSIL-ISL9003 Datasheet
186Kb / 10P
   Low Noise LDO with Low IQ And High PSRR
April 15, 2008
ISL9003A INTERSIL-ISL9003A Datasheet
297Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
ISL9003AIENZ-T INTERSIL-ISL9003AIENZ-T Datasheet
331Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
July 18, 2014
logo
Renesas Technology Corp
ISL9008 RENESAS-ISL9008 Datasheet
497Kb / 10P
   Low Noise LDO with Low IQ and High PSRR
logo
Intersil Corporation
ISL9014A INTERSIL-ISL9014A Datasheet
214Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com