Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9008AIRUHZ-T Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL9008AIRUHZ-T
Description  Low Noise LDO with Low IQ, High PSRR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9008AIRUHZ-T Datasheet(HTML) 1 Page - Intersil Corporation

  ISL9008AIRUHZ-T Datasheet HTML 1Page - Intersil Corporation ISL9008AIRUHZ-T Datasheet HTML 2Page - Intersil Corporation ISL9008AIRUHZ-T Datasheet HTML 3Page - Intersil Corporation ISL9008AIRUHZ-T Datasheet HTML 4Page - Intersil Corporation ISL9008AIRUHZ-T Datasheet HTML 5Page - Intersil Corporation ISL9008AIRUHZ-T Datasheet HTML 6Page - Intersil Corporation ISL9008AIRUHZ-T Datasheet HTML 7Page - Intersil Corporation ISL9008AIRUHZ-T Datasheet HTML 8Page - Intersil Corporation ISL9008AIRUHZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
FN6300.5
ISL9008A
Low Noise LDO with Low IQ, High PSRR
ISL9008A is a high performance single low noise, high
PSRR LDO that delivers a continuous 150mA of load
current. It has a low standby current and is stable with 1µF of
MLCC output capacitance with an ESR of up to 200m
.
The ISL9008A has a high PSRR of 65dB and output noise
less than 45µVRMS. When coupled with a no load quiescent
current of 46µA (typical), and 0.5µA shutdown current, the
ISL9008A is an ideal choice for portable wireless equipment.
The ISL9008A comes in several fixed voltage options with
±1.8% output voltage accuracy over-temperature, line and
load. Other output voltage options may be available upon
request.
Pinouts
ISL9008A
(5 LD SC-70)
TOP VIEW
ISL9008A
(6 LD 1.6x1.6 µTDFN)
TOP VIEW
Features
• High performance LDO with 150mA continuous output
• Excellent transient response to large current steps
• Excellent load regulation:
<0.1% voltage change across full range of load current
• High PSRR: 65dB at 1kHz
• Wide input voltage capability: 2.3V to 6.5V
• Very low quiescent current: 46µA
• Low dropout voltage: typically 200mV at 150mA
• Low output noise: typically 45µVRMS at 100µA (1.5V)
• Stable with 1µF to 4.7µF ceramic capacitors
• Shutdown pin turns off LDO with 1µA (max) standby
current
• Soft-start limits input current surge during enable
• Current limit and overheat protection
• ±1.8% accuracy over all operating conditions
• 5 Ld SC-70 package or 6 Ld µTDFN package
• -40°C to +85°C operating temperature range
• Pb-free (RoHS compliant)
Applications
• PDAs, cell phones and smart phones
• Portable instruments, MP3 players
• Handheld devices including medical handhelds
VIN
GND
EN
VO
NC
1
2
3
5
4
NC
5
VO
GND
NC
VIN
EN
1
2
3
6
4
5
Data Sheet
June 27, 2014
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Copyright Intersil Americas LLC 2006-2008, 2014. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL9008AIRUHZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9008AIRUHZ-T INTERSIL-ISL9008AIRUHZ-T Datasheet
235Kb / 11P
   Low Noise LDO with Low IQ, High PSRR
logo
Renesas Technology Corp
ISL9008AIRUHZ-T RENESAS-ISL9008AIRUHZ-T Datasheet
575Kb / 12P
   Low Noise LDO with Low IQ, High PSRR
More results

Similar Description - ISL9008AIRUHZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9008A RENESAS-ISL9008A Datasheet
575Kb / 12P
   Low Noise LDO with Low IQ, High PSRR
logo
Intersil Corporation
ISL9008A INTERSIL-ISL9008A Datasheet
235Kb / 11P
   Low Noise LDO with Low IQ, High PSRR
ISL9003AIEJZ-T INTERSIL-ISL9003AIEJZ-T Datasheet
331Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
ISL9008IECZ-T INTERSIL-ISL9008IECZ-T Datasheet
181Kb / 10P
   Low Noise LDO with Low IQ and High PSRR
logo
Renesas Technology Corp
ISL9003A RENESAS-ISL9003A Datasheet
573Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
logo
Intersil Corporation
ISL9003 INTERSIL-ISL9003 Datasheet
186Kb / 10P
   Low Noise LDO with Low IQ And High PSRR
April 15, 2008
ISL9003A INTERSIL-ISL9003A Datasheet
297Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
ISL9003AIENZ-T INTERSIL-ISL9003AIENZ-T Datasheet
331Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
July 18, 2014
logo
Renesas Technology Corp
ISL9008 RENESAS-ISL9008 Datasheet
497Kb / 10P
   Low Noise LDO with Low IQ and High PSRR
logo
Intersil Corporation
ISL9014A INTERSIL-ISL9014A Datasheet
214Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com