Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9205BIRZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL9205BIRZ
Description  Li-ion Battery Charger
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9205BIRZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL9205BIRZ Datasheet HTML 2Page - Intersil Corporation ISL9205BIRZ Datasheet HTML 3Page - Intersil Corporation ISL9205BIRZ Datasheet HTML 4Page - Intersil Corporation ISL9205BIRZ Datasheet HTML 5Page - Intersil Corporation ISL9205BIRZ Datasheet HTML 6Page - Intersil Corporation ISL9205BIRZ Datasheet HTML 7Page - Intersil Corporation ISL9205BIRZ Datasheet HTML 8Page - Intersil Corporation ISL9205BIRZ Datasheet HTML 9Page - Intersil Corporation ISL9205BIRZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
FN9252.2
July 28, 2010
CHARGE THRESHOLDS
Preconditioning Charge Threshold Voltage
VMIN
2.7
2.8
2.9
V
Preconditioning Voltage Hysteresis
VMINHYS
50
100
150
mV
Recharge Threshold
VRCH
Referenced to the charger output voltage VCH
-225
-150
-70
mV
Recharge Threshold Hysteresis
VRCHHYS
-50-
mV
INTERNAL TEMPERATURE MONITORING
Charge Current Foldback Threshold
TFOLD
-110
-
°C
AMBIENT TEMPERATURE MONITORING (ISL9205 and ISL9205D)
High Voltage Threshold
V2P8 = 3.0V
1.98
2.0
2.02
V
High Voltage Threshold Hysteresis
V2P8 = 3.0V
-
1.9
-
V
Low Voltage Threshold
V2P8 = 3.0V
0.99
1
1.01
V
Low Voltage Threshold Hysteresis
V2P8 = 3.0V
-
1.1
-
V
OSCILLATOR
Oscillation Period
tOSC
CTIME = 15nF
2.7
3.0
3.3
ms
LOGIC INPUT AND OUTPUTS
EN/TOEN Pin Logic Input High
1.3
-
-
V
EN/TOEN Pin Logic Input Low
--
0.5
V
EN/TOEN Pin Internal Pull Up Resistance
200
400
600
k
Ω
STATUS/FAULT Output Voltage When On
10mA current
-
-
0.8
V
STATUS/FAULT Leakage Current
VSTATUS = 6.5V
-
-
1
μA
NOTE:
3. The 4.2V VBAT is selected so that the STATUS output can be used as the indication for the offset comparator output indication. If the VBAT is
lower than the POR threshold, no output pin can be used for indication.
4. The charge current can be affected by the thermal foldback function if the IC under the test setup cannot dissipate the heat.
Electrical Specifications Typical Values Are Tested at VIN = 5V and the Ambient Temperature at +25°C. All Maximum and Minimum
Values Are Guaranteed Under the Recommended Operating Supply Voltage Range and Ambient Temperature
Range, Unless Otherwise Noted. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL9205


Similar Part No. - ISL9205BIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9205BIRZ INTERSIL-ISL9205BIRZ Datasheet
444Kb / 14P
   Li-ion Battery Charger
ISL9205BIRZ INTERSIL-ISL9205BIRZ Datasheet
514Kb / 14P
   Li-ion Battery Charger
logo
Renesas Technology Corp
ISL9205BIRZ RENESAS-ISL9205BIRZ Datasheet
828Kb / 17P
   Li-ion Battery Charger
ISL9205BIRZ RENESAS-ISL9205BIRZ Datasheet
788Kb / 17P
   Li-ion Battery Charger
Dec 20, 2018
ISL9205BIRZ-T RENESAS-ISL9205BIRZ-T Datasheet
788Kb / 17P
   Li-ion Battery Charger
Dec 20, 2018
More results

Similar Description - ISL9205BIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9205_0705 INTERSIL-ISL9205_0705 Datasheet
444Kb / 14P
   Li-ion Battery Charger
logo
Kingbor Technology Co
KB4540 KINGBOR-KB4540 Datasheet
151Kb / 15P
   Li-Ion Battery Charger
logo
Renesas Technology Corp
ISL9205 RENESAS-ISL9205_V01 Datasheet
788Kb / 17P
   Li-ion Battery Charger
Dec 20, 2018
logo
Hotchip Technology Co.,...
HT4906 HOTCHIP-HT4906 Datasheet
579Kb / 11P
   Li-ion Battery Charger
Ver1.0
logo
Microsemi Corporation
LX2203 MICROSEMI-LX2203 Datasheet
187Kb / 11P
   Li-Ion Battery Charger
LX2203A MICROSEMI-LX2203A Datasheet
183Kb / 11P
   Li-Ion Battery Charger
logo
Kingbor Technology Co
KB4054 KINGBOR-KB4054 Datasheet
142Kb / 15P
   Li-Ion Battery Charger
logo
Renesas Technology Corp
ISL9205 RENESAS-ISL9205 Datasheet
828Kb / 17P
   Li-ion Battery Charger
logo
Hotchip Technology Co.,...
HT4921 HOTCHIP-HT4921 Datasheet
434Kb / 7P
   Li-ion Battery Charger
logo
Intersil Corporation
ISL9205 INTERSIL-ISL9205 Datasheet
514Kb / 14P
   Li-ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com