Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9206ADRTZ-T Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL9206ADRTZ-T
Description  FlexiHash For Battery Authentication
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9206ADRTZ-T Datasheet(HTML) 3 Page - Intersil Corporation

  ISL9206ADRTZ-T Datasheet HTML 1Page - Intersil Corporation ISL9206ADRTZ-T Datasheet HTML 2Page - Intersil Corporation ISL9206ADRTZ-T Datasheet HTML 3Page - Intersil Corporation ISL9206ADRTZ-T Datasheet HTML 4Page - Intersil Corporation ISL9206ADRTZ-T Datasheet HTML 5Page - Intersil Corporation ISL9206ADRTZ-T Datasheet HTML 6Page - Intersil Corporation ISL9206ADRTZ-T Datasheet HTML 7Page - Intersil Corporation ISL9206ADRTZ-T Datasheet HTML 8Page - Intersil Corporation ISL9206ADRTZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
FN6651.1
July 30, 2008
XSD BUS TIMING CHARACTERISTICS (Refer to XSD Bus Symbol Timing Definitions Tables beginning on page 8)
Programming Bit Rate
x = 0.5 to 4
2.89
-
23.12
kHz
XSD Input De-glitch Time
tWDG
Pulse width narrower than the de-glitch time will not
cause the device to wake up
7-
20
µs
Device Wake-up Time
tWKE
From falling-edge of break command issued by host to
falling-edge of break command returned by device
130
160
200
µs
Device Sleep Wait Time
tSLP
From when the ‘11’ Opcode is detected to the shut-off
of the internal regulator
4-
-
µs
Auto-Sleep Time-out Period
tASLP
From the last transition detected on the XSD bus to the
device going into sleep mode
-1
-
s
OTP ROM Write Time
tEEW
From the last BT of the 2nd write data frame to when
device is ready to accept the next instruction
-1.8
1.9
ms
Hash Calculation Time
tHASH
From the last BT of the Challenge Code Word from the
host to the Authentication Code being available for
read
-1
-
BT
Soft-Reset Time
tSRST
From the last BT of the Soft-Reset instruction issued
by the host to the falling-edge of break command
returned by device
--
30
µs
Electrical Specifications
Unless otherwise noted, all parameters are established over the operational supply voltage and temperature
range of the device as follows: TA = -25°C to +85°C; VDD = 2.6V to 4.8V; Parameters with MIN and/or MAX
limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Pin Descriptions
SOT-23
PIN NUMBER
TDFN
PIN NUMBER
PIN NAME
DESCRIPTION
1
1
VSS
System ground.
2
2, 3, 6, 7
NC
No connection.
3
4
VDD
Supply voltage.
4
5
TIO
Production test I/O pin. Used only during production testing. Must be left floating during
normal operation.
5
8
XSD
Communication bus with weak internal pull-down to VSS. This pin is a Schmitt-trigger input
and an open-drain output. An appropriate pull-up resistor is required on the host side.
ISL9206A


Similar Part No. - ISL9206ADRTZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9206ADRTZ-T INTERSIL-ISL9206ADRTZ-T Datasheet
349Kb / 17P
   FlexiHash For Battery Authentication
logo
Renesas Technology Corp
ISL9206ADRTZ-T RENESAS-ISL9206ADRTZ-T Datasheet
919Kb / 17P
   FlexiHash™ For Battery Authentication
July 30, 2008
More results

Similar Description - ISL9206ADRTZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6296 INTERSIL-ISL6296_08 Datasheet
364Kb / 19P
   FlexiHash??For Battery Authentication
ISL6296A INTERSIL-ISL6296A Datasheet
420Kb / 20P
   FlexiHash For Battery Authentication
ISL9206 INTERSIL-ISL9206 Datasheet
370Kb / 16P
   FlexiHash For Battery Authentication
ISL6296 INTERSIL-ISL6296_07 Datasheet
372Kb / 19P
   FlexiHash??For Battery Authentication
ISL9206A INTERSIL-ISL9206A Datasheet
349Kb / 17P
   FlexiHash For Battery Authentication
ISL6296 INTERSIL-ISL6296 Datasheet
384Kb / 17P
   FlexiHash For Battery Authentication
ISL9206 INTERSIL-ISL9206_07 Datasheet
347Kb / 17P
   FlexiHash For Battery Authentication
logo
Renesas Technology Corp
ISL6296 RENESAS-ISL6296 Datasheet
868Kb / 19P
   FlexiHash??For Battery Authentication
ISL9206 RENESAS-ISL9206 Datasheet
935Kb / 17P
   FlexiHash™ For Battery Authentication
January 5, 2007
logo
Intersil Corporation
ISL6296A INTERSIL-ISL6296A Datasheet
119Kb / 2P
   FlexiHash™ For Battery Authentication
May 26, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com