Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9209BIRZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL9209BIRZ
Description  Charging System Safety Circuit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9209BIRZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL9209BIRZ Datasheet HTML 3Page - Intersil Corporation ISL9209BIRZ Datasheet HTML 4Page - Intersil Corporation ISL9209BIRZ Datasheet HTML 5Page - Intersil Corporation ISL9209BIRZ Datasheet HTML 6Page - Intersil Corporation ISL9209BIRZ Datasheet HTML 7Page - Intersil Corporation ISL9209BIRZ Datasheet HTML 8Page - Intersil Corporation ISL9209BIRZ Datasheet HTML 9Page - Intersil Corporation ISL9209BIRZ Datasheet HTML 10Page - Intersil Corporation ISL9209BIRZ Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
FN6400.0
March 21, 2007
Theory of Operation
The ISL9209B is an integrated circuit (IC) optimized to
provide a redundant safety protection to a Li-ion battery from
charging system failures. The IC monitors the input voltage,
the battery voltage and the charge current. When any of the
above three parameters exceeds its limit, the IC turns off an
internal P-Channel MOSFET to remove the power from the
charging system. In addition to the above protected
parameters, the IC also monitors its own internal
temperature and turns off the P-Channel MOSFET when the
temperature exceeds +140°C. Together with the battery
charger IC and the protection module in a battery pack, the
charging system has triple-level protection from
overcharging the Li-ion battery and is two-fault tolerant. The
ISL9209B protects up to 30V input voltage.
Power-Up
The ISL9209B has a power-on reset (POR) threshold of
2.6V with a built-in hysteresis of 125mV. Before the input
voltage reaches the POR threshold, the internal power PFET
is off. Approximately 10ms after the input voltage exceeds
the POR threshold, the IC resets itself and begins the soft-
start. The 10ms delay allows any transients at the input
during a hot insertion of the power supply to settle down
before the IC starts to operate. The soft-start slowly turns on
the power PFET to reduce the inrush current as well as the
input voltage drop during the transition. The power-up
behavior is illustrated in Figure 2.
Input Overvoltage Protection (OVP)
The input voltage is monitored by the comparator CP1 in the
Block Diagram (Figure 1). CP1 has an accurate reference of
1.2V from the bandgap reference. The OVP threshold is set
by the resistive divider consisting of R1 and R2. The
protection threshold is set to 5.85V. When the input voltage
exceeds the threshold, the CP1 outputs a logic signal to turn
off the power PFET within 1µs (see Figure 3) to prevent the
high input voltage from damaging the electronics in the
handheld system. The hysteresis for the input OVP
threshold is given in “Electrical Specifications” on page 2.
When the input overvoltage condition is removed, the
ISL9209B re-enables the output by running through the soft-
start, as shown in Figure 5. Because of the 10ms second
delay before the soft-start, the output is never enabled if the
input rises above the OVP threshold quickly, as shown in
Figure 6.
Battery Overvoltage Protection
The battery voltage OVP is realized with the VB pin. The
comparator CP3, as shown in Figure 1, monitors the VB pin
and issues an overvoltage signal when the battery voltage
exceeds the 4.34V (nominal) battery OVP threshold. The
threshold has 30mV built-in hysteresis. The comparator CP3
has a built-in 180µs blanking time to prevent any transient
voltage from triggering the OVP. If the OVP situation still
exists after the blanking time, the power PFET is turned off.
The control logic contains a 4-bit binary counter that if the
battery overvoltage event occurs 16 times, the power PFET
is turned off permanently, as shown in Figure 7. Recycling
the input power or toggling the enable (EN) input will reset
the counter and restart the ISL9209B.
The resistor between the VB pin and the battery, RVB, (as
shown in the “Typical Application Circuit” on page 1) is an
important component. This resistor provides a current limit in
case the VB pin is shorted to the input voltage under a failure
mode. The VB pin leakage current under normal operation is
negligible to allow a resistance of 200k
Ω to 1MΩ be used.
Overcurrent Protection (OCP)
The current in the power PFET is limited to prevent charging
the battery with an excessive current. The current is sensed
using the voltage drop across the power FET after the FET is
turned on. The reference of the OCP is generated using a
sensing FET Q2, as shown in Figure 1. The current in the
sensing FET is forced to the value programmed by the ILIM
pin. The size of the power FET Q1 is 31,250 times the size
of the sensing FET. Therefore, when the current in the power
FET is 31,250 times the current in the sensing FET, the drain
voltage of the power FET falls below that of the sensing FET.
The comparator CP2 then outputs a signal to turn off the
power FET.
The OCP threshold can be calculated using Equation 1:
where the 0.8V is the regulated voltage at the ILIM pin. The
OCP comparator CP2 has a built-in 170µs delay to prevent
false triggering by transient signals. The OCP function also
has a 4-bit binary counter that accumulates during an OCP
event. When the total count reaches 16, the power PFET is
turned off permanently, unless the input power is recycled or
the enable pin is toggled. Figure 8 and Figure 9 illustrate the
waveforms during the power-up when the output is
short-circuited to ground.
Internal Over-Temperature Protection
The ISL9209B monitors its own internal temperature to
prevent thermal failures. When the internal temperature
reaches +140°C, the IC turns off the P-Channel power
MOSFET. The IC does not resume operation until the
internal temperature drops below +90°C.
External Enable Control
The ISL9209B offers an enable (EN) input. When the EN pin
is pulled to logic HIGH, the protection IC is shut down. The
internal control circuit as well as the power PFET are turned
off. Both 4-bit binary counters for the battery OVP and the
OCP are reset to zero when the IC is re-enabled. The EN pin
has an internal 200k
Ω pull-down resistor. Leaving the EN pin
floating or driving it to below 0.4V enables the IC.
I
LIM
0.8V
R
ILIM
--------------- 31250
25000
R
ILIM
----------------
=
=
(EQ. 1)
ISL9209B


Similar Part No. - ISL9209BIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9209BIRZ INTERSIL-ISL9209BIRZ Datasheet
599Kb / 11P
   Charging System Safety Circuit
logo
Renesas Technology Corp
ISL9209BIRZ RENESAS-ISL9209BIRZ Datasheet
942Kb / 11P
   Charging System Safety Circuit
More results

Similar Description - ISL9209BIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9209C INTERSIL-ISL9209C Datasheet
611Kb / 11P
   Charging System Safety Circuit
logo
Renesas Technology Corp
ISL9211A RENESAS-ISL9211A Datasheet
624Kb / 13P
   Charging System Safety Circuit
logo
Intersil Corporation
ISL9212A INTERSIL-ISL9212A Datasheet
489Kb / 11P
   Charging System Safety Circuit
ISL9212B INTERSIL-ISL9212B Datasheet
534Kb / 11P
   Charging System Safety Circuit
ISL9209B INTERSIL-ISL9209B Datasheet
599Kb / 11P
   Charging System Safety Circuit
logo
Renesas Technology Corp
ISL9212B RENESAS-ISL9212B Datasheet
877Kb / 11P
   Charging System Safety Circuit
logo
Intersil Corporation
ISL9212 INTERSIL-ISL9212 Datasheet
535Kb / 11P
   Charging System Safety Circuit
ISL9211A INTERSIL-ISL9211A Datasheet
385Kb / 12P
   Charging System Safety Circuit
ISL9211BIRU58XZ-T INTERSIL-ISL9211BIRU58XZ-T Datasheet
380Kb / 12P
   Charging System Safety Circuit
November 4, 2014
ISL9211A INTERSIL-ISL9211A Datasheet
202Kb / 12P
   Charging System Safety Circuit
August 25, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com