Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9012IRFJZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL9012IRFJZ
Description  Dual LDO with Low Noise, Low IQ, and High PSRR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9012IRFJZ Datasheet(HTML) 4 Page - Intersil Corporation

  ISL9012IRFJZ Datasheet HTML 1Page - Intersil Corporation ISL9012IRFJZ Datasheet HTML 2Page - Intersil Corporation ISL9012IRFJZ Datasheet HTML 3Page - Intersil Corporation ISL9012IRFJZ Datasheet HTML 4Page - Intersil Corporation ISL9012IRFJZ Datasheet HTML 5Page - Intersil Corporation ISL9012IRFJZ Datasheet HTML 6Page - Intersil Corporation ISL9012IRFJZ Datasheet HTML 7Page - Intersil Corporation ISL9012IRFJZ Datasheet HTML 8Page - Intersil Corporation ISL9012IRFJZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
FN9220.3
March 11, 2008
Output Noise Voltage
IO = 100µA, VO = 1.5V, TA = +25°C, CBYP = 0.1µF
BW = 10Hz to 100kHz (Note 6)
30
µVrms
DEVICE START-UP CHARACTERISTICS
Device Enable TIme
tEN
Time from assertion of the ENx pin to when the output voltage
reaches 95% of the VO(nom)
250
500
µs
LDO Soft-start Ramp Rate
tSSR
Slope of linear portion of LDO output voltage ramp during start-
up
30
60
µs/V
EN1, EN2 PIN CHARACTERISTICS
Input Low Voltage
VIL
-0.3
0.5
V
Input High Voltage
VIH
1.4
VIN+0.3
V
Input Leakage Current
IIL, IIH
0.1
µA
Pin Capacitance
CPIN
Informative
5
pF
POR PIN CHARACTERISTICS
POR Thresholds
VPOR+
As a percentage of nominal output voltage
91
94
97
%
VPOR-
87
90
93
%
POR Delay
tPLH
CPOR = 0.01µF
100
200
300
ms
tPHL
25
µs
POR Pin Output Low Voltage
VOL
@IOL = 1.0mA
0.2
V
POR Pin Internal Pull-Up
Resistance
RPOR
78
100
180
k
Ω
NOTES:
6. Limits established by characterization and are not production tested.
7. VOx = 0.98*VOx(NOM); Valid for VOx greater than 1.85V.
8. Parts are 100% tested at +25°C. Temperature limits established by characterization and are not production tested.
Electrical Specifications
Unless otherwise noted, all parameters are guaranteed over the operational supply voltage and temperature
range of the device as follows:
TA = -40°C to +85°C; VIN = (VO + 0.5V) to 6.5V with a minimum VIN of 2.3V; CIN = 1µF; CO = 1µF;
CBYP = 0.01µF; CPOR = 0.01µF (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8) UNITS
VPOR+
VPOR+
VPOR-
<tPHL
tPLH
tPHL
VO2
POR
EN2
tEN
VPOR-
FIGURE 1. TIMING PARAMETER DEFINITION
ISL9012


Similar Part No. - ISL9012IRFJZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9012IRFJZ INTERSIL-ISL9012IRFJZ Datasheet
235Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
ISL9012IRFJZ INTERSIL-ISL9012IRFJZ Datasheet
233Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
More results

Similar Description - ISL9012IRFJZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9014A INTERSIL-ISL9014A Datasheet
214Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Renesas Technology Corp
ISL9014A RENESAS-ISL9014A Datasheet
606Kb / 13P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Intersil Corporation
ISL9011AIRNNZ INTERSIL-ISL9011AIRNNZ Datasheet
320Kb / 12P
   Dual LDO with Low Noise, Low IQ and High PSRR
September 1, 2015
ISL9014AIRNNZ INTERSIL-ISL9014AIRNNZ Datasheet
211Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
March 11, 2008
ISL9012 INTERSIL-ISL9012 Datasheet
233Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
ISL9011A INTERSIL-ISL9011A Datasheet
208Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Renesas Technology Corp
ISL9011A RENESAS-ISL9011A Datasheet
584Kb / 12P
   Dual LDO with Low Noise, Low IQ and High PSRR
ISL9012 RENESAS-ISL9012 Datasheet
595Kb / 12P
   Dual LDO with Low Noise, Low IQ, and High PSRR
ISL9014 RENESAS-ISL9014 Datasheet
550Kb / 11P
   Dual LDO with Low Noise, Low IQ and High PSRR
logo
Intersil Corporation
ISL9014 INTERSIL-ISL9014_06 Datasheet
220Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
ISL9012 INTERSIL-ISL9012_06 Datasheet
235Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com