Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9021AIRUFZ-T Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL9021AIRUFZ-T
Description  250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9021AIRUFZ-T Datasheet(HTML) 2 Page - Intersil Corporation

  ISL9021AIRUFZ-T Datasheet HTML 1Page - Intersil Corporation ISL9021AIRUFZ-T Datasheet HTML 2Page - Intersil Corporation ISL9021AIRUFZ-T Datasheet HTML 3Page - Intersil Corporation ISL9021AIRUFZ-T Datasheet HTML 4Page - Intersil Corporation ISL9021AIRUFZ-T Datasheet HTML 5Page - Intersil Corporation ISL9021AIRUFZ-T Datasheet HTML 6Page - Intersil Corporation ISL9021AIRUFZ-T Datasheet HTML 7Page - Intersil Corporation ISL9021AIRUFZ-T Datasheet HTML 8Page - Intersil Corporation ISL9021AIRUFZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ISL9021A
2
FN7845.3
December 20, 2012
Block Diagram
Pin Configurations
ISL9021A
(6 LD 1.6x1.6 µTDFN)
TOP VIEW
ISL9021A
(4 BALL 0.975x1.155 WLCSP)
TOP VIEW
PASS ELEMENT
CONTROL
LOGIC
SHORT-CIRCUIT
PROTECTION
THERMAL PROTECTION
SOFT-START
TEMP
SENSOR
BANDGAP
VOLTAGE
AND
REFERENCE
GENERATOR
+
VIN
EN
VOUT
GND
1
2
3
4
5
6
VIN
GND
NC
VO
NC
EN
VIN
EN
GND
VOUT
A1
B1
A2
B2
Pin Descriptions
PIN
NAME
µTDFN
PIN #
WLCSP
PIN #
DESCRIPTION
VIN
1
B1
IC Supply/LDO Input. Connect a 1µF
capacitor to GND.
NC
2, 5
-
No Connect.
GND
4
A2
System ground pin.
EN
3
A1
LDO Enable. When this signal goes high,
the LDO is turned on.
VO,
VOUT
6
B2
LDO Output. Connect a 1µF to 4.7µF
capacitor to GND.
PAD
-
-
For µTDFN package option only. Connect it
to the system ground.


Similar Part No. - ISL9021AIRUFZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9021AIRUFZ-T INTERSIL-ISL9021AIRUFZ-T Datasheet
352Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
logo
Renesas Technology Corp
ISL9021AIRUFZ-T RENESAS-ISL9021AIRUFZ-T Datasheet
574Kb / 12P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
ISL9021AIRUFZ-T7A RENESAS-ISL9021AIRUFZ-T7A Datasheet
574Kb / 12P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
More results

Similar Description - ISL9021AIRUFZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9021II1Z-T INTERSIL-ISL9021II1Z-T Datasheet
265Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
January 14, 2010
logo
Renesas Technology Corp
ISL9021 RENESAS-ISL9021 Datasheet
494Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
logo
Intersil Corporation
ISL9021 INTERSIL-ISL9021 Datasheet
188Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
ISL9021A INTERSIL-ISL9021A Datasheet
352Kb / 10P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
logo
Renesas Technology Corp
ISL9021A RENESAS-ISL9021A Datasheet
574Kb / 12P
   250mA Single LDO with Low IQ, Low Noise and High PSRR LDO
logo
Intersil Corporation
ISL9003AIEJZ-T INTERSIL-ISL9003AIEJZ-T Datasheet
331Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
ISL9008IECZ-T INTERSIL-ISL9008IECZ-T Datasheet
181Kb / 10P
   Low Noise LDO with Low IQ and High PSRR
logo
Renesas Technology Corp
ISL9003A RENESAS-ISL9003A Datasheet
573Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
logo
Intersil Corporation
ISL9003 INTERSIL-ISL9003 Datasheet
186Kb / 10P
   Low Noise LDO with Low IQ And High PSRR
April 15, 2008
ISL9003A INTERSIL-ISL9003A Datasheet
297Kb / 12P
   Low Noise LDO with Low IQ and High PSRR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com