Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9016IRUMBZ-T Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL9016IRUMBZ-T
Description  150mA Dual LDO with Low Noise, High PSRR, and Low IQ
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9016IRUMBZ-T Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL9016IRUMBZ-T Datasheet HTML 3Page - Intersil Corporation ISL9016IRUMBZ-T Datasheet HTML 4Page - Intersil Corporation ISL9016IRUMBZ-T Datasheet HTML 5Page - Intersil Corporation ISL9016IRUMBZ-T Datasheet HTML 6Page - Intersil Corporation ISL9016IRUMBZ-T Datasheet HTML 7Page - Intersil Corporation ISL9016IRUMBZ-T Datasheet HTML 8Page - Intersil Corporation ISL9016IRUMBZ-T Datasheet HTML 9Page - Intersil Corporation ISL9016IRUMBZ-T Datasheet HTML 10Page - Intersil Corporation ISL9016IRUMBZ-T Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
ISL9016
10
Intersil products are manufactured, assembled and tested utilizing ISO9000 quality systems as noted
in the quality certifications found at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time
without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be
accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third
parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN6832.1
May 16, 2011
For additional products, see www.intersil.com/product_tree
Input and Output Capacitors
The ISL9016 provides a linear regulator that has low quiescent
current, fast transient response, and overall stability across the
recommended operating conditions. A ceramic capacitor (X5R or
X7R) with a capacitance of 1µF to 4.7µF with an ESR up to 200mΩ
is suitable for the ISL9016 to maintain its output stability. The
ground connection of the output capacitor should be connected
directly to the GND pin of the device, and also placed close to the
device. Similarly for the input capacitor, usually a 1µF ceramic
capacitor (X5R or X7R) is suitable for most cases, but if large, fast
rising-time load transient condition is expected, a higher value
input capacitor may be necessary to achieve better performance.
Board Layout Recommendations
A good PCB layout will be an important step to achieve good
performance. It is recommended to design the board with
separate ground planes for input and output, and connect both
ground planes at the GND pin of the device. Consideration should
be taken when placing the components and route the trace to
minimize the ground impedance, as well as keep the parasitic
inductance low. Usually the input/output capacitors should be
placed close to the device with good ground connection.
Products
Intersil Corporation is a leader in the design and manufacture of high-performance analog semiconductors. The Company's products
address some of the industry's fastest growing markets, such as, flat panel displays, cell phones, handheld products, and notebooks.
Intersil's product families address power management and analog signal processing functions. Go to www.intersil.com/products for a
complete list of Intersil product families.
*For a complete listing of Applications, Related Documentation and Related Parts, please see the respective device information page
on intersil.com: ISL9016
To report errors or suggestions for this datasheet, please go to: www.intersil.com/askourstaff
FITs are available from our website at: http://rel.intersil.com/reports/sear
Revision History
The revision history provided is for informational purposes only and is believed to be accurate, but not warranted. Please go to web to make
sure you have the latest revision.
DATE
REVISION
CHANGE
April 26, 2011
FN6832.1
Added ISL9016IRUCCZ-T to Ordering Information table.
January 22, 2009
FN6832.0
Initial release.


Similar Part No. - ISL9016IRUMBZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9016IRUMBZ-T INTERSIL-ISL9016IRUMBZ-T Datasheet
207Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR, and Low IQ
logo
Renesas Technology Corp
ISL9016IRUMBZ-T RENESAS-ISL9016IRUMBZ-T Datasheet
558Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR, and Low IQ
More results

Similar Description - ISL9016IRUMBZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9016A RENESAS-ISL9016A Datasheet
753Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR and Low IQ
August 3, 2016
ISL9016 RENESAS-ISL9016 Datasheet
558Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR, and Low IQ
logo
Intersil Corporation
ISL9016 INTERSIL-ISL9016 Datasheet
207Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR, and Low IQ
ISL9014A INTERSIL-ISL9014A Datasheet
214Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Renesas Technology Corp
ISL9014A RENESAS-ISL9014A Datasheet
606Kb / 13P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Intersil Corporation
ISL9011AIRNNZ INTERSIL-ISL9011AIRNNZ Datasheet
320Kb / 12P
   Dual LDO with Low Noise, Low IQ and High PSRR
September 1, 2015
ISL9014AIRNNZ INTERSIL-ISL9014AIRNNZ Datasheet
211Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
March 11, 2008
ISL9012 INTERSIL-ISL9012 Datasheet
233Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
ISL9011A INTERSIL-ISL9011A Datasheet
208Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Renesas Technology Corp
ISL9011A RENESAS-ISL9011A Datasheet
584Kb / 12P
   Dual LDO with Low Noise, Low IQ and High PSRR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com